Part Number Hot Search : 
CRA04S MAX168 780208 LB1950 A41181 8108A VAL1Z 3DMXX
Product Description
Full Text Search
 

To Download GP1S34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP1S34
GP1S34
s Features
1. Ultra-compact package 2. PWB mounting type 3. High sensing accuracy ( Slit width : 0.1mm ) 4. With a mounting hole
Subminiature, High Sensing Accuracy Photointerrupter
s Outline Dimensions
4
( Unit : mm )
3
Internal connection diagram
1 1 Anode 2 Collector
2 3 Emitter 4 Cathode
s Applications
1. Cameras 2. Floppy disk drives 3. Handy scanners
Center of light path
4.2 1.4 1.2 2.8 (1)
Slit width of 1.45 detector side : 0.1mm
4.2 (C0.8)
5.2
3.9
4.0MIN.
4 - 0.15 + 0.2 - 0.1 g3.1 1 2
Rest of gate 4 - 0.5 g2.5
1.5 -
+ 0.1 0 hole
4
3
* Tolerance : 0.2mm * Burr's dimensions : 0.15MAX. * Rest of gate: 0.3MAX. * ( ) : Reference dimensions * The dimensions indicated by g refer to those measured from the lead base.
s Absolute Maximum Ratings
Parameter Forward current Reverse voltage Power dissipation Collector-emitter voltage Emitter-collector voltage Collector current Collector power dissipation Total power dissipation Operating temperature Storage temperature *1 Soldering temperature Symbol IF VR P VCEO VECO IC PC P tot T opr T stg T sol
( Ta = 25C )
Rating 50 6 75 35 6 20 75 100 - 25 to + 85 - 40 to + 100 260 Unit mA V mW V V mA mW mW C C C
Input
Output
Soldering area
*1 For 5 seconds
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device."
1mm or more
GP1S34 s Electro-optical Characteristics
Input Output Transfer characteristics Parameter Forward voltage Reverse current Collector dark current Collector current Collector-emitter saturation voltage Rise time Response time Fall time Symbol VF IR ICEO IC V CE(sat) tr tf Conditions IF = 20mA VR = 3V VCE = 20V VCE = 5V, I F = 5mA IF = 10mA, I C = 50 A VCE = 5V, I C = 100 A RL = 1 000 MIN. 80 TYP. 1.2 50 50
( Ta = 25C )
MAX. 1.4 10 100 320 0.4 150 150 Unit V A nA A V s s
Fig. 1 Forward Current vs. Ambient Temperature
60
Fig. 2 Power Dissipation vs. Ambient Temperature
120 P tot
50 Forward current I F ( mA ) Power dissipation P ( mW )
100
40
80
P, P c
30
60
20
40
10 0 - 25
20 0 - 25
0
25
50
75 85
100
0
25
50
75 85
100
Ambient temperature T a ( C )
Ambient temperature T a ( C )
Fig. 3 Forward Current vs. Forward Voltage
500 200 Forward current I F ( mA ) 100 50 20 10 5 2 1 0 0.5 1 1.5 2 2.5 3 Forward voltage V F ( V ) T a = 75C 50C 25C 0C - 25C
Fig. 4 Collector Current vs. Forward Current
2.0 Collector current I C ( mA ) 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 VCE = 5V T a = 25C
Forward current IF ( mA )
GP1S34
Fig. 5 Collector Current vs. Collector-emitter Voltage
2.0 Collector current I C ( mA ) 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 2 4 6 8 10 - 25 0 25 50 75 85 10mA 5mA 20mA I F = 50mA 40mA 30mA ( A) 200
Fig. 6 Collector Current vs. Ambient Temperature
250 VCE=5V IF=5mA
C
Collector current I
150
100
50
Collector-emitter voltage V CE ( V )
Ambient temperature Ta ( C )
Fig. 7 Collector-emitter Saturation Voltage vs. Ambient Temperature
Collector-emitter saturation voltage VCE(sat) ( V ) I F = 10mA I C = 50 A
Fig. 8 Collector Dark Current vs. Ambient Temperature
10
-6
5
V CE = 20V
Collector dark current I CEO (A)
2
10
-7
0.20
5 2
10
-8
5 2
0.15
10
-9
5
0.10 - 25 0 25 50 75 85 Ambient temperature T a ( C ) 10
2
- 10
0
25 50 75 Ambient temperature T a ( C )
100
Fig. 9 Response Time vs. Load Resistance
VCE = 5V I C = 100 A T a = 25C
tr 100 Response time ( s ) tf td
Test Circuit for Response Time
10 ts
VCC Input RD RL Output
Input Output
10% 90%
1 0.5 0.3 0.5 1.0 5.0 10
td tr
ts tf
Load resistance R L ( k )
GP1S34
Fig.10 Relative Collector Current vs. Shield Distance ( 1 ) Fig.11 Relative Collector Current vs. Shield Distance ( 2 )
L= 0 + I F = 5mA VCE = 5V T a = 25C L 1 2 3 Shield distance L ( mm )
Relative collector current ( % )
100 90 L 80 70 60 50 40 30 20 10 - 0.5 - 0.25 0
Relative collector current ( % )
Shield 0.2 max 0.2 0 + Emitter Detector I F = 5mA VCE = 5V T a = 25C
100 90 80 70 60 50 40 30 20 10
Shield
0.25
Shield distance L ( mm )
q
Please refer to the chapter " Precautions for Use".


▲Up To Search▲   

 
Price & Availability of GP1S34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X