Part Number Hot Search : 
TLP16 B89P8 ADM207 SZ156I RU4AM HL2205 CMKT3946 LPC2132
Product Description
Full Text Search
 

To Download GP1S09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP1S09
GP1S09
s Features
1. Snap-in mounting type 2. Can be mounted on 2 different thickness boards ( 1.0mm, 1.6mm ) 3. 3-pin connector terminal 4. Wide gap between light emitter and detector ( 5mm )
Photointerrupter with Connector
s Outline Dimensions
5.9
+1.0 - 0.5 0.3
( Unit : mm )
Internal connection diagram 3 1 Anode 2 GND 2 3 Collector 1 6.0 3.0 0.8 0.1 Slit width
8.4
4.0
21.8 16.0 0.9 6.5 4.5 5.0 4.5 10.5
s Applications
1. Copiers 2. Printers 3. Facsimiles
1.7
g 5.9 0.6 1.7
9.9
32
1 2 - 1.6 4.0
1.6
1.5 0.9
2 - 4.0 2 - 8.0 11.8 2 - 3.0
2 - 0.9 10.2
2 - 0.9
* Unspecified tolerances shall be as follows; Dimensions(d) Tolerance d<5.0 0.15 5.0 <=d<15.0 0.2 15.0 <=d 0.3 * ( ) : Reference dimensions g MOLEX JAPAN CO., LTD. made connector 5267-03A Recommended connector on the inserted side Housing : 5264-03 Terminal : 5263 PBT etc
s Absolute Maximum Ratings
Parameter Forward current *1 Peak forward current Reverse voltage Power dissipation Collector-emitter voltage Emitter-collector voltage Collector current Collector power dissipation *2 Operating temperature *2 Storage temperature Symbol IF I FM VR P V CEO V ECO IC PC T opr T stg Rating 50 1 6 75 35 6 20 75 - 25 to + 75 - 40 to + 85
( Ta= 25C )
Unit mA A V mW V V mA mW C C
Input
Output
*1 Pulse width<= 100 s, Duty ratio= 0.01 *2 The connector should be plugged in/out and the unit's hook should be used at normal temperature
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device."
GP1S09 s Electro-optical Characteristics
Parameter Forward voltage Peak forward voltage Reverse current Collector dark current Collector Current Collector-emitter saturation voltage Rise time Response time Fall time Symbol VF V FM IR ICEO Ic V CE(sat) tr tf Conditions IF = 20mA IFM = 0.5A VR = 3V VCE = 20V IF = 20mA, VCE = 5V IF = 40mA, I C = 1mA V CE = 2V, I C = 2mA, R L= 100 MIN. 0.5 -
( Ta = 25C )
TYP. MAX. 1.2 1.4 3 4 10 1 x 10 - 9 1 x 10 - 7 1.5 0.4 3 15 4 20 Unit V V A A mA V s s
Input Output Transfer characteristics
Fig. 1 Forward Current vs. Ambient Temperature
60
Fig. 2 Collector Power Dissipation vs. Ambient Temperature
Collector power dissipation P c ( mW ) 80 75 70 60 50 40 30 20 10 0 - 25 0 25 50 75 100
50 Forward current I F ( mA )
40
30
20
10 0 - 25
0
25
50
75
100
Ambient temperature T a ( C )
Ambient temperature T a ( C )
Fig. 3 Peak Forward Current vs. Duty Ratio
Pulse width <=100 s T a = 25C
Fig. 4 Forward Current vs. Forward Voltage
500 200 Forward current I F ( mA ) 100 50 20 10 5 2 T a = 75C 50C 25C 0C - 25C
2000 Peak forward current I FM ( mA ) 1000 500
200 100 50 20
5
1 10 - 2
2 5
10 - 1
2
5
1
0
0.5
1
1.5
2
2.5
3
3.5
Duty ratio
Forward voltage V F ( V )
GP1S09
Fig. 5 Collector Current vs. Forward Current
12 V CE = 5V T a = 25C Collector current I C ( mA ) 10 T a = 25C I F = 50mA
Fig. 6 Collector Current vs. Collector-emitter Voltage
10 Collector current I C ( mA )
40mA 8 30mA 6 20mA 4 10mA 2 0 0 10 20 30 40 50 0 2 4 6 8 10 Forward current I F ( mA ) Collector-emitter voltage VCE ( V ) 8 6
4
2 0
Fig. 7 Collector Current vs. Ambient Temperature
6 I F = 20mA V CE = 5V
Fig. 8 Collector-emitter Saturation Voltage vs. Ambient Temperature
0.16 0.14 Collector-emitter saturation voltege V CE ( sat ) ( V ) 0.12 0.10 0.08 0.06 0.04 0.02 I F = 40mA I C = 1mA
5 Collector current I C ( mA )
4
3
2
1 0 - 25
0
25
50
75
100
0 - 25
0
25
50
75
100
Ambient temperature T a ( C )
Ambient temperature T a ( C )
Fig. 9 Response Time vs. Load Resistance
100 50 20 10 5 2 1 0.5 0.3 0.05 0.1 ts 0.2 0.5 1 2 5 10 tf tr td td tr ts tf V CE = 2V I C = 2mA T a = 25C Input RD
Test Circuit for Response Time
VCC RL Output
Input Output
Response time ( s )
10 % 90 %
Load resistance RL ( k )
GP1S09
Fig.10 Frequency Response
V CE = 2V I C= 2mA T a = 25C
Fig.11 Collector Dark Current vs. Ambient Temperature
10 - 6
5
V CE= 20V
(A)
0 Voltage gain A V ( dB )
2
CEO
10 - 7
5 2
-5 RL= 10k 1k 100
Collector dark current I
10 - 8
5 2
- 10
10 - 9
5 2
- 15
- 20
2 5 10 3 2 5 10 4 2 5 10 5 2 5 10 6
10 - 10 0 25 50 75 100 Frequency f ( Hz ) Ambient temperature T a ( C )
Fig.12 Relative Collector Current vs. Shield Distance ( 1 )
I F = 20mA,V CE= 5V T a = 25C L Detector
Fig.13 Relative Collector Current vs. Shield Distance ( 2 )
I F = 20mA, V T a = 25C Relative collector current ( % ) 100 L
CE =
5V ( Detector center ) +5 4.9 3.2 21.9
100 Relative collector current ( % )
Shield 0 Detector +
Shield + 0 ( Detector center )
50
50
0 -3
-2
-1
0
+1
+2
+3
+4
+5
0 -3
-2
-1
0
+1
+2
+3
+4
Shield distance L ( mm )
Shield distance L ( mm )
s Recommended Mounting Holes
( Following dimensions are recommended values, so confirm the intensity by using actual equipment before mounting. )
4.2 4.0 4.2 6.9
4.2
8.0
3.2
21.9
8.0
+ 0.17 0.12
1.0 -
+ 0.17 0.12
8.0
1.6 -
8.0
Mounting method
Recommended mounting holes
Mounting method
Recommended mounting holes
Board thickness t = 1.0mm
Board thickness t = 1.6mm
8.2
GP1S09 s Precautions for Use
( 1 ) In this product, the PWB is fixed with a hook, and cleaning solvent may remain inside the case; therefore, dip cleaning or ultrasonic cleaning are prohibited. ( 2 ) Remove dust or stains, using an air blower or a soft cloth moistened in cleaning solvent. However, do not perform the above cleaning using a soft cloth with cleaning solvent in the marking portion. In this case, use only the following type of cleaning solvent for wiping off : Ethyl alcohol, Methyl alcohol, Isopropyl alcohol When the cleaning solvents except for specified materials are used, please consult us. ( 3 ) As for other general cautions, refer to the chapter" Precautions for Use " .


▲Up To Search▲   

 
Price & Availability of GP1S09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X