Part Number Hot Search : 
HD74AL 038720 IT310 BUK75 M7M11 XMXXX 1N5377B M5L8216P
Product Description
Full Text Search
 

To Download GP10Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP10A THRU GP10Y
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER Reverse Voltage - 50 to 1600 Volts Forward Current - 1.0 Ampere
D TENTE PA
DO-204AL
FEATURES
1.0(25.4) MIN.
0.107(2.70) 0.080(2.0) DIA.
* * * *
0.205(5.20) 0.160(4.10)
1.0(25.4) MIN.
GPRC (Glass Passivated Rectifier Chip) inside Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 o o 1.0 Ampere operation at TA=75 C and 55 C with no thermal runaway * Typical IR less than 0.1uA o * High temperature soldering guaranteed: 260 C/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension * Plastic package has Underwriters Laboratory Flammability Classification 94V-0
0.034(0.86) 0.028(0.71) DIA.
MECHANICAL DATA
Case : JEDEC DO-204AL molded plastic over glass body Terminals : Plated axial leads , solderable per MIL-STD-750, Method 2026 Polarity : Color band denotes cathode end Mounting Position : Any Weight : 0.012 ounes , 0.3 gram
*Dimensions in inches and (millimeters)
TM
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature SYMBOLS unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current I (AV) 0.375" (9.5mm) lead length (SEE FIG.1) Peak forward surge current 8.3ms single half sine-wave IFSM superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0 A Maximum DC reverse current at rated DC blocking voltage Typical junction capacitance (NOTE 1) Typical thermal resistance (NOTE 2) Operating junction and storage temperature range TA=25 C o TA=125 C o TA=150 C
o o
GP10 A B
100 70 100
UNITS N Q T V W Y Volts Volts Volts Amps
D
200 140 200
G
400 280 400
J
600 420 600
K
M
VRRM VRMS VDC
50 35 50
800 1000 1100 1200 1300 1400 1500 1600 560 700 770 840 910 980 1050 1120
800 1000 1100 1200 1300 1400 1500 1600
1.0
30
25
Amps
VF
1.0 5 30 50 10 55 -65 to +175
1.25 5 50 -
Volts
IR
uA
CJ R
JA
pF
o
C/W
o
TJ,TSTG
-55 to +150
C
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (2) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B. mounted.
REV. : 0
Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES GP10A THRU GP10Y
FIG.1 - FORWARD CURRENT DERATING CURVE 1.0 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 30 PEAK FORWARD SURGE CURRENT, AMPERES
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
25
GP10A~GP10M GP10N~GP10Y
20
0.5
GP10A~GP10M
15 GP10N~GP10Y
10
0.375" (9.5mm) LEAD LENGTH
0 0 25 50 75 100 125
o
5.0 150 175 1 10 NUMBER OF CYCLES AT 60Hz 100 AMBIENT TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20.0
INSTANTANEOUS FORWARD CURRENT, AMPERES
FIG.4 - TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
10.0
GP10A~GP10M
10
1.00
TJ = 25 C PULSE WIDTH=300uS 1% DUTY CYCLE
o
1
0.01
GP10N~GP10Y
TJ=100 C TJ=125 C
o
o
0.1 0 20 40 60 80 100 110 PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01 0.6
0.7
0.8 0.9 1.0
1.1 1.2 1.3
1.4
1.5
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
200
JUNCTION CAPACITANCE, pF
TJ = 25 C
o
100 60 40
20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, VOLTS
REV. : 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of GP10Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X