Part Number Hot Search : 
SO1316 00BZX 141X1L BB510 ZMY3V0 TA7279 M66311P 2SD209
Product Description
Full Text Search
 

To Download GP10M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
1.0 Amp MEGARECTIFIERS
Mechanical Dimensions
JEDEC D0-41
.080 .107 .205 .160 1.00 Min.
GP10A . . . 10M Series
Description
.031 typ.
Features
n HIGH TEMPERATURE METALLURGICALLY BONDED CONSTRUCTION n SINTERED GLASS CAVITY-FREE JUNCTION n 1.0 AMP OPERATION @ TA = 55C, WITH NO THERMAL RUNAWAY n TYPICAL IR < 0.1 Amp
Electrical Characteristics @ 25 oC. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) Current 3/8" Lead Length @ TA = 75C Non-Repetitive Peak Forward Surge Current...IFSM 1/2 Sine Wave Superimposed on Rated Load Forward Voltage @ 1.0A...VF Full Load Reverse Current...IR(av) Full Cycle Average @ TA = 75C DC Reverse Current...IR @ Rated DC Blocking Voltage TA = 75C TA = 125C
GP10A . . . 10M Series GP10A 50 35 50 GP10B 100 70 100 GP10D 200 140 200 GP10G GP10J 400 280 400 600 420 600 GP10K GP10M 800 560 800 1000 700 1000
Units
Volts Volts Volts Amps Amps Volts
............................................. 1.0 ............................................... ............................................. 3 0 ............................................... < ............................. 1.1 .......................... > < .... 1.2 .... >
............................................. 3 0 ............................................... Amps
............................................. 5.0 ............................................... ............................................. 5 0 ............................................... < ............................. 8.0 .......................... > < .... 7.0 .... > ............................................. 5 5 ............................................... ............................................. 2.0 ............................................... ......................................... -65 to 175 ..........................................
Amps Amps pF C / W S C
Typical Junction Capacitance...CJ (Note 1) Typical Thermal Resistance...RJA (Note 2) Typical Reverse Recovery Time...tRR (Note 3) Operating & Storage Temperature Range...TJ, TSTRG
Page 6-6
Data Sheet
1.0 MEGARECTIFIERS
Forward Current Derating Curve
RESISTIVE OR INDUCTIVE LOAD
0.375 (9.5mm) LEAD LENGTH
TA = Ambient Temperature (C) Non-Repetitive Peak Forward Surge Current
TJ = 75C 8.3 mS Single Half Sine Wave (Jedec Method)
Typical Junction Capacitance
TJ = 25C f = 1.0 MHZ VSIG = 50mVp-p
Amps
Number of Cycles @ 60 HZ Typical Instantaneous Forward Characteristics
pF
Reverse Voltage (Volts) Typical Reverse Characteristics
TJ = 125C
Amps
Amps
TJ = 25C Pulse Width = 300S 1% Duty Cycle
TJ = 75C
TJ = 25C
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Volts
Percent of Rated Peak Voltage
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance from Junction to Ambient at 3/8" Lead Length, P.C. Board Mounted. 3. Reverse Recovery Condition IF = 0.5A, IR = 1.0A, IRR = 0.25A.
Page 6-7
GP10A . . . 10M Series
Amps


▲Up To Search▲   

 
Price & Availability of GP10M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X