Part Number Hot Search : 
WP711 936818 SBR10 TLC154P NTE127 UAA3500 35507 33100
Product Description
Full Text Search
 

To Download GLF201208T4R7M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (1/2)
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLF Series GLF201208
FEATURES * It is low profile type. * It is lead-free compatible. The product contains no lead whatsoever. It is able to withstand high temperature reflows (260C during the peak) used in lead-free soldering. * It is a product conforming to RoHS directive. * It's construction supports bulk mounting. APPLICATIONS Portable audio visual devices (DSC, DVC, etc.) Mobile communication devices (cellular phones, LCD panel, etc.) SPECIFICATIONS
Operating temperature range Storage temperature range -40 to +105C [Including self-temperature rise] -40 to +105C
Conformity to RoHS Directive
PRODUCT IDENTIFICATION GLF (1) 201208 T 1R0 M (2) (3) (4) (5)
(1) Series name (2) Dimensions
201208 2.0x 1.2x 0.8mm(Lx Wx T)
RECOMMENDED SOLDERING CONDITIONS REFLOW SOLDERING
Withstanding soldering heat condition Solderability condition Peak 260C 230C 200C 30s 70s Preheating 100 to 150C/120s 140 to 180C/120s Time(s) Natural cooling
(3) Packaging style
T Taping (reel)
(4) Inductance
1R0 100 1H 10H
(5) Inductance tolerance
M 20%
PACKAGING STYLE AND QUANTITIES
Packaging style Taping Quantity 4000 pieces/reel
* Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
* All specifications are subject to change without notice. 001-02 / 20060904 / e531_glf201208.fm
(2/2)
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
2.00.10 1.250.10 0.80.10 0.80 0.80 1.00 2.60 0.80 Dimensions in mm
0.450.15
0.450.15
Weight:10mg Dimensions in mm
ELECTRICAL CHARACTERISTICS
Inductance (H) 1 2.2 4.7 10 22 47
1 2 3
Inductance tolerance (%) 20 20 20 20 20 20
DC resistance ()20% 0.15 0.36 0.66 1.1 2.6 5.3
Rated current1 (mA)max. 340 220 160 130 80 60
Rated current2 (mA)max. 460 300 230 170 110 80
Rated current3 (mA)max. 560 380 300 230 130 100
Part No. GLF201208T1R0M GLF201208T2R2M GLF201208T4R7M GLF201208T100M GLF201208T220M GLF201208T470M
Rated current based on inductance variation: Current when inductance decreases by 10% of the initial value due to direct current superimposed characteristics Rated current based on inductance variation: Current when inductance decreases by 20% of the initial value due to direct current superimposed characteristics Rated current based on increasing product temperature: Current when temperature of the product reaches +20C
TYPICAL ELECTRICAL CHARACTERISTICS INDUCTANCE vs. FREQUENCY CHARACTERISTICS
1000
INDUCTANCE vs. DC SUPERPOSITION CHARACTERISTICS
1000
100 Inductance(H) 47H 22H 10 10H 4.7H 2.2H 1 1H
100 Inductance(H) 47H 22H 10 10H 4.7H 1 2.2H 1H
0.1 0.1
1 Frequency (MHz)
10
100
0.1
1
10 DC current(mA)
100
1000
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
100000
10000 47H Impedance() 1000 22H 10H 100 4.7H 10 1H 1 0.1 1 Frequency (MHz) 10 100 2.2H
* All specifications are subject to change without notice. 001-02 / 20060904 / e531_glf201208.fm


▲Up To Search▲   

 
Price & Availability of GLF201208T4R7M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X