Part Number Hot Search : 
IRU431L BD506 BD506 152SV24 XY6112P 74911 2SA1599 1608X7R
Product Description
Full Text Search
 

To Download GL461 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GL460/GL461
GL460/GL461
s Features
1. Small double-end type package ( packaging area : 37% smaller than GL480 ) 2. High output power type ( GL461 ) 3. Taped models 2,000pcs/reel ( GL460T / GL461T )
Double Ended Mold Type Infrared Emitting Diode
s Outline Dimensions
0.7 2 Mark GL460 None GL461 Green (1.5) 2.6MAX. R1.0 1.5 Pink transparent epoxy resin
( Unit : mm )
0.25
14.0MIN.
R1.0
0.4 5 4.0 3.0 5 5
s Applications
1. Floppy disk drives 2. VCRs 3. Audio equipment
5 15.5MIN. 2.5 1.0
R0.3
1.6
1
0.5
2
5
2.5 0.2
5
1 Anode 2 Cathode
s Absolute Maximum Ratings
Parameter Power dissipation Forward current *1 Peak forward current Reverse voltage Operating temperature Storage temperature *2 Soldering temperature Symbol P IF IFM VR T opr T stg T sol
( Ta = 25C )
Rating 150 50 1 6 - 25 to + 85 - 40 to + 85 260 Unit mW mA A V C C C
1 5
5
*1 Pulse width <= 100 s, Duty ratio = 0.01 *2 For MAX. 3 seconds at the position of 2.5mm from the bottom face of resin package.
s Electro-optical Characteristics
Parameter Forward voltage Peak forward voltage Reverse current Terminal capacitance Response frequency GL460 GL461 Peak emission wavelength Half intensity wavelength Half intensity angle Radiant flux Symbol VF V FM IR Ct fc e P Conditions IF= 20mA IFM = 0.5A VR= 3V VR= 0V, f= 1MHz IF= 20mA IF= 5mA IF= 5mA IF= 20mA MIN. 1.0 1.8 TYP. 1.2 2.2 20 300 950 45 40
( Ta = 25C )
MAX. 1.5 4.0 10 4.0 7.2 Unit V V A pF kHz mW nm nm
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device."
GL460/GL461
Fig. 1 Forward Current vs. Ambient Temperature
60
Fig. 2 Peak Forward Current vs. Duty Ratio
Pulse width <=100 s T a = 25C Peak forward current I FM ( mA ) 1000
50 Forward current I F ( mA )
40
30
100
20
10
10
0 - 25
0
25
50
75 85 100
125
1 10
-4
10
-3
10
-2
10
-1
1
Ambient temperature T a ( C )
Duty ratio
Fig. 3-a Spectral Distribution
120
(GL460 )
I F = 20mA T a = 25C
Fig. 3-b Spectral Distribution
120
(GL461 )
I F = 20mA T a = 25C
100 Relative radiant intensity ( % ) Relative radiant intensity ( % ) 880 900 920 940 960 980 1000 1020 1040
100
80
80
60
60
40
40
20
20
0 Wavelength ( nm)
0 880 900 920 940 960 980 1000 1020 1040 Wavelength ( nm )
Fig. 4 Peak Emission Wavelength vs. Ambient Temperature
1000 I F = const. 975
Fig. 5 Forward Current vs. Forward Voltage
500 T a = 75C 200 50C Forward current I F ( mA ) 100 50 20 10 5 2 1 0C - 20C 25C
Peak emission wavelength P ( nm )
950
925
900 - 25
0
25
50
75
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Ambient temperature Ta ( C )
Forward voltage VF ( V )
GL460/GL461
Fig. 6 Relative Radiant Flux vs. Ambient Temperature
20 IF = cont. 10 10 2 5 Relative radiant flux 2 1 0.5 0.2 0.1 - 25 10 0 25 50 75 100 Ambient temperature T a ( C )
-1
Fig. 7 Radiant Flux vs. Forward Current
10 3 DC Pulse ( Pulse width <= 100 s )
Radiant flux e ( mW )
10
GL461
GL460
1
1
10
10 2
10 3
10 4
Forwad current IF ( mA )
Fig. 8 Relative Collector Current vs. Distance ( Detector : PT460 )
10 3
Fig. 9 Radiation Diagram
- 20 - 10 0 + 10 100 - 30 80 Relative radiant intensity ( % ) + 30 + 20
Relative collector current ( % )
10 2 - 40 10 - 50 - 60 - 70 - 80 10
-1
60 + 40 40
+ 50 + 60
1
20 + 70 + 80 + 90 0
1
10
10 2
10 3
- 90 Angular displacement
Distance to detector d ( mm)
GL460/GL461
s Taping Specifications ( GL460T /GL461T )
Blue tape
*A
White tape
Z
t S T
h L1 W
t L2 T S Center of cathode marking
*A :
H
W 26 + 1.5 - 0.0
( Note 1) P 5 + 0.5 - 0.5
L2L1 -
Z
P
T 6 + 10 - 10
Z 1.2
MAX
h 0.5
MAX
S 0.8
MAX
( Note 2) t 0.5
MIN
H 2.5
MAX
A (4.5)
( Note 1 ) Tolerance of 20 pitches is 2mm. ( Note 2 ) The lead's overlapping length on the tape.
s Packing Specification ( GL460T /GL461T )
Blue tape (Cathode )
White tape (Anode )
26
0
52 51
Label
( 1 ) Packing form Box type a ) The tape is zigzag-folded with 50 pcs. of IR LEDs per fold. b ) IR LED inserting portions for 50 to 60 pcs. on the tape's starting and ending p arts are not stuffed. c) For the taping of cathode pin, blue tape is used, and for anode pin, white tape in used. ( 2 ) Packing quantity 2 000 pcs. per box
q Please refer to the chapter " Precautions for Use "


▲Up To Search▲   

 
Price & Availability of GL461

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X