Part Number Hot Search : 
LB1268CN KRX208E W91320N MP2207DN 102ME D4812 88XS30D4 68340
Product Description
Full Text Search
 

To Download GIB1404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
GIB1401 THRU GIB1404
FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 200 Volts
TO-263AB
0.380 (9.65) 0.420 (10.67) 0.245 (6.22) MIN K 0.047 (1.19) 0.055 (1.40) 0.160 (4.06) 0.190 (4.83) 0.045 (1.14) 0.055 (1.40)
Forward Current - 8.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated chip junction Low power loss Low leakage current High surge capability Superfast recovery time for high efficiency High temperature soldering in accordance with CECC 802 / Reflow guaranteed
0.320 (8.13) 0.360 (9.14) 1 K 2 0.575 (14.60) 0.625 (15.88)
SEATING PLATE
-T-
0.090 (2.29) 0.110 (2.79) 0.018 (0.46) 0.025 (0.64) 0.027 (0.686) 0.037 (0.940) 0.080 (2.03) 0.110 (2.79)
0.095 (2.41) 0.100 (2.54)
MECHANICAL DATA
Case: JEDEC TO-263AB molded plastic body Terminals: Lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Weight: 0.064 ounce, 1.81 grams
PIN 1 K - HEATSINK PIN 2
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
GIB1401
GIB1402
GIB1403
GIB1404
UNITS
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=125C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) at TC=125C Maximum instantaneous forward voltage at: IF=4A, TJ=100C IF=8A, TJ=100C IF=4A, TJ=25C IF=8A, TJ=25C Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating and storage temperature range
NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to case mounted on heatsink
VRRM VRMS VDC I(AV) IFSM
50 35 50
100 70 100 8.0 125.0
150 105 150
200 140 200
Volts Volts Volts Amps Amps
VF
0.800 0.895 0.900 0.975 5.0 150.0 35.0 85.0 2.25 -65 to +150
Volts
TC=25C TC=100C
IR trr CJ RJC TJ, TSTG
A ns pF C/W C
4/98
RATINGS AND CHARACTERISTIC CURVES GIB1401 THRU GIB1404
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
12 10
INFINITE HEATSINK MOUNTING, TC
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
150 125 100 75 50 25 0 1
TC=125C 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
8.0 6.0 4.0 2.0 0 0 50 100 150
TEMPERATURE, C
FREE AIR RATING, TA P.C.B. MOUNTING
10
NUMBER OF CYCLES AT 60 HZ
100
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS
80
100
INSTANTANEOUS FORWARD CURRENT, AMPERES
TJ=125C TJ=25C
10
INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
PULSE WIDTH=300s 1% DUTY CYCLE TJ=125C
10
TJ=100C
1
0.1
1
0.01 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1 1.2
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.1
TJ=25C
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
1,000
TJ=25C f=1.0 MHZ Vsig=50mVp-p
0.01 0
20
40
60
80
100
JUNCTION CAPACITANCE, pF
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
100
10 0.1 1 10.0 100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of GIB1404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X