Part Number Hot Search : 
ACM2004C 00EL1 CJ100A FX407A BC557 TA1327A YF333 1004P
Product Description
Full Text Search
 

To Download GHR16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR15, GHR16
Photoflash Rectifiers Reverse Voltage 1500-1600 Volts Forward Current 0.3/0.5 Ampere
Features
Fast switching Low leakage High forward surge current capability
Mechanical Data
Case: R-1 molded epoxy with UL94V-0 flammability classification Polarity: Color band denotes cathode end Weight: 0.0073 ounce, 0.2 gram Terminals: High temperature soldering guaranteed: 260oC/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Maximum Ratings and Electrical Characteristics
Ratings at 25oC ambient temperature unless otherwise specified.
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55oC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum full load reverse current, full cycle average, 0.375" (9.5mm) lead length at TL=55oC Maximum instantaneous forward voltage drop at 0.5A Maximum DC reverse current at rated DC blocking voltage at TA=25oC Maximum reverse recovery time at IF=0.5A, IR=1.0A, Irr=0.25A Typical junction capacitance at 4.0V, 1MHz Operating junction and storage temperature range
Symbols VRRM VRMS V DC IF(AV) IFSM IR(AV) VF IR trr CJ TJ, TSTG
F R 15 1500 1050 1500 300 15.0 1.5 10.0 500 10 -55 to +125
GHR16 1600 1120 1600 500 20.0 100
Units Volts Volts Volts mAmps Amps uA Volts
5.0 300
uA ns pF
-55 to +150
o
C
735
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
736


▲Up To Search▲   

 
Price & Availability of GHR16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X