Part Number Hot Search : 
GM5115H 4565D BU4914F RX301 S4014BH ZD03V9 P20TR75 TIP8B550
Product Description
Full Text Search
 

To Download GHB-SOT23D-Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 55 Commerce Way
Woburn, MA 01801 (781) 935 - 4442 (781) 938 - 5867 www.gilway.com
GHB-SOT23D-Y
Features
! SOT-23 ! LOW
Description
The Super Bright Yellow source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
PACKAGE SURFACE MOUNT LED LAMP.
POWER CONSUMPTION. LIFE - SOLID STATE RELIABILITY. / REEL.
! LONG
! PACKAGE: 2000PCS
SOT-23 SURFACE MOUNT LED LAMP
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
REV NO: V.1
DATE:DEC/28/2002
PAGE: 1 OF 4
Selection Guide
Par t No.. Pa No. art No Dic e ic Lens Typ L ens Ty p e ens Ty s Iv (m c d ) Iv (mcd) (mcd d @ 20 mA in. Min . in Ty p.. Typ Ty p yp 100 V i ew i n g Viewin Vi iewing Angle 2 1/2 1/ /2 140
GHB-SOT23D-Y
SUPER BRIGHT YELLOW (InGaAlP)
YELLOW DIFFUSED
50
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25 C
Sy m b o l Sy ymbo ymbol peak D 1/2 C VF IR P a r a m e t er Pa aramete Peak Wavelength D ominate Wavelength Spectral Line Half-width C apacitance Forward Voltage Reverse Current D ev i c e evic e Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Ty p.. Ty p yp 590 588 28 25 2.0 2.5 10 Max .. ax x Un its nit nm nm nm pF V uA Tes t Co n d it io ns Test Cond ition s est s IF=20mA IF=20mA IF=20mA V F =0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25 C
P ar am e t er Paramet Pa arameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Y B Su p er B r ig h t Yello w Su er Br gh Ye up Bright Yellow uper Bri Yello 125 30 150 5 -40 C To +85 C
Un its Unit nit mW mA mA V
REV NO: V.1
DATE:DEC/28/2002
PAGE: 2 OF 4
REV NO: V.1
DATE:DEC/28/2002
PAGE: 3 OF 4
SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
REV NO: V.1
DATE:DEC/28/2002
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of GHB-SOT23D-Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X