Part Number Hot Search : 
XMXXX 21060 37211 4405UE NLSF302 G1525AJ P6KE300A GW40N
Product Description
Full Text Search
 

To Download GHB-1206-YG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 55 Commerce Way
Woburn, MA 01801 (781) 935 - 4442 (781) 938 - 5867 www.gilway.com
GHB-1206-YG
Features
! 3.2mmx1.6mm SMT LED, 1.1mm THICKNESS. ! LOW ! WIDE ! IDEAL
Description
The Green source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode.
POWER CONSUMPTION. VIEWING ANGLE. FOR BACKLIGHT AND INDICATOR. COLORS AND LENS TYPES
3.2x1.6mm SMD CHIP LED LAMP
! VARIOUS
AVAILABLE.
! PACKAGE
: 2000PCS / REEL.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Specifications are subject to change without notice.
REV NO: V.3
DATE:OCT/16/2002
PAGE: 1 OF 4
Selection Guide
Par t No.. Pa No art No. Dic e ic Lens Typ L ens Ty p e ens Ty s Iv (mcd) Iv (m c d ) (mcd d @ 20 mA Miin. in . n Ty p.. Typ Ty p yp 50 120 V i ew i n g Viewin Vi iewing Angle
GHB-1206-YG
GREEN(InGaAlP )
WATER CLE AR
18
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25 C
Sy m b o l Sy ymbo ymbol peak D 1/2 C VF IR P a r a m e t er Pa aramete Peak Wavelength Dominate Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Green Green Green Green Green Green D ev i c e evic e Ty p.. Ty p yp 574 570 20 15 2.1 2.5 10 Max .. ax x Un its nit nm nm nm pF V uA Tes t Co n d it io ns Test Cond ition s est s I F =20mA I F =20mA I F =20mA VF=0V;f=1MHz I F =20mA VR = 5V
Absolute Maximum Ratings at TA=25 C
P a r a m e t er Paramete Pa arameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Gr een ree reen 105 30 150 5 -40 C To +85 C
Un its Unit nit mW mA mA V
REV NO: V.3
DATE:OCT/16/2002
PAGE: 2 OF 4
REV NO: V.3
DATE:OCT/16/2002
PAGE: 3 OF 4
SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process."
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
REV NO: V.3
DATE:OCT/16/2002
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of GHB-1206-YG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X