Part Number Hot Search : 
A1392 AP9973GS 10P05 TFS1237 BC237CG H16008 SB830FCT C2004
Product Description
Full Text Search
 

To Download GHB-1206-DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 55 Commerce Way
Woburn, MA 01801 (781) 935 - 4442 (781) 938 - 5867 www.gilway.com
GHB-1206-DR
Features
! 3.2mmx1.6mm SMT LED, 1.1mm THICKNESS. ! LOW POWER CONSUMPTION. ! WIDE VIEWING ANGLE. ! IDEAL FOR BACKLIGHT AND INDICATOR. ! VARIOUS COLORS AND LENS TYPES AVAILABLE. ! PACKAGE
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
3.2x1.6mm SMD CHIP LED LAMP
: 2000PCS / REEL.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Specifications are subject to change without notice.
REV NO: V.2
DATE:DEC/05/2002
PAGE: 1 OF 4
Selection Guide
Par t No.. Pa No. art No Dic e ic L ens Ty p e ens Ty s Lens Typ d Iv (m c d ) Iv (mcd (mcd) @ 20 mA in. Min . in Ty p.. Typ Ty p yp 80 120 V i ew i n g Viewin Vi iewing Angle
GHB-1206-DR
SUPER BRIGHT RED(GaAlAs)
WATER CLEAR
36
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25 C
Sy m b o l Sy ymbo ymbol peak D 1/2 C VF IR Par am et er Pa aramete P eak Wavelength D ominate Wavelength D ev i c e evic e S uper Bright Red S uper Bright Red Ty p.. Ty p yp 660 640 20 45 1.85 2.5 10 Max .. ax x U n its nit nm nm nm pF V uA Tes t Co n d it io ns Test Conditio s est s IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz I F =20mA VR = 5V
S pectral Line Half-width S uper Bright Red C apacitance Forward Voltage Reverse Current S uper Bright Red S uper Bright Red S uper Bright Red
Absolute Maximum Ratings at TA=25 C
P ar a m e t er Paramete Pa arameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
S u p er B r i g h t R ed Su uper Br uper Bright Red Bright Re B 100 30 155 5 -40 C To +85 C
Un its Unit nit mW mA mA V
REV NO: V.2
DATE:DEC/05/2002
PAGE: 2 OF 4
REV NO: V.2
DATE:DEC/05/2002
PAGE: 3 OF 4
SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
REV NO: V.2
DATE:DEC/05/2002
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of GHB-1206-DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X