Part Number Hot Search : 
HFM101M TRJ15 12003 Z5240 CS5346 HIP0063 EP910I TS2411CD
Product Description
Full Text Search
 

To Download GHB-1206-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 55 Commerce Way
Woburn, MA 01801 (781) 935 - 4442 (781) 938 - 5867 www.gilway.com
GHB-1206-B
Features
! 3.2mmx1.6mm SMT LED, 1.1mm THICKNESS. ! LOW ! WIDE ! IDEAL !LOW
Description
The Blue source color devices are made with GaN on Sapphire Light Emitting Diode.
POWER CONSUMPTION. VIEWING ANGLE. FOR BACKLIGHT AND INDICATOR.
3.2x1.6mm SMD CHIP LED LAMP
POWER CONSUMPTION
! VARIOUS
COLORS AND LENS TYPES AVAILABLE. : 2000PCS / REEL.
!PACKAGE
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Specifications are subject to change without notice.
REV NO: V.3
DATE:OCT/16/2002
PAGE: 1 OF 4
Selection Guide
Par t No.. Pa No art No. Dic e ic Lens Typ L ens Ty p e ens Ty s Iv (mcd) Iv (m c d ) (mcd d @ 20 mA Miin. in . n Ty p.. Typ Ty p yp 60 120 V i ew i n g Viewin Vi iewing Angle
GHB-1206-B
BLUE (GaN)
WATER CLE AR
36
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25 C
Sy m b o l Sy ymbo ymbol peak D 1/2 C VF IR P a r a m e t er Pa aramete D ev i c e evic e Ty p.. Ty p yp Max .. ax x Un its nit n n n pF 4.0 10 V uA Tes t Co n d it io ns Test Cond ition s est s I F =20mA I F =20mA I F =20mA VF=0V;f=1MHz I F =20mA VR = 5V
Peak Wavelength Dominate Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current
Blue Blue Blue Blue Blue Blue
470 470 25
105
3.3
Absolute Maximum Ratings at TA=25 C
P a r a m e t er Pa arameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Blue
Un its Unit nit mW mA mA V
105 30 150 5 -40 C To +85 C
REV NO: V.3
DATE:OCT/16/2002
PAGE: 2 OF 4
REV NO: V.3
DATE:OCT/16/2002
PAGE: 3 OF 4
SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process."
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
REV NO: V.3
DATE:OCT/16/2002
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of GHB-1206-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X