Part Number Hot Search : 
2600ET SD101A 180MW 180MW B20200 N5401 A5800605 TCSS221
Product Description
Full Text Search
 

To Download GHB-0402-Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 55 Commerce Way
Woburn, MA 01801 (781) 935 - 4442 (781) 938 - 5867 www.gilway.com
GHB-0402-Y
Features
! 1.0mmx0.5mm ! LOW
Description
SMT LED, 0.5mm THICKNESS. The Super Bright Yellow source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
POWER CONSUMPTION. VIEWING ANGLE. FOR BACKLIGHT AND INDICATOR. LENS TYPES AVAILABLE.
! WIDE
! IDEAL
!V ARIOUS COLORS AND ! PACKAGE :
1.0x0.5mm SMD CHIP LED LAMP
2000PCS / REEL.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice.
REV NO: V.3
DATE: JAN/25/2003
PAGE: 1 OF 4
Selection Guide
Part No Par t No.. Pa No. art Dice ic e ic Lens Typ L ens Ty pe ens Typ s Ty Iv (mcd) Iv (m c d ) (mcd d @ 20 mA Miin. in . n Ty p.. Typ Ty p yp 60 120 Viewing Viewin g View in i Angle
GHB-0402-Y
S UPER BRIGHTYELLOW (InGaAlP)
W ATER CLEAR
18
Note: 1 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25 C
Sy m b o l Sy ymbol ymbo peak D 1/2 C VF IR P ar a m e t er Pa aramete P eak Wavelength D ominate Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current D ev i c e evic e Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Ty p.. Ty p yp 590 590 20 20 2 2.5 10 Max .. ax x Un its nit nm nm nm pF V uA Tes t Co n d it io ns Test Cond ition s est s I F =20mA I F =20mA I F =20mA VF =0V;f=1MHz IF =20mA V R = 5V
Absolute Maximum Ratings at TA=25 C
P a r a m e t er Paramete Pa arameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Sup er Briigh t Yellow Su p er B r g h Yello w u uper Br Brigh Ye B Yello Y 125 30 175 5 -40 C To +85 C
Un its nit W A mA V
REV NO: V.3
DATE: JAN/25/2003
PAGE: 2 OF 4
REV NO: V.3
DATE: JAN/25/2003
PAGE: 3 OF 4
SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
REV NO: V.3
DATE: JAN/25/2003
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of GHB-0402-Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X