Part Number Hot Search : 
IDP23E60 D1790 B9402 5110F3 SY8024 MCM6205D F9530 00152
Product Description
Full Text Search
 

To Download GH06510B2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Laser Diodes
GH06510B2A
GH06510B2A
s
(1) (2) (3) (4)
Red Laser Diode for DVD-ROM Drive(654nm-10mW)
s Outline Dimensions
2 2 1.00.15 90 2 0.40.1 X
(Unit : mm)
Features
Maximum optical power output : 10mW CW Wavelength : TYP. 654nm Low current drive type (Iop : 40mA) 5.6mm package
(1) DVD-ROM drives (2) DVD video drives
3
0.40.1
Emission point 2
+0
o5.6 - 0.025 o4.4MAX. o3.550.1 Cap glass Monitor PD 2.30.5 1.20.1 6.51.0
1.270.08
0.250.03
o1.0 MIN.
Z
Laser chip Reference plane 0.5 MIN.
0.5 MAX.
o1.2 MAX.
3-o0.450.1
21 3
Tolerance 0.2mm
1 : Dimension measured at lead base 2 : Within 0.6mm from reference plane
Terminal connection
Dual power supply
Enlarged view of emission point
X Emission point
q
e 00.08 00.08 Center of virtual circle that runs 3 points on the stem periphery
Laser diode
Monitor photodiode
Y
w
s
Absolute Maximum Ratings
Parameter Optical power output Monitor photodiode Operating temperature Storage temperature Soldering temperature Reverse voltage Laser Symbol PO Vrl Vrd Top(c) Tstg Tsld Rating 10 2 30
(TC=25C 1) Unit mW V V C C C
1
-10 to +70 -40 to +85 260
2
1 2
Case temperature At the position of 1.6mm or more from the lead base (5s)
34
Notice Internet
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/
burr0.1 MAX.
1
s
Applications
Y
o2.0
2
1
Laser Diodes
s Electro-optical Characteristics1
Parameter Threshold current Operating current Operating voltage Wavelength
23
GH06510B2A
(TC=25C) Conditions - MIN. 640 Po=7mW 7 24 5mW I(7mW)-I(2mW) Po=7mW 0.38 TYP. 30 40 2.2 654 8.5 29 0.7 MAX. 45 55 2.5 660 10 33 20 2 3 1.05 1 Unit mA mA V nm % mW/mA -
Symbol Ith Iop Vop p // Rl // d
Half intensity angle
4
Parallel Perpendicular
23
Ripple
3
Misalignment angle Differential efficiency
Parallel Perpendicular
3
Interference pattern intensity
1 2 3 4
Initial value, CW (Continuous Wave) drive Angle at 50% peak intensity (full-width at half-maximum) Parallel to junction plane (X-Z plane), Perpendicular to the junction plane (Y-Z plane) Rl=P/P P : the maximum deviation of the far field pattern from its approximate curve P : the peak of the approximate curve
s
Electrical Characteristics of Photodiode
Parameter Output current Dark current Terminal capacitance Symbol Im ID Ct Conditions Po=7mW, Vrd=5V Vrd=5V Vrd=5V, f=1MHz MIN. 0.08 TYP. 0.2 3.5 MAX. 0.4 150 -
(TC=25C) Unit mA nA pF
35
Application Circuits
NOTICE
qThe circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design or license any intellectual property rights. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of SHARP's devices. qContact SHARP in order to obtain the latest device specification sheets before using any SHARP device. SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. Manufacturing locations are also subject to change without notice. qObserve the following points when using any devices in this publication. SHARP takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) The devices in this publication are designed for use in general electronic equipment designs such as: --- Personal computers --- Office automation equipment --- Telecommunication equipment [terminal] --- Test and measurement equipment --- Industrial control --- Audio visual equipment --- Consumer electronics (ii)Measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when SHARP devices are used for or in connection with equipment that requires higher reliability such as: --- Transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- Traffic signals --- Gas leakage sensor breakers --- Alarm equipment --- Various safety devices, etc. (iii)SHARP devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- Space applications --- Telecommunication equipment [trunk lines] --- Nuclear power control equipment --- Medical and other life support equipment (e.g., scuba). qContact a SHARP representative in advance when intending to use SHARP devices for any "specific" applications other than those recommended by SHARP or when it is unclear which category mentioned above controls the intended use. qIf the SHARP devices listed in this publication fall within the scope of strategic products described in the Foreign Exchange and Foreign Trade Control Law of Japan, it is necessary to obtain approval to export such SHARP devices. qThis publication is the proprietary product of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. qContact and consult with a SHARP representative if there are any questions about the contents of this publication.
115


▲Up To Search▲   

 
Price & Availability of GH06510B2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X