Part Number Hot Search : 
PIC16F 72C334 1002D E005233 166TQC 15510 1002D 22000
Product Description
Full Text Search
 

To Download GDZ91B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GDZ Series
VZ : 2.2 to 36 Volts PD : 200 mW
0.065 (1.65) 0.076 (1.95)
ZENER DIODES
SOD-323
0.012 (0.3)
0.112 (2.85)
MECHANICAL DATA :
Case: SOD-323 Plastic Package Weight: approx. 0.004g
min. 0.010 (0.25)
Dimensions in inches and (millimeters)
Rating at 25 C ambient temperature unless otherwise specified.
Maximum Ratings and Thermal Characteristics
Parameter
Zener Current see Table "Characteristics" Power Dissipation at Ta = 25C Junction temperature Storage temperature range PD TJ TSTG 200 150 -55 to + 150 mW C C
Symbol
max. 0.004(0.1)
Value
max. 0.006 (0.15)
0.049 (1.25) max.
* Silicon planar power zener diodes. * Low Zener impredance and low leakage current * Popular in Asian designs * Compact surface miunt device * Ideal for automated mounting * Pb / RoHS Free
0.059 (1.5) 0.043 (1.1)
0.100 (2.55)
FEATURES :
Unit
Page 1 of 2
Rev. 01 : June 7, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Zener voltage VZ @ IZ(1)
Min. (V) 2.020 2.220 2.430 2.690 3.010 3.320 3.600 3.890 4.170 4.550 4.980 5.490 6.060 6.650 7.280 8.020 8.850 9.770 10.760 11.740 12.910 14.340 15.850 17.560 19.520 21.540 23.720 26.190 29.190 32.150 35.070 Max. (V) 2.200 2.410 2.630 2.910 3.220 3.530 3.845 4.160 4.430 4.750 5.200 5.730 6.330 6.930 7.600 8.360 9.230 10.210 11.220 12.240 13.490 14.980 16.510 18.350 20.390 22.470 24.780 27.530 30.690 33.790 36.870 IZ (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Type Number
GDZ 2.0B GDZ 2.2B GDZ 2.4B GDZ 2.7B GDZ 3.0B GDZ 3.3B GDZ 3.6B GDZ 3.9B GDZ 4.3B GDZ 4.7B GDZ 5.1B GDZ 5.6B GDZ 6.2B GDZ 6.8B GDZ 7.5B GDZ 8.2B GDZ 9.1B GDZ 10B GDZ 11B GDZ 12B GDZ 13B GDZ 15B GDZ 16B GDZ 18B GDZ 20B GDZ 22B GDZ 24B GDZ 27B GDZ 30B GDZ 33B GDZ 36B
Marking Code
0 1 2 3 4 5 6 7 8 9 T T T T T T T T T T T T T T T T T T T T T 2 2 2 2 2 2 2 2 2 2 1 2 3 4 5 6 7 8 9 A B C D E H K L M N P T
Operating resistance ZZ (2)
Max. () 100 100 100 110 120 120 100 100 100 100 80 60 60 40 30 30 30 30 30 30 37 42 50 65 85 100 120 150 200 250 300 @IZ (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Rising operating resistance ZZK (2)
Max. () 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 500 200 100 60 60 60 60 60 60 80 80 80 80 80 100 100 120 150 200 250 300 @ IZ (mA) 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
Maximum Reverse Leakage Current
IR (A) 120 120 120 100 50 20 10 5.0 5.0 2.0 2.0 1.0 1.0 0.5 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
(V) 0.5 0.7 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.5 3.0 3.5 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0
Notes: (1) The Zener voltage V(Z) is measured 40 ms after power is supplied. (2) The operating resistances (ZZ, ZZK) are measured by superimposing a 1 KHz alternating current on the regulated current (IZ)
Page 2 of 2
Rev. 01 : June 7, 2005


▲Up To Search▲   

 
Price & Availability of GDZ91B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X