Part Number Hot Search : 
MX7524SQ C3083 0K130 M1FK60 MKV2010 000MT 04820 T7002235
Product Description
Full Text Search
 

To Download GCF06A20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRD
Type :
GCF06A20
OUTLINE DRAWING
FEATURES
* Similar to TO220AB Case * Dual Diodes - Cathode Common * Ultra - Fast Recovery * Low Forward Voltage Drop * High Surge Capability * 200 Volts thru 600 Volts Types Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque Symbol VRRM VRSM IO IF(RMS) IFSM Tjw Tstg 0.5 60 6
Approx Net Weight:1.9g GCF06A20 200 220 50 Hz,Full Sine Wave Tc=123C Resistive Load 6.7 50 Hz Full Sine Wave,1cycle Non-repetitive - 40 to + 150 - 40 to + 150 Recommended value
Unit
V V A A A C C N*m
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Reverse Recovery Time Thermal Resistance Symbol IRM VFM Conditions Min. Typ. Max. Unit 10 0.98 30 4 A V ns C/W Tj=25C,VRM=VRRM per Arm Tj=25C, IFM=3A per Arm IFM= 3 A, trr -di/dt= 50 A/s, Ta= 25C Rth(j-c) Junction to Case
GCF_A_ OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
GCF06A20 (per Arm)
50
INSTANTANEOUS FORWARD CURRENT (A)
20 10 5
2 1 0.5
Tj=25C Tj=150C
0.2 0 0.4 0.8 1.2 1.6 2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
GCF06A20 (Total)
RECT 180 SINE WAVE
7
AVERAGE FORWARD POWER DISSIPATION (W)
6
5
4
3
2
1
0 0 1 2 3 4 5 6 7
AVERAGE FORWARD CURRENT (A)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
GCF06A20 (Total)
RECT 180 SINE WAVE
7
AVERAGE FORWARD CURRENT (A)
6
5
4
3
2
1
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Sine Wave,Non-Repetitive,No Load 70 GCF06A20
60
SURGE FORWARD CURRENT (A)
50
40
30
20
I FSM 0.02s
10
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)


▲Up To Search▲   

 
Price & Availability of GCF06A20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X