Part Number Hot Search : 
MA111 1202D 6KE350 RL204 0A120 71GL064N 2N2907 ML741
Product Description
Full Text Search
 

To Download GBU6M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
GBU6A - GBU6M
Pb
6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
! ! ! ! ! Glass Passivated Die Construction A
GBU Dim Min Max 21.80 22.30 A 18.30 18.80 B 7.40 7.90 C 3.50 4.10 D 1.52 2.03 E 2.16 2.54 G 4.83 5.33 H 1.65 2.16 J 1.02 1.27 K 0.76 1.02 L 3.30 3.56 M 17.50 18.00 N 0.45 0.75 P All Dimensions in mm
Low Forward Voltage Drop D High Current Capability J High Reliability C High Surge Current Capability ! +~ ~Ideal for Printed Circuit Boards ! Recognized File # E157705 E G K H M
Mechanical Data
! ! ! ! ! ! ! Case: GBU, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 4.0 grams (approx.) Mounting Position: Any Mounting Torque: 10 cm-kg (8.8 in-lbs) Max. Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
B
L N P
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 100C (Note 1) Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) I2t Rating for Fusing (t < 8.3ms) Forward Voltage per leg Peak Reverse Current At Rated DC Blocking Voltage @IF = 3.0A @TA = 25C @TA = 125C
Symbol VRRM VRWM VR VR(RMS) IO
GBU6A GBU6B GBU6D GBU6G GBU6J GBU6K GBU6M
Unit
50 35
100 70
200 140
400 280 6.0
600 420
800 560
1000 700
V V A
IFSM I2t VFM IR RJA RJC Tj, TSTG
175 127 1.0 5.0 500 7.4 2.2 -55 to +150
A A2s V A C/W C/W C
Typical Thermal Resistance per leg (Note 2) Typical Thermal Resistance per leg (Note 1) Operating and Storage Temperature Range
Note: 1. Mounted on 65 x 35 x 1.5mm Al. plate. 2. Mounted on PCB at 9.5mm lead length with 12mm2 copper pad.
GBU6A - GBU6M
1 of 4
(c) 2006 Won-Top Electronics
IO, AVERAGE RECTIFIED CURRENT (A)
With heatsink
5
IF, INSTANTANEOUS FORWARD CURRENT (A)
6
100
4
Tj = 25C
10
3
2
1.0
1
Resistive or Inductive load
Pulse width = 300s
0 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.0 0.2 0.6 1.0 1.4 1.8
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element
IFSM, PEAK FORWARD SURGE CURRENT (A)
180
Single half-sine-wave (JEDEC method)
100
160
Tj = 25C f = 1.0MHz
120
Cj, JUNCTION CAPACITANCE (pF)
100
Tj = 25C
10
80
40
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Surge Current
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
GBU6A - GBU6M
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE GBU
+ ~ ~
6x
-
WTE GBU6x x Polarity
= Manufacturer's Logo = Device Number = A, B, D, G, J, K or M = As Marked on Body
PACKAGING INFORMATION
BULK
Inner Box Size L x W x H (mm) 340 x 337 x 45 Quantity (PCS) 1,000 Carton Size L x W x H (mm) 375 x 360 x 213 Quantity (PCS) 4,000 Approx. Gross Weight (KG) 16.5
Note: 1. Paper box, white or brown color.
GBU6A - GBU6M
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
GBU6A GBU6B GBU6D GBU6G GBU6J GBU6K GBU6M
1. 2.
Package Type
SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge
Shipping Quantity
1000 Units/Box 1000 Units/Box 1000 Units/Box 1000 Units/Box 1000 Units/Box 1000 Units/Box 1000 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, GBU6A-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
GBU6A - GBU6M
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of GBU6M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X