Part Number Hot Search : 
ML6695CQ A1020 MG92B TDA200 1N4944 01504 12500 R2001
Product Description
Full Text Search
 

To Download GBPC15S06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
GBPC15S SERIES
Pb
15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
Glass Passivated Die Construction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Designed for Saving Mounting Space Recognized File # E157705 A J
KBPC-S Dim Min Max A 28.40 28.70 B 10.97 11.23 C -- 21.00 D -- 25.00 E 5.10 -- G 1.20 O Typical H 3.05 3.60 J 5.08 O Nominal All Dimensions in mm
-~~+
Mechanical Data
Case: KBPC-S, Molded Plastic with Heatsink Internally Mounted in the Bridge Encapsulation Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Mounting: Through Hole with #10 Screw B Mounting Torque: 23 cm-kg (20 in-lbs) Max. Weight: 21 grams (approx.) Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
C D EE
METAL HEATSINK
G
H
Maximum Ratings and Electrical Characteristics
@TA=25C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. GBPC15 00S Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 50C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per leg @IF = 7.5A VRRM VRWM VR VR(RMS) IO IFSM VFM IRM I2t Cj RJC VISO Tj, TSTG 50 35 01S 100 70 02S 200 140 04S 400 280 06S 600 420 15 300 1.1 5.0 500 375 300 1.9 2500 -65 to +150 08S 800 560 10S 12S 14S 16S V V A A V A A2s pF C/W V C
Characteristic
Symbol
Unit
1000 1200 1400 1600 700 840 980 1120
Peak Reverse Current @TC = 25C At Rated DC Blocking Voltage @TC = 125C I2t Rating for Fusing (t < 8.3ms) Typical Junction Capacitance (Note 1) Typical Thermal Resistance per leg (Note 2) RMS Isolation Voltage from Case to Leads Operating and Storage Temperature Range
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Mounted on 127 x 102 x 76mm Al. finned plate.
GBPC15S SERIES
1 of 4
(c) 2006 Won-Top Electronics
30
IF, INSTANTANEOUS FORWARD CURRENT (A)
40 IF, AVERAGE FORWARD CURRENT (A)
100
10
20
1.0
10
0.1
Tj = 25C
Resistive or Inductive load
Pulse Width = 300s
0
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (C) Fig. 1 Forward. Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element)
IFSM, PEAK FWD. SURGE CURRENT (A)
400
Single Half-Sine Wave (JEDEC Method)
1000
f = 1 Mhz Tj = 25C
300
Cj, CAPACITANCE (pF)
Tj = 150C
200
100
100
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100
Tj = 125C
100
10 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element)
IR, INSTANTANEOUS REVERSE CURRENT (A)
10
1.0
0.1
Tj = 25C
0.01 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element)
GBPC15S SERIES
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE GBPC15xxS -~~+
WTE GBPC15xxS xx Polarity
= Manufacturer's Logo = Device Number = 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16 = As Marked on Body
PACKAGING INFORMATION
BULK
Inner Box Size L x W x H (mm) 195 x 195 x 40 Quantity (PCS) 80 Carton Size L x W x H (mm) 405 x 205 x 240 Quantity (PCS) 800 Approx. Gross Weight (KG) 17.0
Note: 1. Paper box, white or brown color.
GBPC15S SERIES
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
GBPC1500S GBPC1501S GBPC1502S GBPC1504S GBPC1506S GBPC1508S GBPC1510S GBPC1512S GBPC1514S GBPC1516S
1. 2.
Package Type
SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge
Shipping Quantity
80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, GBPC1500S-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
GBPC15S SERIES
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of GBPC15S06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X