Part Number Hot Search : 
DA1908 ICM7218 04597 AC03BGM SDA2085 250BZI 46000 0015910
Product Description
Full Text Search
 

To Download GBJ4M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
GBJ4A - GBJ4M
Pb
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
! ! ! ! ! Glass Passivated Die Construction A
KBJ-4 Dim Min Max 24.7 25.3 A 14.7 15.3 B -- 4.0 C 17.0 18.0 D 3.3 3.7 E 3.1O 3.6O G 1.05 1.45 H 1.7 2.1 J 0.9 1.1 K 1.8 2.2 L 4.4 4.8 M 3.4 3.8 N 7.3 7.7 P 9.3 9.7 R 2.5 2.9 S 0.6 0.8 T All Dimensions in mm
Low Forward Voltage Drop High Current Capability G High Reliability High Surge Current Capability ! Ideal for Printed Circuit Boards C ! Recognized File # E157705 H J K
B
+ ~ ~ -
L E P M N P P
D
Mechanical Data
! ! ! ! ! ! ! Case: KBJ-4, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 6.0 grams (approx.) Mounting Position: Any Mounting Torque: 10 cm-kg (8.8 in-lbs) Max. Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
R
G
S T
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 115C (Note 1) Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per diode Peak Reverse Current At Rated DC Blocking Voltage @IF = 2.0A @TA = 25C @TA = 125C
Symbol VRRM VRWM VR VR(RMS) IO
GBJ4A GBJ4B GBJ4D GBJ4G GBJ4J GBJ4K GBJ4M
Unit
50 35
100 70
200 140
400 280 4.0
600 420
800 560
1000 700
V V A
IFSM VFM IR RJA RJC Tj, TSTG
150 1.0 10 250 30 5.5 -55 to +150
A V A C/W C/W C
Typical Thermal Resistance per leg (Note 2) Typical Thermal Resistance per leg (Note 1) Operating and Storage Temperature Range
Note: 1. Device mounted on 75 x 75 x 1.6mm thick Al plate heatsink. 2. Device mounted on P.C.B. without heatsink.
GBJ4A - GBJ4M
1 of 4
(c) 2006 Won-Top Electronics
5
Heatsink
IF, INSTANTANEOUS FORWARD CURRENT (A)
6 IO, AVERAGE RECTIFIED CURRENT (A)
100
4
Tj = 25C
10
3
2
1.0
1
Resistive or Inductive load
Pulse width = 300s
0 0 25 50 75 100 125 150
0.1 0.0 0.2 0.6 1.0 1.4 1.8
T , TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Fwd Characteristics, per element
IFSM, PEAK FORWARD SURGE CURRENT (A)
Single half-sine-wave (JEDEC method)
100
160
Tj = 25C f = 1.0MHz
120
Cj, JUNCTION CAPACITANCE (pF)
100
Tj = 25C
10
80
40
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Surge Current
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
GBJ4A - GBJ4M
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE GBJ
+ ~ ~
4x
-
WTE GBJ4x x Polarity
= Manufacturer's Logo = Device Number = A, B, D, G, J, K or M = As Marked on Body
PACKAGING INFORMATION
BULK
Tube Size L x W x H (mm) 525 x 35 x 7 Quantity (PCS) 20 Inner Box Size L x W x H (mm) 542 x 135 x 135 Quantity (PCS) 1,000 Carton Size L x W x H (mm) 557 x 270 x 270 Quantity (PCS) 4,000 Approx. Gross Weight (KG) 30.0
Note: 1. Anti-static tube, water clear color.
GBJ4A - GBJ4M
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
GBJ4A GBJ4B GBJ4D GBJ4G GBJ4J GBJ4K GBJ4M
1. 2.
Package Type
SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge
Shipping Quantity
20 Units/Tube 20 Units/Tube 20 Units/Tube 20 Units/Tube 20 Units/Tube 20 Units/Tube 20 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, GBJ4A-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
GBJ4A - GBJ4M
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of GBJ4M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X