Part Number Hot Search : 
AUIRF7 STRX6729 LB11691H 103MA 5962F9 HRS1K 002FT QS3383Q
Product Description
Full Text Search
 

To Download GBJ3510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
GBJ35005 THRU GBJ3510
35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ
I A H
Features
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop, high current capability.
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
UL Recognized File # E165989
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Maximum Reccurrent Peak Reverse Voltage GBJ35005 GBJ35005 50V GBJ3501 100V GBJ3501 GBJ3502 GBJ3502 200V GBJ3504 GBJ3504 400V GBJ3506 GBJ3506 600V GBJ3508 GBJ3508 800V GBJ3510 GBJ3510 1000V MCC Catalog Number Device Marking Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
D F
B E
G
+
P L C
M N O O
DIMENSIONS
K J
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 35 A Tc = 100C Current Peak Forward Surge IFSM 350A 8.3ms, half sine Current Maximum IFM = 17.5 A 1.05V Instantaneous VF Forward Voltage TJ = 25C Maximum DC Reverse Current At IR 10 A TJ = 25C Rated DC Blocking 500uA TJ= 125C Voltage Typical thermal resistance R OJC 0.6C/W Typical Junction CJ 85 pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
DIM A B C D E F G H I J K L M N O P
INCHES MIN 1.170 .780 .670 .019 .430 .090 .120 .130 .170 .100 .020 .080 .040 .390 .290 .150
MAX 1.190 .800 .710 .019 .440 .110 .130 .150 .190 .110 .030 .090 .040 .400 .300 .170
MM MIN 29.70 19.70 17.00 4.70 10.80 2.30 3.10 3.40 4.40 2.50 0.60 2.00 0.90 9.80 7.30 3.80
MAX 30.30 20.30 18.00 4.90 11.20 2.70 3.40 3.80 4.80 2.90 0.80 2.40 1.10 10.20 7.70 4.20
NOTE
www.mccsemi.com
Revision: 2
1 of 3
2006/05/29
RATING AND CHARACTERISTIC CURVES GBJ35005 thru GBJ3510
MCC
Micro Commercial Components
PEAK FORWARD SURGE CURRENT, AMPERES
TM
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
35
WITH HEATSINK
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
400
300
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
200
WITHOUT HEATSINK
100
Single Half-Sine-Wave (JEDEC METHOD)
0
0
20
40
60
80
100
120
140
1
2
5
10
20
50
100
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE
1000
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
10
CAPACITANCE , (pF)
100
TJ = 25 C
1.0
10
0.1
TJ = 25 C, f = 1MHz
PULSE WIDTH 300us
1.0 1.0 4.0 10.0 100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE , VOLTS
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ = 125 C
TJ = 100 C
10
1.0
TJ = 50 C TJ = 25 C
0.1 0 20 40 60 80 100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
www.mccsemi.com
Revision: 2
2 of 3
2006/05/29
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 2
3 of 3
2006/05/29


▲Up To Search▲   

 
Price & Availability of GBJ3510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X