|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PHOTODIODE InGaAs PIN photodiode with preamp G8925 series High-speed response: 10 Gbps, pigtail type G8925-21 Features Applications l High-speed response: 10 Gbps l Supply voltage: 5 V l Wide dynamic range: -18 to 0 dBm l Small size l Fire resistant optical fiber l Optical fiber communications l SDH/SONET l WDM I Absolute maximum ratings (Ta=25 C) Parameter Operating temperature Storage temperature * No condensation Parameter Supply current Symbol Topr Tstg Value -20 to +70 * -40 to +85 * Unit C C I Electrical and optical characteristics(Ta=25 C, Vcc=Vpd=5 V, Vee=0 V, RL=50 W, unless otherwise noted) Symbol Icc S Fc Tz Condition Dark state, RL= l=1.3 m l=1.55 m l=1.55 m, -3 dB RL=100 W, f=100 MHz 10 Gbps, NRZ PRBS=223-1, BER=10-12 l=1.55 m Min. 0.70 0.75 Typ. 78 0.85 0.90 8.5 1.0 -18 0 Max. - Unit mA Photo sensitivity (photodiode) Cut-off frequency Differential transimpedance Minimum receivable sensitivity Maximum receivable sensitivity A/W GHZ kW dBm dBm I Package lineup Configuration Package Fiber Connector Type Type Length Type Dimensional outline -21 -22 SC -23 Board SM (9.5 /125 ) f0.9 1 m +20 cm/-0 cm FC MU G8925 -24 LC PRELIMINARY DATA Sep. 2002 1 InGaAs PIN photodiode with preamp I Dimensional outlines (unit: mm, tolerance unless otherwise noted: 0.25) Package 12.6 2.1 8.4 7.0 3.00 LEAD 0.5 G8925 series 0.2 LEAD (3 x) 0.9 (3 x) 0.9 0.94 LEAD 0.3 13.4 9.2 8.0 7.5 5.0 4.0 (2 x) 2.2 8.4 (24.2) I Pin connection Pin No. G8925 series GND Vpd Vout+ VoutVcc 3.3 0.3 0.7 5.5 0.5 KIRDA0163EB (2.65) Connector SC FC JIS C5973 SC/SPC CONNECTOR KIRDA0102EA JIS C5970 FC/SPC CONNECTOR KIRDA0103EA MU LC JIS C5983 MU CONNECTOR KIRDA0164EA ANSI/TIA/EIA 604-10 LC CONNECTOR (BTW) KIRDA0165EA Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2002 Hamamatsu Photonics K.K. HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741 2 Cat. No. KIRD1056E02 Nov. 2002 DN |
Price & Availability of G8925-24 |