Part Number Hot Search : 
RCM2122R SMBJ12A FD1000 B5117 EM6K34 B240010 PC100 GTT3585
Product Description
Full Text Search
 

To Download G73MCS-DC9C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 G73
n
Features
* * * * *
Class B standard ; Class F version available Switching capacity 20A, 14VDC ; 15A, 120VAC Most popular industry footprint and package Choice of contact materials Automotive versions "M" available
UL E1555
o To
w Ne
o! ot h rP Fo
n Coil Data
Nominal Voltage Coil Resistance (VDC) (W 10%) 5 6 9 12 24 48 6 12 24 70 100 225 400 1600 6400 45 180 720 Pick-Up Voltage (VDC) 3.5 4.2 6.3 8.4 16.8 33.6 3.2 6.3 12.6 Drop-Out Voltage (VDC) 0.5 0.6 0.9 1.2 2.4 4.8 0.6 1.2 2.4
STD
Code M
n
Contact Data
Contact Arrangement Contact Code/Material Contact Rating/Code Max. Switching Voltage Max. Switch Current Max. Continuous Current Minimum Load (reference) Initial Resistance Mechanical Life Electrical 1 Form A (1A); 1 Form C (1C) Nil:AgNiO ; A:AgniO 1.5 ; C: AgCdO; S:AgSnOI 2 O 3 C=10A, 28VDC/120VAC ; A=20A, 14VDC 30VDC, 250VAC Code C= 15A ; Code A= 20A 15A Code C=0.5A, 12VDC ; Code A: 10mA, 5VDC 100mOhm @ 100mA, 5VDC 1 x 10 6 operations @ rated load 1 x 10 5 operations @ rated load
n How to order
Basic Model Version: Blank = Standard G73 M C S - DC12 C Contact Material: Blank= AgNi10; A=AgNi0.15; C=AgCdO; S=AgSnOI O Coil Voltage(VDC): 3,5,6*,9,12*,24*,48
Enclosure: D = Dust Cover; S = Sealed
M = Automotive type Contact Form: A = 1 Form A; C = 1 Form C
Note: Code M contacts only available in AgNiO & AgNiO1.5 and coil voltages marked with *.
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423 TOLL FREE (888) 922-8330 FX (732) 922-6363 E-mail: globalcomponents@msn.com
n
Characteristics
Operate Time Release Time Dielectric Strength Insulation Resistance Shock Resistance Vibration Resistance Drop Test Power Consumption Ambient Temperature Weight 10ms, max. 5 ms, max. 1500Vrms ( 1 minute, coil to contacts ) 1000Vrms ( 1 minute contact to contact ) 100mOhm @ 500VDC 10g, operative ; 100g, non-destructive DA 1.5mm, 10-55Hz 1 meter drop on concrete in final enclosure ( 6 axii ) 360mW (Code C) ; 800mW (Code A) Standard: -40 C to +85 C operating; -40 C to +130 C storage (Class B) Code A Type: -40 C to +105 C operating; -40 C to +155 storage (Class F) 12g, approx.
n
Dimensions, PCB, and Wiring Diagrams
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423 TOLL FREE (888) 922-8330 FX (732) 922-6363 E-mail: globalcomponents@msn.com


▲Up To Search▲   

 
Price & Availability of G73MCS-DC9C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X