Part Number Hot Search : 
FMBM5401 MTS800 P4N60 1N2999C IF850 LA2340 1N4743 IRFF113
Product Description
Full Text Search
 

To Download G3PA-VD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Solid-state Relay
G3PA-(VD)
Extremely Thin Relays Integrated with Heat Sink
* Downsizing achieved through optimum design of heat sink. * Mounting possible via screws or via DIN track. * Close mounting possible for linking terminals. (Except for G3PA-260B-VD, G3PA-450B-VD-2.) * Applicable with 3-phase loads. * Replaceable power element cartridges. * Conforms to VDE 0160 (finger protection), with a dielectric strength of 4,000 V between input and load. * Conforms to VDE 0805, IEC 950. * Approved by UL, CSA, and VDE (reinforced insulation).
Ordering Information
I List of Models
Model G3PA-210B-VD G3PA-220B-VD G3PA-240B-VD G3PA-260B-VD G3PA-210BL-VD G3PA-220BL-VD G3PA-240BL-VD G3PA-260BL-VD G3PA-210B-VD G3PA-220B-VD G3PA-240B-VD G3PA-260B-VD G3PA-420B-VD G3PA-430B-VD G3PA-420B-VD-2 G3PA-430B-VD-2 G3PA-450B-VD-2 Yes No Isolation Phototriac coupler Yes Zero cross function Indicator Yes Applicable output load 10 A at 24 to 240 VAC 20 A at 24 to 240 VAC 40 A at 24 to 240 VAC 60 A at 24 to 240 VAC 10 A at 24 to 240 VAC 20 A at 24 to 240 VAC 40 A at 24 to 240 VAC 60 A at 24 to 240 VAC 10 A at 24 to 240 VAC 20 A at 24 to 240 VAC 40 A at 24 to 240 VAC 60 A at 24 to 240 VAC 20 A at 180 to 400 VAC 30 A at 180 to 400 VAC 20 A at 200 to 480 VAC 30 A at 200 to 480 VAC 50 A at 200 to 480 VAC 12 to 24 VDC SSR 24 VAC Rated input voltage 5 to 24 VDC
Power Solid-state Relay
G3PA-(VD)
J-21
Replacement Parts
Name Power Device Cartridge Carry current 10 A Load voltage 19 to 264 VAC Model G32A-A10-VD DC5-24 G32A-A10L-VD DC5-24 G32A-A10-VD AC24 20 A G32A-A20-VD DC5-24 G32A-A20L-VD DC5-24 G32A-A20-VD AC24 40 A G32A-A40-VD DC5-24 G32A-A40L-VD DC5-24 G32A-A40-VD AC24 60 A G32A-A60-VD DC5-24 G32A-A60L-VD DC5-24 G32A-A60-VD AC24 20 A 30 A 20 A 30 A 50 A 10 A 20 A 40 A 20 A 30 A 180 to 528 VAC 75 to 264 VAC 180 to 528 VAC 150 to 440 VAC G32A-A420-VD DC12-24 G32A-A430-VD DC12-24 G32A-A420-VD-2 DC12-24 G32A-A430-VD-2 DC12-24 G32A-A450-VD-2 DC12-24 G32A-A10 G32A-A20 G32A-A40 G32A-A420 G32A-A430 Applicable SSR G3PA-210B-VD DC5-24 G3PA-210BL-VD DC5-24 G3PA-210B-VD AC24 G3PA-220B-VD DC5-24 G3PA-220BL-VD DC5-24 G3PA-220B-VD AC24 G3PA-240B-VD DC5-24 G3PA-240BL-VD DC5-24 G3PA-240B-VD AC24 G3PA-260B-VD DC5-24 G3PA-260BL-VD DC5-24 G3PA-260B-VD AC24 G3PA-420B-VD DC12-24 G3PA-430B-VD DC12-24 G3PA-420B-VD-2 DC12-24 G3PA-430B-VD-2 DC12-24 G3PA-450B-VD-2 DC12-24 G3PA-210B DC5-24 G3PA-220B DC5-24 G3PA-240B DC5-24 G3PA-420B DC5-24 G3PA-430B DC5-24 No Conforms to VDE Yes
I Other Units (Order Separately)
Units that Enable 2-line Switching of 3-phase Power
Name Short-circuit Unit 10 A 20 A 30 A 40 A G32A-D40 Current flow G32A-D20 Model Applicable SSR G3PA-210B-VD, G3PA-210BL-VD G3PA-220B-VD, G3PA-220BL-VD G3PA-420B-VD, G3PA-420B-VD-2 G3PA-430B-VD, G3PA-430B-VD-2 G3PA-240B-VD, G3PA-240BL-VD
J-22
Power Solid-state Relay G3PA-(VD)
Specifications
I Ratings (at 25C)
Input
Model G3PA-210B-VD G3PA-220B-VD G3PA-240B-VD G3PA-260B-VD G3PA-210BL-VD G3PA-220BL-VD G3PA-240BL-VD G3PA-260BL-VD G3PA-210B-VD G3PA-220B-VD G3PA-240B-VD G3PA-260B-VD G3PA-420B-VD G3PA-430B-VD G3PA-420B-VD-2 G3PA-430B-VD-2 G3PA-450B-VD-2 12 to 24 VDC 9.6 to 30 VDC 7 mA max. 9.2 VDC max. 1 VDC min. 24 VAC 19.2 to 26.4 VAC 1.4 k20% 19.2 VAC max. 4.8 VAC min. 5 to 24 VDC 4 to 30 VDC 20 mA max. 4 VDC max. 1 VDC min. Rated voltage 5 to 24 VDC Voltage range 4 to 30 VDC Input current impedance 7 mA max. Voltage level Must operate voltage 4 VDC max. Must release voltage 1 VDC min.
Output
Model Rated load voltage G3PA-210B(L)-VD G3PA-220B(L)-VD G3PA-240B(L)-VD G3PA-260B(L)-VD G3PA-420B-VD G3PA-430B-VD G3PA-420B-VD-2 G3PA-430B-VD-2 G3PA-450B-VD-2 Refer to Engineering Data for further details. SSR 200 to 480 VAC (50/60 Hz) 180 to 528 VAC (50/60 Hz) 180 to 400 VAC (50/60 Hz) 150 to 440 VAC (50/60 Hz) 24 to 240 VAC (50/60 Hz) Applicable load Load voltage range 19 to 264 VAC (50/60 Hz) Load current 0.1 to 10 A 0.1 to 20 A 0.5 to 40 A 0.5 to 60 A 0.5 to 20 A 0.5 to 30 A 0.5 to 20 A 0.5 to 30 A 0.5 to 50 A Inrush current 150 A (60 Hz, 1 cycle) 220 A (60 Hz, 1 cycle) 440 A (60 Hz, 1 cycle) 440 A (60 Hz, 1 cycle) 220 A (60 Hz, 1 cycle) 440 A (60 Hz, 1 cycle) 220 A (60 Hz, 1 cycle) 440 A (60 Hz, 1 cycle) 440 A (60 Hz, 1 cycle)
Power Solid-state Relay
G3PA-(VD)
J-23
I Characteristics
Item G3PA210B(L)-VD G3PA220B(L)-VD G3PA240B(L)-VD G3PA260B(L)-VD G3PA420B-VD G3PA420B-VD-2 G3PA430B-VD G3PA430B-VD-2 G3PA450B-VD-2 Operate time 1/2 of load power source cycle + 1 ms max. (DC Input, -B models) 1 1/2 of load power source cycle + 1 ms max. (AC Input) 1 ms max. (-BL models) Release time 1/2 of load power source cycle + 1 ms max. (DC Input) 1 1/2 of load power source cycle + 1 ms max. (AC Input) Output ON voltage drop Leakage current I2t Insulation resistance Dielectric strength Vibration resistance Shock resistance Ambient temperature Approved standards 1.6 V (RMS) max. 5 mA max. (at 120 VAC) 10 mA max. (at 230 VAC) 260 A2S 100 M min. (at 500 VDC) 4,000 VAC, 50/60 Hz for 1 min Destruction: 10 to 55 to 10 Hz, 0.375-mm single amplitude (0.75-mm double amplitude) (Mounted to DIN track) Destruction: 300 m/s2 (mounted to DIN track) Operating: -30C to 80C (with no icing or condensation) Storage: -30C to 100C (with no icing or condensation) UL508, CSA C22.2 (No.14, No.950), EN60950 File No. 5915UG UL508, CSA C22.2 (No.14), EN609474-3 File No. 6642UG UL508, CSA C22.2 (No.14), EN60947-4-3 File No. 133127UG UL508, CSA C22.2 (No.14), UL508, EN60947-4-3 File No. CSA 133127UG C22.2 (No.14), EN609474-3 File No. 6642UG 10 mA max. (at 120 VAC) 20 mA max. (at 230 VAC) 810 A2S 1.8 V (RMS) max. 20 mA max. (at 400 VAC) 260 A2S 20 mA max. (at 20 mA 480 VAC) max. (at 400 VAC) 810 A2S 20 mA max. (at 480 VAC)
810 A2S
Ambient humidity Weight
Operating: 45% to 85% Approx. 260 g Approx. 340 g Approx. 460 g Approx. 900 g Approx. 290 g Approx. 290 g Approx. 410 g Approx. 410 g Approx. 900 g
J-24
Power Solid-state Relay G3PA-(VD)
Operation
I Replacement Parts
G32A-A Power Device Cartridge
The G32A-A Power Device Cartridge (a Triac Unit) can be replaced with a new one. When the temperature indicator has changed from pink to red, the triac circuitry may have malfunctioned possibly by an excessive flow of current, in which case, dismount the damaged cartridge for replacement. The damaged cartridge can be replaced with a new one without disconnecting the wires from the G3PA. Improve the heat radiation efficiency of the G3PA before replacing the cartridge. The G32A-A Power Device Cartridge can withstand an excessive current for a short period of time, such as may be caused accidentally by the short circuitry of the load, in which case the temperature indicator will not turn red.
Appearance
G32A-A10(L)-VD G32A-A20(L)-VD G32A-A40(L)-VD G32A-A60(L)-VD G32A-A10
G32A-A20
G32A-A40
G32A-A420-VD(-2)
G32A-A430-VD(-2)
G32A-A450-VD-2
Replacing Power Device Cartridges
When replacing Power Device Cartridges, use the specified model. Using a Power Device Cartridge other than the specified one will result in faulty operation and destruction of the elements.
Noise Terminal Voltage according to EN55011
Conformance to EN55011 is possible if a capacitor is connected to the load power supply as shown in the diagram below. (G3PA-VD) Recommended capacitor: NISSEI ELECTRIC Co., LTD, TYPE R40 (MKT Series), 1 F (Japan only).
Load 24 VDC Input G3PA-VD 240 VAC
Loss Time
The loss time increases for low voltages and currents. Ensure that the loss time does not increase to an inappropriate level.
Loss time
Caution
Be sure to turn OFF the power supply when replacing the Cartridge. Supplying power with the Cartridge removed may result in malfunction.
Power Solid-state Relay
G3PA-(VD)
J-25
SSR
I Replacement Procedure
G32A-A10(L)-VD/G32A-A20(L)-VD/G32-A420-VD(-2)
Use the special tool (provided) to extract the cartridge for replacement with a new one.
Extraction
Follow the procedures below to dismount the Power Device Cartridge from the G3PA. 1. Switch off the power. 2. Remove the terminal cover. 3. Hook the indented part of the cartridge with the tool and pull up on the cartridge to remove it.
Apply silicone grease here.
Remover Hook here with Remover.
2. Make sure that there is no dust or pieces of wire on the heat radiator of the G32A-A or the G3PA. 3. Insert the cartridge into the opening of the G3PA so that the letters on the cartridge and those on the G3PA are in the same direction and side A and side B are even.
Side A
Side B
Mounting
Follow the procedures below to mount the Power Device Cartridge on the G3PA. 1. Apply silicone grease (provided with the G32A-A) to the entire surface of the heat radiator. 4. Attach the terminal cover. 5. Switch on the power and check the G3PA to be sure it works properly.
G32A-A40(L)-VD/G32A-A60(L)-VD/G32A-A430-VD(-2)/G32A-A450-VD-2
The G32A Power Device Cartridge is mounted and secured with screws to the G3PA Unit.
Extraction
Follow the procedures below to dismount the G32A-A Power Device Cartridge from the G3PA. 1. Switch off the power. 2. Remove the terminal cover. 3. Loosen the two centered screws on the sides to dismount the cartridge. The screws are connected to terminals 1 and 2.
Mounting
1. Apply silicone grease to the entire surface of the heat radiator.
Loosen
Apply silicone grease here.
2. Make sure that there is no dust or pieces of wire on the radiator of the G32A-A or the G3PA.
Loosen
4. Loosen the screws on both the corners.
Loosen
Loosen
5. Hold the indented part of both the corners to dismount the cartridge.
J-26
Power Solid-state Relay G3PA-(VD)
3. Insert the cartridge into the opening of the G3PA so that side A and side B are even.
Side A
4. Tighten the screws on both the corners with a tightening torque of 0.59 to 0.78 N*m. 5. Tighten the screws on both the sides with a tightening torque of 0.59 to 0.78 N*m. 6. Attach the terminal cover. 7. Switch on the power and check the G3PA to be sure it works properly.
Side B
I Linking Terminal Connection
* Connecting with linking terminal for G3PA-210B(L)-VD, -220B(L)VD, -240B(L)-VD and G3PA-420B-VD(-2), G3PA-430B-VD(-2).
SSR1 SSR2 SSR1 SSR2
* Connecting with linking terminal for G32A.
SSR G32A Unit SSR G32A Unit
* * The cover will not fit if the terminal protrudes. 1. When SSRs are close mounted, loosen the M3.5 Sems screw and flip the linking terminal down. 2. Insert the linking terminal securely into the center of the screw and tighten the screw. 1. When SSR are close mounted, loosen the M3.5 Sems screw on the G32A and flip the linking terminal down. 2. Insert the linking terminal securely into the center of the screw and tighten the screw. Ensure that the linking terminal does not protrude.
Linking terminal Refer to the instruction manual for the G32A-A Power Device Cartridge to replace the G3PA's triac part. Linking terminal
G3PA-420B-VD
Linking terminal
Linking terminal
When the temperature indicator has turned from pink to red, the G32-A-A Power Device Cartridge may have malfunctioned, in which case the cartridge must be replaced with a new one.
Use the terminal cover to prevent accidents due to electric shock.
Power Solid-state Relay
G3PA-(VD)
J-27
SSR
Connect the terminal with power off.
Mounting
* Screw or DIN track mounting is possible. * Vertical mounting should usually be used.
Vertical mounting
Panel
* Close mounting is also possible. * Close mounting is possible for up to 3 G3PA SSRs. (If there are 4 or more SSRs, mount at intervals of 10 mm min.) Reduce the load current by 10% for G3PA-210B-VD, -220B-VD, -240B-VD and by 20% for G3PA-260B-VD, 420B-VD(-2), -430B-VD(-2), -450B-VD-2. * Leave a distance of 80 mm

The rated ambient temperature is 40C. (30C for 400 V.)
Close mounting
Vertical Vertical Vertical
DIN track
G3PA G3PA
80 mm DIN track
Horizontal mounting
Panel
* With vertical mounting, reduce the load current by 30%. (Refer to the Load Current vs. Ambient Temperature graph.)
Note: Leave a distance of 60 mm min. between SSRs and ducts (especially above the SSR).
J-28
Power Solid-state Relay G3PA-(VD)
Engineering Data
Load Current vs. Ambient Temperature
Horizontal Mounting to Ground
Panel
Ground
G3PA-210B(L)-VD, G3PA-220B(L)-VD
G3PA-220B(L)-VD
25
G3PA-240B(L)-VD
G3PA-260B(L)-VD
80
Load current (A)
Load current (A)
Load current (A)
60
G3PA-210B(L)-VD
15
40
25 20
-30 -20
0
20
40
60
80
100
Ambient temperature (C)
Ambient temperature (C)
Ambient temperature (C)
G3PA-420B-VD, G3PA-420B-VD-2
G3PA-430B-VD, G3PA-430B-VD-2
G3PA-450B-VD-2
Load current (A)
Load current (A)
Ambient temperature (C)
Ambient temperature (C)
Load current (A)
Ambient temperature (C)
SSR
Note: Close mounting is possible for a maximum of three Units by reducing the load current by 20%. (A minimum clearance of 10 mm must be provided when mounting four or more Units.)
Power Solid-state Relay
G3PA-(VD)
J-29
Input Voltage vs. Input Current
G3PA-2@0B-VD
Input impedance (k) Input current (mA)
8 6 4 Input current Ta = 25C
G3PA-4@0-VD, G3PA-4@-VD-2
Input impedance (k) Input current (mA)
10 8 6 4 T = 25C
Input current
2
2 Input impedance 1 0.8 0.6 0.4
1 0.8 0.6 0.4
Input impedance
0.2 0.1 1
0.2 0.1 2 4 6 8 10 20 40 1 2 4 6 8 10 20 40
Input voltage (V)
Input voltage (V)
Vertical Mounting to Ground
Panel
Ground
G3PA-210B(L)-VD, G3PA-220B(L)-VD
G3PA-240B(L)-VD
G3PA-260B(L)-VD
Load current (A)
Load current (A)
20
Load current (A)
G3PA-220B(L)-VD
60
28
15 14 11 10 7 5.5 5 3.5
G3PA-210B(L)-VD
42 40
11 10
20 18
-30 -20
0
20
40
60
80
100
Ambient temperature (C)
Ambient temperature (C)
Ambient temperature (C)
G3PA-420B-VD, G3PA-430B-VD G3PA-420B -VD-2, G3PA-430B-VD-2
G3PA-450B-VD-2
Load current (A)
G3PA-430B-VD
G3PA-420B-VD
Ambient temperature (C)
Load current (A)
Ambient temperature (C)
J-30
Power Solid-state Relay G3PA-(VD)
Close Mounting (Up to Three)
Panel
Ground
DIN track
G3PA-210B(L)-VD, G3PA-220B(L)-VD
30 27
G3PA-240B(L)-VD
45 40
G3PA-260B(L)-VD
Load current (A)
Load current (A)
20 18 15 13 9 7 5 4.5
G3PA-220B-VD
30
Load current (A)
36
64
48 40
20 14 10
G3PA-210B-VD
20
-30 -20
0
20
40
60
80
100
Ambient temperature (C)
Ambient temperature (C)
Ambient temperature (C)
G3PA-420B-VD, G3PA-420B-VD-2
30
G3PA-430B-VD, G3PA-430B-VD-2
40
Load current (A)
20 16
Load current (A)
10 30 80 100
30
24 20
10
10
-30
-30
10
30
80
G3PA-450B-VD-2
Load current (A)
Ambient temperature (C)
Power Solid-state Relay
G3PA-(VD)
J-31
SSR
Ambient temperature (C)
Ambient temperature (C)
Inrush Current Resistivity: Non-repetitive
Note: Keep the inrush current to half the rated value if it occurs repetitively.
G3PA-210B(L)-VD
G3PA-220B(L)-VD, G3PA-420B-VD, G3PA-420B-VD-2
G3PA-240B(L)-VD/260B(L)-VD, G3PA-430B-VD, G3PA-430B-VD-2, G3PA-450B-VD-2
Inrush current (A. Peak)
Inrush current (A. Peak)
Energizing time (ms)
Energizing time (ms)
Inrush current (A. Peak)
Energizing time (ms)
J-32
Power Solid-state Relay G3PA-(VD)
Dimensions
Note: All units are in millimeters unless otherwise indicated.
G3PA-210B(L)-VD
Without Terminal Cover
Two, M4 Linking terminal B1
With Terminal Cover
4.6 dia.
Mounting Holes
Two, 4.5 dia. or M4 holes
Terminal Arrangement/ Internal Connections
Trigger circuit
Linking terminal B2 4.6 x 5.6 elliptical hole
100 max.
G3PA-220B(L)-VD
Without Terminal Cover
Linking terminal B1 Two, M4
With Terminal Cover
4.6 dia.
Mounting Holes
Two, 4.5 dia. or M4 holes
Terminal Arrangement/ Internal Connections
Trigger circuit
Linking terminal B2 4.6 x 5.6 elliptical hole
100 max.
G3PA-240B(L)-VD
Without Terminal Cover
Linking terminal B1 Two, M5
With Terminal Cover
4.6 dia.
Mounting Holes
Two, 4.5 dia. or M4 holes
Trigger circuit
Linking terminal B2 4.6 x 5.6 elliptical hole
100 max.
Power Solid-state Relay
G3PA-(VD)
Input circuit
Two, M3.5
J-33
SSR
Terminal Arrangement/ Internal Connections
Input circuit
Two, M3.5
Input circuit
Two, M3.5
G3PA-260B(L)-VD G3PA-450B-VD-2
With Terminal Cover
4.6 dia.
Without Terminal Cover
Two, M5 Two, M3.5
Mounting Holes
Two, 4.5 dia. or M4 holes
Terminal Arrangement/ Internal Connections
Trigger circuit
4.6 x 5.6 elliptical hole
110 max.
100 max.
G3PA-420B-VD, G3PA-420B-VD-2
Without Terminal Cover
Two, M4 7.6
Linking terminal 67+B1 Linking terminal -B2
With Terminal Cover
4.6 dia.
Mounting Holes
Two, 4.5 dia. or M4
Terminal Arrangement/ Internal Connections
900.2
Trigger circuit Input circuit
38 100 max.
80
900.3
8.6 Two, M3.5 2.2 8.8 13.2 4.5 x 5.6 elliptic hole 250.2 37 max. 100 max.
4.5
90
91
G3PA-430B-VD, G3PA-430B-VD-2
Without Terminal Cover
Two, M5 7.6
Input circuit
With Terminal Cover
4.6 dia.
Mounting Holes
Two, 4.5 dia. or M4
Terminal Arrangement/ Internal Connections
67
Linking terminal +B1 Linking terminal -B2
38 100 900.2 80 max.
900.3
13 4.6 x 5.6 elliptic hole 350.2 47 max. 100 max. 4.5
18 13
350.3
89
91
J-34
Power Solid-state Relay G3PA-(VD)
Trigger circuit
Input circuit
Precautions
Refer to the Technical Information for SSRs (Cat. No. J137) for general precautions.
Noise Terminal Voltage according to EN55011
The G3PA-(VD) conforms to EN55011 standards when a capacitor is connected to the load power supply as shown in the following circuit diagram.
Load Input G3PA-(VD) Output
I Correct Use
Load Connection
For an AC load, use a power supply rated at 50 or 60 Hz. The maximum operating frequency is 10 Hz. The G3PA-(VD) has a built-in varistor for overvoltage protection. At a low applied voltage, such as 24 VAC, the load current is not fully supplied. When the Unit is switched ON, the voltage required to power the Unit deprives the output signal of the necessary voltage level and thus creates loss time. The lower the load voltage is, the greater the loss time is. This condition, however, will not create any serious problems.
Recommended Capacitor: NISSEI ELECTRIC Co., LTD, TYPE R40 (MKT Series), 1 F
Loss time
For a DC or L load, a diode should be connected in parallel the load to absorb the counter electromotive force of the load.
Load Input
SSR
Load power supply
When attaching a heat sink to the G3PA-(VD), in order to facilitate heat dissipation, apply Silicone Grease or equivalent heat conductive grease on the heat sink. (Toshiba Silicon, Shinetsu Silicon, etc.) Tighten the mounting screws of the heat sink with a torque of 0.78 to 0.98 N*m.
Power Solid-state Relay
G3PA-(VD)
J-35
SSR
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527. Cat. No. K094-E1-04 In the interest of product improvement, specifications are subject to change without notice.
J-36
Power Solid-state Relay G3PA-(VD)


▲Up To Search▲   

 
Price & Availability of G3PA-VD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X