Part Number Hot Search : 
AN712 2N638800 P05R48S0 PCK942P 93334 D1409 00095 1040D
Product Description
Full Text Search
 

To Download G3NA-D210B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid-state Relay
A Wide Range of Models with 5- to 40-A Output Currents and Up to 480-VAC/200-VDC Output Voltages
All models feature the same compact dimensions to provide a uniform mounting pitch. Built-in varistor effectively absorb external surges. Operation indicator (red LED) enables monitoring operation. Protective cover for greater safety. Standard models approved by UL/CSA and -UTU models by VDE (TUV).
G3NA
RCE
Ordering Information
Isolation Phototriac Photocou ler Photocoupler Phototriac Photocoupler o ocou e Zero cross function Yes Yes Indicator Rated output load (Applicable output load) 5 A at 24 to 240 VAC* a o0 C (19 t 264 VAC) to Rated input voltage 5 to 24 VDC 100 to 120 VAC 200 to 240 VAC 10 A a 24 to 240 VAC* 0 at o0 C (19 t 264 VAC) to 5 to 24 VDC 100 to 120 VAC 200 to 240 VAC 10 A a 200 to 480 VAC* 0 at 00 o 80 C (180 t 528 VAC) to --Phototriac Photocoupler o ocou e Yes 10 A a 5 to 200 VDC 0 at o 00 C (4 t 220 VDC) to 20 A a 24 to 240 VAC* 0 at o0 C (19 t 264 VAC) to 5 to 24 VDC 100 to 240 VAC 5 to 24 VDC 100 to 240 VAC 5 to 24 VDC 100 to 120 VAC 200 to 240 VAC 20 A a 200 to 480 VAC* 0 at 00 o 80 C (180 t 528 VAC) to Phototriac Photocoupler o ocou e 40 A a 24 to 240 VAC* 0 at o0 C (19 t 264 VAC) to 5 to 24 VDC 100 to 240 VAC 5 to 24 VDC 100 to 120 VAC 200 to 240 VAC 40 A a 200 to 480 VAC* 0 at 00 o 80 C (180 t 528 VAC) to 50 A at 200 to 480 VAC* (180 to 528 VAC) *Loss time increases under 75 VAC. (Refer to page 164.) Note: When ordering a TUV-approved model, add "-UTU" to the model number as shown below: Example: G3NA-210B-UTU 5 to 24 VDC 100 to 240 VAC 5 to 24 VDC G3NA-450B G3NA-440B G3NA-240B G3NA-420B G3NA-220B G3NA-D210B G3NA-410B G3NA-210B Model G3NA-205B
157
G3NA Accessories (Order Separately)
Heat Sink
The following heat sinks are thin and can be DIN-track mounted (except Y92B-P250). See Dimensions for details. Model Y92B-N50 Y92B-N100 Y92B-N150 Y92B-P250 Applicable SSR G3NA-205B, G3NA-210B, G3NA-D210B, G3NA-410B, G3NE-205T(L), G3NE-210T(L) G3NA-220B, G3NA-420B, G3NE-220T(L) G3NA-240B, G3NA-440B G3NA-450B Low-cost Models Model Y92B-A100 Y92B-A150N Y92B-A250 Applicable SSR
G3NA
G3NA-205B, G3NA-210B, G3NA-D210B, G3NA-220B, G3NA-410B, G3NA-420B G3NA-240B, G3NA-440B G3NA-440B
Mounting Bracket
Used to mount the G3NA with a mounting dimension of 56 mm. Model R99-11 Applicable SSR G3NA-240B, G3NA-440B
See Dimensions for details. (Refer to page 164.)
Specifications
Ratings
Input (Ambient Temperature: 25C)
Model Rated voltage Operating voltage Impedance Voltage level Must operate voltage G3NA-2jjB 5 to 24 VDC 100 to 120 VAC 200 to 240 VAC G3NA-4jjB G3NA-D210B Note: 5 to 24 VDC 100 to 240 VAC 4 to 32 VDC 75 to 132 VAC 150 to 264 VAC 4 to 32 VDC 75 to 264 VAC 7 mA max.* 36 k20% 72 k20% 5 mA max.* 72 k20% 4 VDC max. 75 VAC max.** 150 VAC max.** 4 VDC max. 75 VAC max. Must release voltage 1 VDC min. 20 VAC min.** 40 VAC min.** 1 VDC min. 20 VAC min.
The input impedance is measured at the maximum value of the rated supply voltage (for example, with the model rated at 100 to 120 VAC, the input impedance is measured at 120 VAC). *With constant current input circuit system. The impedance for the G3NA-jjjB-UTU is 15 mA max. **Refer to the Engineering Data for further details.
Output
Model Rated load voltage G3NA-205B G3NA-210B G3NA-410B G3NA-220B G3NA-420B G3NA-240B G3NA-440B G3NA-450B G3NA-D210B 200 to 480 VAC 24 to 240 VAC 200 to 480 VAC 24 to 240 VAC 200 to 480 VAC 200 to 480 VAC 5 to 200 VDC 180 to 528 VAC 19 to 264 VAC 180 to 528 VAC 19 to 264 VAC 180 to 528 VAC 180 to 528 VAC 4 to 220 VDC 24 to 240 VAC Load voltage range 19 to 264 VAC 0.1 to 5 A 0.1 to 10 A 0.2 to 10 A 0.1 to 20 A 0.2 to 20 A 0.1 to 40 A 0.2 to 40 A 0.2 to 50 A 0.1 to 10 A Applicable load Load current With heat sink* Without heat sink 0.1 to 3 A 0.1 to 4 A 0.2 to 4 A 0.1 to 4 A 0.2 to 4 A 0.1 to 6 A 0.2 to 6 A 0.2 to 6 A 0.1 to 4 A 20 A (10 ms) 440 A (60 Hz, 1 cycle) 220 A (60 Hz, 1 cycle) 60 A (60 Hz, 1 cycle) 150 A (60 Hz, 1 cycle) Inrush current
*When OMRON's heat sink (refer to the accessories) or a heat sink of specified size is used.
158
G3NA Characteristics
Item Operate time Release time Output ON voltage drop Leakage current Insulation resistance Dielectric strength Vibration resistance Shock resistance Ambient temperature Approved standards Ambient humidity Weight G3NA-205B, -210B, -220B G3NA-240B G3NA-410B, -420B, -440B, -450B
G3NA
G3NA-D210B 1 ms max. (DC input) 30 ms max. (AC input) 5 ms max. (DC input) 30 ms max. (AC input) 1.5 V max. 5 mA max. (at 200 VDC)
1/2 of load power source cycle + 1 ms max. (DC input) 3/2 of load power source cycle + 1 ms max. (AC input) 1/2 of load power source cycle + 1 ms max. (DC input) 3/2 of load power source cycle + 1 ms max. (AC input) 1.6 V (RMS) max. 5 mA max. (at 100 VAC) 10 mA max. (at 200 VAC) 100 M min. (at 500 VDC) 2,500 VAC, 50/60 Hz for 1 min Malfunction: 10 to 55 Hz, 1.5-mm double amplitude Malfunction: 1,000 m/s2 Operating: -30C to 80C (with no icing or condensation) Storage: -30C to 100C (with no icing or condensation) 1.8 V (RMS) max. 10 mA max. (at 200 VAC) 20 mA max. (at 400 VAC)
UL508 File No. E64562/CSA C22.2 (No.0, No.14) File No. LR35535 (except for G3NA-450B) TUV R9151660 (EN60950) (except for G3NA-4j0B) Operating: 45% to 85% Approx. 60 g Approx. 70 g Approx. 80 g Approx. 70 g
159
G3NA
G3NA
Engineering Data
Load Current vs. Ambient Temperature Characteristics
G3NA-205B G3NA-210B/410B G3NA-220B/420B
20 16
Load current (A)
Load current (A)
With standard heat sink (Y92B-A100 or Y92BN50) or aluminum plate measuring 75 mm x 75 mm x 13.2 mm (W x H x D) Without heat sink
10
With standard heat sink (Y92B-A100 or Y92B-N50) or aluminum plate measuring 150 mm x 150 mm x 13.2 mm (W x H x D) With iron plate measuring 100 x 100 x 0.8 (W x H x D) Without heat sink
Load current (A)
8 6 5 4
With standard heat sink (Y92B-A100 or Y92B-N100) or aluminum plate measuring 200 mm x 200 mm x 13.2 mm (W x H x D) With iron plate measuring 100 x 100 x 0.8 (W x H x D)
2 0
Without heat sink
Ambient temperature (C) G3NA-240B
Ambient temperature (C) G3NA-440B
50 45 40
With Y92BA250 or heat sink with a radiation efficiency of 1C/W. With standard heat sink (Y92B-A150N or Y92B-N150)
Ambient temperature (C) G3NA-D210B
20
Load current (A)
Load current (A)
30
Load current (A)
With standard heat sink (Y92B-A150N or Y92B-N150)
10
With standard heat sink (Y92B-A100 or Y92B-N50) or aluminum plate measuring 150 mm x 150 mm x 13.2 mm (W x H x D)
20 12 10 6 4 2 0
With iron plate measuring 100 x 100 x 0.8 (W x H x D) Without heat sink
With iron plate measuring 100 x 100 x 0.8 (W x H x D) Without heat sink
6 5 4
With iron plate measuring 100 x 100 x 0.8 (W x H x D) Without heat sink
2 0
Ambient temperature (C) G3NA-450B
Ambient temperature (C)
Ambient temperature (C)
With standard heat sink (Y92B-P250)
Load current (A)
Without heat sink
Ambient temperature (C)
160
G3NA
Inrush Current Resistivity
Non-repetitive (Keep the inrush current to half the rated value if it occurs repetitively.) G3NA-205B G3NA-210B/410B G3NA-220B/420B
G3NA
Inrush current (A. Peak)
Inrush current (A. Peak)
Energizing time (ms)
Energizing time (ms)
Inrush current (A. Peak)
Energizing time (ms)
Temperature Characteristics (with Must Operate Voltage and Must Release Voltage)
G3NA-240B/440B/450B G3NA-D210B G3NA-2jjB AC Input
Inrush current (A. Peak)
Inrush current (A. Peak)
Energizing time (ms)
Energizing time (ms)
Variation rate (%)
Ambient temperature (C)
Heat Sink Size vs. Load Current
G3NA-220B
Ambient temperature 80C Ambient temperature 40C
Heat sink size
(cm2
Note:
The heat sink size refers to the combined area of the sides of the heat sink that radiate heat. For example, when a current of 18 A is allowed to flow through the SSR at 40C, the graph shows that the heat sink size is about 450 cm2. Therefore, if the heat sink is square, one side of the heat sink must be 15 cm (152 x 2 = 450) or longer.
)
Aluminum plate 3.2 mm thick
Load current (A)
161
G3NA
G3NA
Dimensions
Note: All units are in millimeters unless otherwise indicated. In the case of surface mounting, a 30% derating of the load current is required. The orientation indicated by the external dimensions is not the correct mounting orientation. When opening mounting holes, refer to the mounting hole dimensions. G3NA-205B, G3NA-210B, G3NA-220B, G3NA-410B, G3NA-420B
Four, M4 x 8 4.5 dia. screws
Mounting Holes
Terminal Arrangement/ Internal Connections (Top View)
Load Load power supply 2 (+) 3 Input
Two, 4.3-dia. or M4 holes 58 max. 47.5 44
Load 1 47.60.2 Operating indicator 13.8 25 max. 27 max. (-) 4
4.5 25 43 max.
G3NA-240B, G3NA-440B, G3NA-450B
4.5 dia. Two, M5 x 12 screws
Mounting Holes
Terminal Arrangement/ Internal Connections (Top View)
Load Load power supply 2 (+) 3 Input
Two, 4.3-dia. or M4 holes 58 min.47.5 44
Load 1 47.60.2 Operating indicator 4.5 25 43 max. Two, M4x8 13.8 25 max. 27 max. (-) 4
G3NA-D210B
Four, M4 x 8 4.5 dia. screws
Mounting Holes
Terminal Arrangement/ Internal Connections (Top View)
Load Load power supply 2 + (+) 3 Input
58 max. 47.5 44
Two, 4.3-dia. or M4 holes
Load 47.60.2 4.5 25 43 max. Operating indicator 13.8 25 max. 27 max. 1 (-) 4
Note:
The load can be connected to either the positive or negative side. Mounting Holes
4.6 dia. Two, M3 holes Two, M4 holes Two, 3.2-dia. holes 44 max. 30 47 max. 900.4 5 6 51 max. 4.5 350.2
Heat Sink Y92B-N50
35 30.50.3
Two, 4.4-dia. or M4 holes
47.6 77 max. 900.3 100 max.
5.6
Weight: approx. 200 g
162
G3NA
Y92B-N100
4.6 dia. Two, M3 holes Two, M4 holes
G3NA
Mounting Holes
Two, 3.2-dia. holes 350.2 71 max.
35 30.50.3
30
75 max. Two, 4.4-dia. or M4 holes 900.4
47.6 77 max. 900.3 100 max.
5.6
28
5 100 max.
13
4.5
Weight: approx. 400 g Y92B-N150
4.6 dia.
47.6
Three, M4 holes
Two, 3.2-dia. holes
Mounting Holes
350.2
35
100 max.
30
104 max. 900.4
Two, 4.4-dia. or M4 holes
560.3 77 max. 900.3 100 max.
5.6
28
5 100 max.
13
4.5
Weight: approx. 560 g
Y92B-A100
Y92B-A150N
Three, M4 holes
Y92B-A250
Three, M4 holes
90 0.1
90 0.1
90 0.1
Two, M4 holes
100.5 max. 1.5 80.5 max. R2.2 47.6 9.6 2
R2.2
47.6
47.6 500.1 100 max.
500.1 560.5 150 max.
500.1 560.5 250 max.
1.5 30 45.5 max.
Mounting Holes Y92B-A100 Y92B-A150 Y92B-A250
Four, M4 Four, 4.3-dia. or M4 holes
Mounting Holes
Four, 4.5 dia. or M4
190.5 max. 900.1
500.1 Four, R2.5 130.5 max.
70 max.
163
G3NA
Y92B-P250
G3NA
Four, M4
Mounting Holes
Four, 4.5 dia. or M4
190.5 max.
Four, R2.5 130.5 max.
70 max.
R99-11
16 8 5 12.5 21 56
4
4.6
Use Mounting Bracket R99-11 so that the G3NA-240B can be mounted with the same pitch as that of the G3N-240B.
Precautions
Refer to pages 11 to 19 for general precautions.
Load Connection
For an AC load, use a power supply rated at 50 or 60 Hz. The maximum operating frequency is 10 Hz. The G3NA has a built-in varistor for overvoltage protection.
At a low applied voltage, such as 24 VAC, the load current is not fully supplied. When the Unit is switched ON, the voltage required to power the Unit deprives the output signal of the necessary voltage level and thus creates loss time. The lower the load voltage is, the greater the loss time is. This condition, however, will not create any serious problems.
Zero Cross Function
An SSR with a zero cross function operates when an AC load voltage reaches the zero point or its vicinity. This reduces clicking noises when the load is input, and minimizes the influence of an inductive load, such as a lamp, heater, or motor, on the power supply because the inrush current of the load is reduced. This can also minimize the scale of the inrush current protection circuit.
Loss time
Output (load voltage)
For a DC or L load, a diode should be connected in parallel the load to absorb the counter electromotive force of the load.
Load ON Input OFF Input
SSR
Load power supply
164
G3NA
When attaching a heat sink to the G3NA, apply Silicone Grease or equivalent heat conductive grease on the heat sink. (Toshiba Silicon, Shinetsu Silicon, etc.) Tighten the mounting screws of the heat sink with a torque of 0.78 to 0.98 N S m. EN55011 Measurement of Mains Terminal Disturbance Voltage The G3NA-UTU conforms to EN55011 standards when a capacitor is connected to the load power supply as shown in the following circuit diagram.
Load Input G3NA-UTU Output
G3NA
Recommended Capacitor: Nissei Denki's MKT-series R40 (1 F) The output terminal side of the G3NA-D210B is connected to a builtin diode for protecting the SSR from damage that may result from reverse connection. The SSR, however, cannot withstand one minute or more if the wires are connected in reverse order. Therefore, pay the utmost attention not to make polarity mistakes on the load side.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. K067-E1-1D
165


▲Up To Search▲   

 
Price & Availability of G3NA-D210B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X