Part Number Hot Search : 
ZR36015 BR201 ADP3190 1J682 IN74HC N4007 74VHC02M MC33039P
Product Description
Full Text Search
 

To Download FZT2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT223 PNP SILICON PLANAR SWITCHING TRANSISTOR
ISSUE 4 JUNE 1996 FEATURES * 60 Volt VCEO * Fast switching PARTMARKING DETAIL 7
FZT2907 FZT2907A
C
FZT2907 FZT2907 FZT2907A FZT2907A B
E C
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO IC Ptot Tj:Tstg -40 -5 -600 1.5 -55 to +150 FMMT2907 FMMT2907A -60 -60 UNIT V V V mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Cut-Off Current Collector Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Static Forward Current Transfer Ratio SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICEX ICBO FZT2907 MIN. -40 -60 -5 -50 -20 -20 -50 -0.4 -1.6 -1.3 -2.6 35 50 75 100 30 200 75 100 100 100 50 200 FZT2907A MAX. V V V -50 -10 -10 -50 -0.4 -1.6 -1.3 -2.6 nA nA nA V V V V IC=-10A, IE=0 IC=-10mA, IB=0* IE=-10A, IC=0 VCE=-30V, VBE=-0.5V VCB=-50V, IE=0 VCB=-50V, IE=0, Tamb=150C VCE=-30V, VBE=-0.5V IC=-150mA, IB=-15mA* IC=-500mA, IB=-50mA* IC=-150mA, IB=-15mA* IC=-500mA, IB=-50mA* IC=-0.1mA, VCE=-10V IC=-1mA, VCE=-10V IC=-10mA, VCE=-10V IC=-150mA, VCE=-10V* IC=-500mA, VCE=-10V* MHz IC=-50mA, VCE=-20V f=100MHz -60 -60 -5 UNIT CONDITIONS. MAX. MIN.
A
Base Cut-Off Current IB VCE(sat) VBE(sat) hFE
300
300
Transition Frequency
fT
*Measured under pulsed conditions. Pulse width=300ms. Duty cycle 2% 3 - 298
FZT2907 FZT2907A
SWITCHING CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER SYMBOL Cobo Cibo ton toff FMMT2907 MIN. Output Capacitance Input Capacitance Turn On Time 8 30 50 FMMT2907A MIN. 8 30 50 UNIT pF pF ns CONDITIONS. MAX. MAX. VCB=-10V, IE=0, f=100KHz VBE=-2V, IC=0 f=100KHz VCE=-30V IC=-150mA, IB1=-15mA (See Turn On Circuit) VCE=-6V, IC=-150mA IB1= IB2=-15mA (See Turn Off Circuit)
Turn Off Time
110
110
ns
TURN ON TIME TEST CIRCUIT
-30V
200
0
-16V 50
1K
Scope: Rise Time < 5 ns
Pulse width <200ns
TURN OFF TIME TEST CIRCUIT
15V -6V
1K
37
0
-30V 50
1K
Scope: Rise Time < 5 ns
Pulse width <200ns
3 - 299


▲Up To Search▲   

 
Price & Availability of FZT2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X