Part Number Hot Search : 
AXX2520 BF494 AK4203 P0431 2222A BCM2140 RF164 317MG
Product Description
Full Text Search
 

To Download FXTA92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ISSUE 1 MARCH 94 FEATURES * 300 Volt VCEO APPLICATIONS * Telephone dialler circuits
FXTA92
B C
REFER TO MPSA92 FOR GRAPHS
E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO IC Ptot Tj:Tstg
E-Line TO92 Compatible VALUE -300 -300 -5 -500 680 -55 to +175 UNIT V V V mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO MIN. -300 -300 -5 -0.25 -0.1 -0.5 -0.9 25 40 25 50 6 3-65 MHz pF TYP. MAX. UNIT V V V
A A
CONDITIONS. IC=-100A, IE=0 IC=-1mA, IB=0* IE=-10A, IC=0 VCB=-200V, IE=0 VEB=-3V, IC=0 IC=-20mA, IB=-2mA IC=-20mA, IB=-2mA IC=-1mA, VCE=-10V* IC=-10mA, VCE=-10V* IC=-30mA, VCE=-10V* IC=-10mA, VCE=-20V f=20MHz VCB=-20V, f=1MHz
Emitter Cut-Off Current IEBO Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage VCE(sat) VBE(sat)
V V
Static Forward Current hFE Transfer Ratio Transition Frequency Output Capacitance fT Cobo


▲Up To Search▲   

 
Price & Availability of FXTA92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X