Part Number Hot Search : 
SR1640 13080 EA09922 CY7C14 SMB3EZ14 T1044 T1044 19TG4
Product Description
Full Text Search
 

To Download FXT2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP SILICON PLANAR SWITCHING TRANSISTOR
ISSUE 2 SEPTEMBER 94 FEATURES * 60 Volt VCEO * Fast switching
FXT2907A
B C
E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO IC Ptot Tj:Tstg
E-Line TO92 Compatible VALUE -60 -60 -5 -600 500 -55 to +175 UNIT V V V mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Cut-Off Current Collector Cut-Off Current Base Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Static Forward Current Transfer Ratio SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICEX ICBO IB VCE(sat) VBE(sat) hFE 75 100 100 100 50 200 MIN. -60 -60 -5 -50 -10 -10 -50 -0.4 -1.6 -1.3 -2.6 TYP. MAX. V V V nA nA nA V V V V UNIT CONDITIONS. IC=-10A, IE=0 IC=-10mA, IB=0* IE=-10A, IC=0 VCE=-30V, VBE=-0.5V VCB=-50V, IE=0 VCB=-50V, IE=0, Tamb=150C VCE=-30V, VBE=-0.5V IC=-150mA, IB=-15mA* IC=-500mA, IB=-50mA* IC=-150mA, IB=-15mA* IC=-500mA, IB=-50mA* IC=-0.1mA, VCE=-10V IC=-1mA, VCE=-10V IC=-10mA, VCE=-10V IC=-150mA, VCE=-10V* IC=-500mA, VCE=-10V* MHz IC=-50mA, VCE=-20V f=100MHz
A
300
Transition Frequency
fT
*Measured under pulsed conditions. Pulse width=300ms. Duty cycle 2% PAGE NO
FXT2907A
SWITCHING CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Output Capacitance Input Capacitance Turn On Time SYMBOL Cobo Cibo ton MIN. TYP. 8 30 50 MAX. UNIT CONDITIONS. pF pF ns VCB=-10V, IE=0, f=100KHz VBE=2V, IC=0, f=100KHz VCE=-30V IC=-150mA, IB1=15mA (See Turn On Circuit) VCC=-6V, IC=-150mA IB1= IB2=-15mA (See Turn Off Circuit)
Turn Off Time
toff
110
ns
TURN ON TIME TEST CIRCUIT
-30V
200
0
-16V 50
1K
Scope: Rise Time < 5 ns
Pulse width <200ns
TURN OFF TIME TEST CIRCUIT
15V -6V
1K
37
0
-30V
1K
Scope: Rise Time < 5 ns
50
Pulse width <200ns


▲Up To Search▲   

 
Price & Availability of FXT2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X