Part Number Hot Search : 
1N4005 225M0 UMX4NTR 203902B P5600 020BC CZRA3062 CH168
Product Description
Full Text Search
 

To Download FXO-62FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FXO-62F
Miniature Clock Crystal Oscillator sFeatures
Ultra-thin,thickness (5x3.2x1.2mm). It is a compact and thin ceramic package with a matalized lead for surface mounting that is able to be automatically loaded. Reflow soldering is possible. CMOS, TTL IC direct drive is possible. Depending upon the frequency band, there is also a crystal oscillator with a CMOS-IC with a tri-state function built in.
sSpecifications
Item Frequency Range Standard Frequency Frequency Stability Operating Temperature Range Storage Temperature Range Supply Voltage Current Load Output Level Output Symmetry Rise Time/Fall Time Start-up Time Vibration Shock Weight Application *1 Please inquire about frequencies other than the above. 10ns MAX. 10ms MAX. 10~55Hz Ampulitude 1.5mm, Cycle 2 minute, 3 direction, 2 hour each 1000G 0.1g for Audio-Visual Equipment 5V5% 10mA MAX. 15pF (2TTL) VOH : 0.9VDD MIN. VOL : 0.5V MAX. 40~60% (VT=1/2VDD) 12ns MAX. Type FXO-62F 8.0~32.0MHz 14.31818, 17.734476, 28.375, 28.63636MHz *1 30x10 -6 -10~+60: -20~+80: 3.3V5% 8mA MAX. 15pF (1TTL) VOH : 0.9VDD MIN. VOL : 0.4V MAX. FXO-62FL
sOutline
FXO-62F
#4 #3
sLand Pattern(reference)
28.636 KSS 9G
5.00.15
4.5 0.75 1.2MAX #1 #2
3.20.1
#1 #4
0.6
#2 #3
1.2
1.2
1.0
2.540.1
CONNECTION 1:INH 2:GND 3:OUTPUT 4:VDD INH:Hi or Open:Fout Low:Output-Stop (L Level)
1.5
1.6
0.4
2.54
2.5 Dimensions(mm)


▲Up To Search▲   

 
Price & Availability of FXO-62FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X