Part Number Hot Search : 
ICM72 CPZRL7 MAX809S NTE6810 54123 MC100H6 MGFC3 MM1381
Product Description
Full Text Search
 

To Download FX503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:EN4903
FX503
PNP Epitaxial Planar Silicon Transistor
High-Current Switching Applications
Features
* Composite type with 2 PNP transistors contained in one package, facilitating high-density mounting. * The FX503 houses two chips, each being equivalent to the 2SB1202, in one package. * Matched pair characteristics.
Package Dimensions
unit:mm 2118
[FX503]
1:Base1 2:Emitter1 3:Emitter2 4:Base2 5:Collector2 6:Collector1 SANYO:XP6 (Bottom view)
Switching Time Test CIrcuit
Electrical Connection
1:Base1 2:Emitter1 3:Emitter2 4:Base2 5:Collector2 6:Collector1 (Top view)
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Base Current Collector Dissipation Total Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP IB PC PT Tj Tstg Mounted on ceramic board (750mm2x0.8mm) 1 unit Mounted on ceramic board (750mm2x0.8mm) Conditions Ratings -60 -50 -6 -3 -6 -600 1.5 2 150 -55 to +150 Unit V V V A A mA W W C C
* Marking:503
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
52098HA (KT)/42695MO (KOTO) BX-1458 No.4903-1/4
FX503
Continued from preceding page. Electrical Characteristics at Ta = 25C
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain Ratio Gain-Bandwidth Product Output Capacitance C-E Saturation Voltage B-E Saturation Voltage C-B Breakdown Voltage C-E Breakdown Voltage E-B Breakdown Voltage Turn-ON Time Storage Time Fall Time Symbol ICBO IEBO hFE1 hFE2 hFE(small/ large) fT Cob VCE(sat) VBE(sat) VCB=-40V, IE=0 VEB=-4V, IC=0 VCE=-2V, IC=-100mA VCE=-2V, IC=-3A VCE=-2V, IC=-100mA VCE=-10V, IC=-100mA VCB=-10V, f=1MHz IC=-2A, IB=-100mA -60 -50 -6 70 450 35 140 35 0.8 150 39 -350 -0.94 -700 -1.2 MHz pF mV V V V V ns ns ns Conditions Ratings min typ max -1 -1 400 Unit A A
IC=-2A, IB=-100mA V(BR)CBO IC=-10A, IE=0 V(BR)CEO IC=-1mA, RBE= V(BR)EBO ton tstg tf IE=-10A, IC=0 See sepcified Test Circuit See sepcified Test Circuit See sepcified Test Circuit
No.4903-2/4
FX503
No.4903-3/4
FX503
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of May, 1998. Specifications and information herein are subject to change without notice.
PS No.4903-4/4


▲Up To Search▲   

 
Price & Availability of FX503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X