Part Number Hot Search : 
12S12 AN929 9S12XEQ 1H222 TXMEGA64 PL611 1N4004E ZPD12
Product Description
Full Text Search
 

To Download FU-445SDF-W1M2B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TZ7-01-123B (1/6) June 20, 2001 Approved Approved Charged
H.Koyanagi
Specification of uncooled DFB-LD module Module type: FU-445SDF-x1Mxx
( Mitsubishi standard product )
A
B x
C
D
Date 20.Jun.'01
Approved Y.Hozumi
MITSUBISHI ELECTRIC CORPORATION
* Mitsubishi Electric Corp. reserves the right to change product design and specification without notice.
TZ7-01-123B (2/6) MITSUBISHI (OPTICAL DEVICES)
1.3 m UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
DESCRIPTION Module type FU-445SDF-x1Mxx is a 1.3m Uncooled DFB-LD module with single-mode optical fiber. This module is suitable to a light source for use in 2.5Gb/s digital optical communication systems. FEATURES l /4 shifted Multi quantum wells (MQW) DFB Laser Diode module l Input impedance is 25 l Emission wavelength is in 1.3 m band l High-speed response l Built-in optical isolator l Built-in thermistor and bias T l 8-pin Mini-DIL package with Gull wing leads l With photodiode for optical output monitor APPLICATION High speed transmission systems (~2.5Gb/s)
FU-445SDF-x1Mxx
ABSOLUTE MAXIMUM RATINGS (Tc=25C) Parameter Symbol Laser diode Optical output Pf power Forward current If Reverse voltage Vrl Photodiode Reverse voltage Vrd Forward current Ifd Operating case temperature Tc Storage temperature Tstg
Conditions CW CW -
Rating 6 100 2 20 2 -20 ~ +85 -40 ~ +85
Unit mW mA V V mA C C
TZ7-01-123B (3/6) MITSUBISHI (OPTICAL DEVICES)
1.3 m UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=-20~85C, unless otherwise noted) Parameter Symbol Test Conditions Limits Unit Min. Typ. Max. Threshold current Ith CW, Tc=25C 10 25 mA CW 2 40 W Optical output power Pth CW, Ibias=Ith 50 at threshold current Operating current Iop CW, Pf=2mW, Tc=25C 40 70 mA CW, Pf=2mW, Tc=85C 60 90 Operating voltage Vop CW, Pf=2mW, Tc=25C 1.2 1.5 V CW, Pf=2mW, Tc=85C 1.6 1.8 Input impedance Zin 25 Optical output power from Pf CW, nominal 2 mW fiber end c Light-emission central CW, Pf=1mW 1290 1310 1330 nm wavelength ct Wavelength temperature 0.09 0.1 nm/C coefficient Spectral width (Note1), -20dB 0.8 nm Side mode suppression ratio Sr (Note1) 30 45 dB Cutoff frequency fc Pf=1mW 3.5 GHz (-1.5dB optical) Rise and fall time (10~90%) tr, tf (Note1) 125 150 psec Dispersion penalty Pp (Note1), -300ps/nm disp. 0.5 dB Relative intensity noise Nr CW, Pf=1mW, f=1GHz -145 -130 dB/Hz Tracking error (Note 2) Er CW, APC(Imon=const.) 0.5 1.25 dB Differential efficiency CW, Tc=25C 0.06 0.2 mW/ mA CW 0.04 0.27 Monitor current Imon CW, Pf=1mW, Vrd=5V 0.05 1 mA Optical isolation Iso 20 dB A Dark current (PD) Id Vrd=5V 0.1 Capacitance (PD) Ct Vrd=5V, f=1MHz 10 pF Thermistor resistance Rth Tc=25C 9.5 10 10.5 k B constant of Rth B 3950 K 23 Note 1) 2.48832Gb/s NRZ, 2 -1, Pf_ave=1mW, Ibias=Ith, optical return loss from the line should be greater than 24dB in order to ensure the specified performance. Note 2) Er=max|10xlog(Pf / Pf@25C)|
FU-445SDF-x1Mxx
FIBER PIGTAIL SPECIFICATIONS Parameter Type Mode field diameter Cladding diameter Secondary coating outer diameter Connector Optical return loss of connector
Limits SM 9.3 1 125 2 0.9 0.1 See Table 1. 40 (min)
Unit m m mm dB
TZ7-01-123B (4/6) MITSUBISHI (OPTICAL DEVICES)
1.3 m UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
DOCUMENTATION * Threshold current (Ith) at Tc=25, 85C * Operating current (Iop) at Tc=25, 85C * Operating voltage (Vop) at Tc=25C * Light-emission central wavelength (c) at Tc=25C * Monitor current (Imon) at Tc=25C * Optical output power from fiber end (Pf)
FU-445SDF-x1Mxx
Table 1. Type number Connector type L (Note 3) Outline diagram FU-445SDF-1M1C None (Note 4) FU-445SDF-V1M1C FC/PC 28.4 (1) FU-445SDF-W1M1C SC/PC 34.5 FU-445SDF-1M2B None (Note 4) FU-445SDF-V1M2B FC/PC 28.4 (2) FU-445SDF-W1M2B SC/PC 34.5 Note 3) `L' is defined in OUTLINE DIAGRAMs. Note 4) There are some cases where a connector for testing is shipped with the product. Then the fiber length not including the connector is more than 1000mm.
TZ7-01-123B (5/6) MITSUBISHI (OPTICAL DEVICES)
1.3 m UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
OUTLINE DIAGRAM (1) (Unit : mm)
FU-445SDF-x1Mxx
4
3
2
1
Pin No.
Thermistor
PD LD 19
TOP VIEW
5 6 7 8
PIN 1 2 3 4 5 6 7 8
FUNCTION THERMISTOR THERMISTER LD BIAS, CATHODE PD CATHODE PD ANODE LD ANODE LD RF, CATHODE LD ANODE
FU-445SDF-x1M1C
TZ7-01-123B (6/6) MITSUBISHI (OPTICAL DEVICES)
1.3 m UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
OUTLINE DIAGRAM (2) (Unit : mm)
FU-445SDF-x1Mxx
4
3
2
1
Pin No.
Thermistor
PD LD 19
TOP VIEW
5 6 7 8
PIN 1 2 3 4 5 6 7 8
FUNCTION THERMISTOR THERMISTER LD BIAS, CATHODE PD CATHODE PD ANODE LD ANODE LD RF, CATHODE LD ANODE
FU-445SDF-x1M2B


▲Up To Search▲   

 
Price & Availability of FU-445SDF-W1M2B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X