Part Number Hot Search : 
KU10N14 L4448 AH293YA 40174 SDP55N 2SB90607 P0502 ATF16
Product Description
Full Text Search
 

To Download FTR-P4CP012W1-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FTR-P4 SERIES
COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE--25 A FOR AUTOMOTIVE APPLICATIONS FTR-P4 Series
s FEATURES
Compact for high density packaging. (60% volume of previous generation FBR512). q High contact capacity with proven contact material. (100,000 operations, 14 V, 25 A achieved, even with reduced size). q Coil power savings (600mW nominal achieved with state-of-the-art magnetic analysis/ design). q 125C version is available. q Ease of PCB layout (all terminals on perimeter, coil and contact terminals separated). q Pin compatible with low acoustic noise relay, FTR-P2. q Optional over-voltage circuit breaking capability (0.6mm gap, contact our representative). q Packaging for auto-insertion (tube packing, 30 relays/tube).
q
s ORDERING INFORMATION
[Example]
(a) (b) (c) (d)
FTR-P4 (a)
C (b)
N (c)
012 W1 (d) (e)
*** (f)
FTR-P4 Series C N P 009 010 012 W1 Nil -01 : 1 Form C x 2 (H-Bridge) : 0.3mm gap : 0.6mm gap : 9VDC : 10VDC : 12VDC : Silver-tin oxide-indium : Standard (85C) : High temperature (125C)
Series Name Contact Arrangement Contact Gap Nominal Coil Voltage
(e) (f)
Contact Material Custom Designation
Note: The part number stamped on the relay cover does not include "FTR". Example: Ordering part number: FTR-P4CN012W1 Stamped on part number: P4CN012W1
s TYPICAL APPLICATIONS
Power window Door lock Power seat Sun roof Tilt steering Retractable antenna
1
FTR-P4 SERIES
s SPECIFICATIONS
Specification Item Standard Arrangement Material Voltage Drop (Resistance) Rating Contact Maximum Carrying Current Maximum Inrush Current (Reference) Maximum Switching Current (Reference) 1 form C x 2 (H-Bridge) Silver-tin oxide-indium Maximum 100 m (at 2 A 12 VDC) High Temperature version
25 A at 14 VDC (locked motor load) 25 A / 1 hour (20 C, 100% rated coil voltage) 35 A 35 A at 16 VDC
Minimum Switching Load*1 (Reference) 1 A, 6 VDC Operating Temperature Range Coil Storage Temperature Range Operate (at nominal voltage) Timing Values Release (at nominal voltage) Mechanical Life Electrical Vibration Resistance Shock Resistance Other -40 C to +85 C (no frost) -40 C to +125 C (no frost) -40 C to+100 C (no frost) -40 C to +125 C (no frost)
Maximum 10ms (not including bounce) Maximum 5ms (not including bounce, no diode) Maximum 15ms (not including bounce, with diode) 10 x 106 operations minimum 100 x 103 operations minimum 14 VDC, 25 A (locked motor load) (1 operation = 1 forward, 1 reverse)
Operational Operational Endurance
10-55Hz, 1.5mm double amplitude (=9.13G @ 55Hz) 55-100Hz, 45m/sec2 (4.6G) 100 m/s2 minimum (10G) 1, 000 m/s2 minimum (100G) 100M ohms @500 VAC 500 VAC Approximately 9.0g
Insulation Resistance (initial) Dielectric Withstanding Voltage (initial) Weight
*1 Values when switching a resistive load at normal room temperature and humidity and in a clean environment. The minimum switching load varies with the switching frequency and operating environment.
2
FTR-P4 SERIES
s COIL DATA CHART
FTR-P4 Series
Model
Coil Nominal Resistance Coil (10% at Voltage 20 C) 9VDC 10VDC 12VDC 135 167 240
Must Operate Voltage 5.5VDC (at 20 C) 6.9VDC (at 85 C) 6.3VDC (at 20 C) 7.9VDC (at 85 C) 7.3VDC (at 20 C) 9.2VDC (at 85 C)
Must Release Voltage (at 20 C) 0.75VDC 0.9VDC 1.0VDC
Coil Power at Nominal Voltage 0.6W 0.6W 0.6W
Thermal Resistance (approx.) 73 C/W 73 C/W 73 C/W
FTR-P4CN009W1 ( ) FTR-P4CN010W1 ( ) FTR-P4CN012W1 ( )
Note: ( ) is "Nil" or "-01"
3
FTR-P4 SERIES
s CHARACTERISTIC DATA 1. LIFE TEST (EXAMPLES)
* Test item 14 V DC-25 A locked motor 100K operations* minimim 0.25 seconds ON, 9.75 seconds OFF
* Change of operate and release voltage
Percent of nominal coil voltage (%) 100 80
OPERATE
60 40 20
M
RELEASE
0 20 50 100 500 1000
* Current wave form
(RL-1) 25 A 0A (RL-2) 25 A 0A 0.25 sec 0.25 sec 5 sec 10 sec
Initial
* Change in contact resistance
Contact Resistance (m) 1000
Number of operations* (x 103 times) (Measured at 6 VDC, 1A wet)
100
10
1
* 1 operation = 1 forward and 1 reverse
20
50
100
500
1000
Initial
Number of operations* (x 103 times)
4
FTR-P4 SERIES
2. MAXIMUM BREAK CAPACITY
100
3. COIL TEMPERATURE RISE
Motor lock load
50
Coil temperature rise (degrees C)
120
Ambient temperature: 20C
Switching current (A)
100
0.6 W
20
P4CP P4CN
Contact carrying current: 20A
80
10
60
0.6 W
Contact carrying current: 10A
0.6 W
5
40
Contact carrying current: 0.0A
2
20 0
1 10 12 14 16 20 25 30
0
10
20
30
Applied time (minutes)
Source voltage (VDC)
4. OPERATING COIL VOLTAGE RANGE
Ratio of coil voltage to nominal voltage (%)
140
120
Continuous operating range at 10A carry current
100
80
60
-ope Must
40 -30 -20 0
rate v
oltag
e
20
40
60
80
100
Ambient temperature C
5
5. VIBRATION RESISTANCE CHARACTERISTIC
5 Dual amplitude (mm) 1 0.5 0.1 0.01
6. SHOCK RESISTANCE CHARACTERISTIC
1,000 800 600 400 200 0

100 50
FTR-P4 SERIES
Acceleration
44 m/s2
On vehicle Electronic equipment Standard
10
Range where chattering occurs Break contact Coil deenergized on X-axis
Frequency : 10~2000 Hz Acceleration : 100 m/s2 maximum Vibration direction : see drawing below Detection level : generation of 1 ms or longer contact opening
Z
FTR-P4 X Y
10
50
100
500
1000
2000
Frequency (Hz)
Shock level (m/s2)
Shock duration: 111 ms, half-sine wave Test condition: coil, energized and de-energized Impact direction: see drawing below Detection level : generation of 1ms or longer contact opening Y2 Y1 Z2 FTR-P4 Z1 X1 X2
X1
X2
Y1 Y2 Impact direction
Z1
Z2 : Break contact (coil de-energized) : Make contact (coil energized)
s REFERENCE DATA
Operating/release voltage distribution
100
Data: FTR-P4 Units: n = 100 Operate Release
Operate and release time distribution
100 Data: FTR-P4 Units: n = 100 80
Operate Release
100
Contact resistance distribution
Data: FTR-P4 Units: n = 100
80
80
Distribution (%)
Distribution (%)
Distribution (%)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7
60
60
60
40
40
40
20
20
20
0 0 10 20 30
40
,,,, ,,
50
0 70 80
60
,,,, ,
0
,, ,,
0 10
20
30
40
50
60
70
80
Ratio to rated voltage (%)
Time (ms)
Contact resistance (m)
6
FTR-P4 SERIES
s DIMENSIONS AND SCHEMATICS
Dimensions
Recommended PCB hole layout and schematic (Bottom view)
7-o1.5
P4CN012W1
17.4+0.5
14.2+0.5 (1.2) 5 5 5
13.5+0.5
3.5+0.5
0.4
5.0
5.0
5.0
3-0.8
6.0
6.0
6
F&T
6
Unit: mm
3-0.25 4-1.0 4-0.4
s PRECAUTIONS
Please refer to the Engineering Reference in our relay databook for general precautions.
Japan Fujitsu Component Limited Gotanda-Chuo Building 3-5, Higashigotanda 2-chome, Shinagawa-ku Tokyo 141, Japan Tel: (81-3) 5449-7010 Fax: (81-3) 5449-2626 Email: promothq@ft.ed.fujitsu.com Web: www.fcl.fujitsu.com North and South America Fujitsu Components America, Inc. 250 E. Caribbean Drive Sunnyvale, CA 94089 U.S.A. Tel: (1-408) 745-4900 Fax: (1-408) 745-4970 Email: marcom@fcai.fujitsu.com Web: www.fcai.fujitsu.com Europe Fujitsu Components Europe B.V. Diamantlaan 25 2132 WV Hoofddorp Netherlands Tel: (31-23) 5560910 Fax: (31-23) 5560950 Email: info@fceu.fujitsu.com Web: www.fceu.fujitsu.com Asia Pacific Fujitsu Components Asia Ltd. 102E Pasir Panjang Road #04-01 Citilink Warehouse Complex Singapore 118529 Tel: (65) 6375-8560 Fax: (65) 6273-3021 Email: fcal@fcal.fujitsu.com www.fcal.fujitsu.com
Fujitsu Components International Headquarter Offices
(c) 2003 Fujitsu Components America, Inc. All company and product names are trademarks or registered trademarks of their respective owners. Rev. 10/03/2003
7


▲Up To Search▲   

 
Price & Availability of FTR-P4CP012W1-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X