Part Number Hot Search : 
91100 8M1012 N4751 SMB36 N4751 3404A 15530 2SC5323
Product Description
Full Text Search
 

To Download FST8045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Corp. 21201 Itasca St. Chatsworth, CA 91311 Phone: (818) 701-4933 Fax: (818) 701-4939
FST8020 THRU FST8045
80 Amp Schottky Barrier Rectifier 20 to 45 Volts MINIMOD
F
Features
* * * * Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
Maximum Ratings
* * Operating Temperature: -40C to +150C Storage Temperature: -40C to +150C Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V
A P E
MCC Part Number FST8020 FST8030 FST8035 FST8040 FST8045
Maximum RMS Voltage 14V 21V 24.5V 28V 31.5V
N M K G C B
L
J H
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage FST8020-8045 Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance IF(AV) IFSM 80 A 800A TA = 110C 8.3ms, half sine
INCHES DIM A B C E F G H J K L M N P MIN 1.180 .200 .027 .350 1.490 .695 .088 .240 .115 .457 .065 .151 .015 MAX 1.195 REF .037 .370 1.510 .715 .098 .260 .135 .477 .085 .161 .025 MIN 29.97 5.08 0.69 8.89 37.85 17.65 2.24 6.10 2.92 11.61 1.65 3.84 0.38 DIMENSIONS MM MAX 30.35 REF 0.94 9.40 38.35 18.16 2.49 6.60 3.43 12.12 2.16 4.09 0.64 NOTE 2PL
VF
.63 V
3 mA 500 mA
IFM = 40.0A; TA = 25C TA = 25C TA = 125C
IR
CJ
2100pF Measured at 1.0MHz, VR=5.0V
*Pulse Test: Pulse Width 300sec, Duty Cycle 2%
www.mccsemi.com
FST8020 thru FST8045
Figure 1 Typical Forward Characteristics 200 100 60 40 100 20 25C Amps 10 6 4 2 1 .6 .4 .2 .1 0 0.2 0.4 0.6 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 0.8 1.0 1.2 0 20 Amps 40 80 120 FST8020-45
MCC
Figure 2 Forward Derating Curve
60
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 70 90 C 110 130 150
Average Forward Rectified Current - Amperes versus Ambient Temperature - C
Figure 3 Junction Capacitance
10000 6000 4000 2000 pF TJ=25C 1000 600 400 200 100 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pF versus Reverse Voltage - Volts
www.mccsemi.com
FST8020 thru FST8045
Figure 4 Typical Reverse Characteristics 100 60 40 800 20 10 6 4 2 mAmps 1.9 1.5 1.3 1.1 1.0 .6 .4 .2 .1 10 20 TA= 25C 40 60 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 80 100 120 TA=125C 0 1 2 4 Amps 600 400 200 100
MCC
Figure 5 Peak Forward Surge Current 1000
6
8 10 20 Cycles
40
60 80 100
Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of FST8045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X