Part Number Hot Search : 
TB0224A KIA1218 BUZ71AFI 84001RB 2520E 40N60 31MFC1 IS24C32A
Product Description
Full Text Search
 

To Download FST16862QSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FST16862 20-Bit Bus Switch
October 2001 Revised June 2005
FST16862 20-Bit Bus Switch
General Description
The Fairchild Switch FST16862 provides 20-bits of highspeed CMOS TTL-compatible bus switching. The low On Resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise. The device is organized as a 20-bit bus switch. When OEX is LOW, the switch is ON and Port A is connected to Port B. When OEX is HIGH, a high impedance state exists between the A and B Ports.
Features
s 4: switch connection between two ports. s Minimal propagation delay through the switch. s Low lCC. s Zero bounce in flow-through mode. s Control inputs compatible with TTL level.
Ordering Code:
Order Number FST16862QSP FST16862MTD Package Number Package Description
MQA48A 48-Lead Quarter Size Very Small Outline Package (QVSOP), JEDEC MO-154, 0.150" Wide (Preliminary) MTD48 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Diagram
(c) 2005 Fairchild Semiconductor Corporation
DS500702
www.fairchildsemi.com
FST16862
Connection Diagram
Truth Table
Inputs OEx L H Inputs/Outputs A, B A Z B
Pin Descriptions
Pin Name OEx A B Description Bus Switch Enables Bus A Bus B
www.fairchildsemi.com
2
FST16862
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Switch Voltage (VS) (Note 2) DC Input Voltage (VIN) (Note 3) DC Input Diode Current (lIK) VIN 0V DC Output (IOUT) Current DC VCC/GND Current (ICC/IGND) Storage Temperature Range (TSTG) 0.5V to 7.0V 0.5V to 7.0V 0.5V to 7.0V 50 mA 128 mA
Recommended Operating Conditions (Note 4)
Power Supply Operating (VCC) Input Voltage (VIN) Output Voltage (VOUT) Input Rise and Fall Time (tr, tf) Switch Control Input Switch I/O Free Air Operating Temperature (TA) 0 ns/V to 5 ns/V 0 ns/V to DC -40 qC to 85 qC 4.0V to 5.5V 0V to 5.5V 0V to 5.5V
r100 mA 65qC to 150 qC
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum rating. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: VS is the voltage observed/applied at either the A or B Ports across the switch. Note 3: The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed. Note 4: Unused control inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIK VIH VIL II IOZ RON Parameter Clamp Diode Voltage HIGH Level Input Voltage LOW Level Input Voltage Input Leakage Current OFF-STATE Leakage Current Switch On Resistance (Note 6) VCC (V) 4.5 4.0 - 5.5 4.0 - 5.5 5.5 0 5.5 4.5 4.5 4.5 4.0 ICC Quiescent Supply Current Increase in ICC per Input (Note 7)
Note 5: Typical values are at VCC 5.0V and TA
TA Min
40 qC to 85 qC
Typ (Note 5) Max Units V V 0.8 V IIN Conditions
1.2
2.0
18 mA
r1.0 r1.0 r1.0
4 4 7 11 7 7 12 20 3 2.5
PA PA PA : : : : PA
mA
0 d VIN d 5.5V VIN VIN VIN VIN VIN VIN 5.5V 0V, IIN 0V, IIN 2.4V, IIN 2.4V, IIN 64 mA 30 mA 15 mA 15 mA 0 0 d A, B d VCC
5.5 5.5
25qC
VCC or GND, IOUT
' ICC
One Input at 3.4V Other Inputs at VCC or GND
Note 6: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the voltages on the two (A or B) pins. Note 7: Per TTL driven input, control pins only.
3
www.fairchildsemi.com
FST16862
AC Electrical Characteristics
CL Symbol Parameter VCC Min tPHL, tPLH tPZH, tPZL tPHZ, tPLZ Propagation Delay Bus-to-Bus (Note 8) Output Enable Time Output Disable Time 1.0 1.0 TA 40 qC to 85 qC, 50pF, RU RD 500: VCC Min 4.0V Max 0.25 5.3 6.3 ns ns ns VI VI VI 6.0 VI VI OPEN 7V for tPZL OPEN for tPZH 7V for tPLZ OPEN for tPHZ Figures 1, 2 Figures 1, 2 Figures 1, 2 Units Conditions Figure Number
4.5 - 5.5V Max 0.25 5.0
Note 8: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Capacitance
Symbol CIN CI/O
Note 9: TA
(Note 9)
Parameter Typ 3 6 Max Units pF pF VCC Conditions 5.0V, VIN 0V 0V
Control Pin Input Capacitance Input/Output Capacitance "OFF State"
25qC, f
VCC, OE
5.0V, VIN
1 Mhz, Capacitance is characterized but not tested.
AC Loading and Waveforms
Note: Input driven by 50: source terminated in 50: Note: CL includes load and stray capacitance Note: Input PRR 1.0 MHz, tW 500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
www.fairchildsemi.com
4
FST16862
Physical Dimensions inches (millimeters) unless otherwise noted
48-Lead Quarter Size Very Small Outline Package (QVSOP), JEDEC MO-154, 0.150" Wide Package Number MQA48A (Preliminary)
5
www.fairchildsemi.com
FST16862 20-Bit Bus Switch
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD48
Technology Description
The Fairchild Switch family derives from and embodies Fairchild's proven switch technology used for several years in its 74LVX3L384(FST3384) bus switch product. Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FST16862QSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X