Part Number Hot Search : 
ZPD24 DTA114EM 3323W504 M5236 MO73DR TSI721 M35V1 KA8304
Product Description
Full Text Search
 

To Download FSLT-S180G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2012 Size
1.71-1.91GHz Band Chip Multilayer RF Transformer
Impedance Ratio 50:200
FSLT-S180G
All the technical data and information contained herein are subject to change without notice.
LT-FSLT-S180G-0410A
Shape & Size
1.25 1.0
1 2 3
4
2.0
6
0.3
0.65
5
1 Unbalance 3 Balance 6 Balance 4 NC 2 Ground(or DC Port) 5 Ground
unit(mm)
0.3
Specifications
P/N Frequency Impedance Range(GHz) ratio 1.71-1.91 50:200 Insertion Loss *1 1.0dB Max. Amplitude Balance 1.0dB Max. Phase Balance Handling Power 1W Max. Temperature Range -35 to +85 deg.C
FSLT-S180G
0.3
0.65
180 +/- 10deg.
*1 Measured by "Back to Back" per piece
All the technical data and information contained herein are subject to change without notice.
LT-FSLT-S180G-0410A
FSLT-S180G Sample DATA
1 U FS 1: 4 5. 111ohm 3. 0371ohm 282 . 67 pH 1710 M Hz 2 : 3 5. 363ohm - 7. 8574ohm 19 10 M Hz 1 l og M AG . 5 dB/ REF - 6 dB 1: 2: - 6. 7 328 dB 1710 M Hz - 6. 5 108 dB 1910 M Hz
OUT - 1
0 0. 5 1. 0 1. 5 2. 0 2. 5
1 2
2
SW R
5 00 m / REF 1
1: 2:
V. S. W R .
3. 0 2. 5 2. 0 1. 5 1. 0
OUT - 2
4. 0 3. 5
1. 1 285 1710 MHz 1. 4 778 1910 M Hz
I n s . L os s
l og M AG
. 5 dB/ REF - 6 dB
1: 2:
- 6. 2 141 dB 1710 M Hz - 6. 7 789 dB 1910 M Hz
1
0 0. 5 1. 0 1. 5 2. 0 2. 5
1 2 START 1550 M Hz . 5 dB/ REF 0 d B STOP 1: 2: 1 2050 M Hz . 5185 dB 1710 MHz - . 2685 dB 1910 M Hz
2
START
1550 M Hz
STOP
205 0 M Hz
Ba l a n c e
l og M AG
2. 0 1. 5 1. 0 0. 5 0 0. 5 1. 0 1. 5 2. 0
I n s e r t i on Lo s s ( Ou t 1, Out 2) : me as u r e m n t - s pl i t t i n g l os s - r e s i s t o r e
l os s
A mp .
2
Ba l a n c e
ph as e
- 155 - 160 - 165 - 170 - 175 - 180 175 170 165 160 155
5
/
REF - 18 0
1:
I n s . L os s
1 2
/ pa i r )
179 . 01 1710 MHz 2 : - 179 . 28 1910 M Hz
Ba c k
l og M AG
. 5dB/ REF 0 dB
1: 2:
- . 85 68 dB 1710 M Hz - . 90 18 dB 1910 M Hz
to
Ph a s e
Ba c k
0 0. 5 1. 0 1. 5 2. 0 2. 5
1 2 START 1550 M Hz STOP 205 0 M Hz
START
1550 M Hz
STOP
2050 M Hz
All the technical data and information contained herein are subject to change without notice.
(
LT-FSLT-S180G-0410A
If you apply DC voltage to Balance Port, please add capacitor as below circuit A.
Balance Port NC
Unbalance Port DC 100pF
Balance Port
All the technical data and information contained herein are subject to change without notice.
LT-FSLT-S180G-0410A
Foot Pattern
0. 8
Foot Pattern Example
gr ound 50ohm st r i p l i ne
0. 35 0. 3
0. 35
0. 35 0. 3
40. 3- t hr ough hol e 50ohm st r i p l i ne
All the technical data and information contained herein are subject to change without notice.
0. 8
0. 55
N one C onnect i on
LT-FSLT-S180G-0410A


▲Up To Search▲   

 
Price & Availability of FSLT-S180G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X