Part Number Hot Search : 
54L15P 806DTI UN4119 SP804SCP PXB4350E SP804SCP KIA6419F MB88395
Product Description
Full Text Search
 

To Download FRF1660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSPEC
Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
Designed for use in switching power supplies. inverters and as free wheeling diodes. These state-of-the-art devices have the following features: Glass Passivated chip junctions Low Reverse Leakage Current Fast Switching for High Efficiency 150J Operating Junction Temperature Low Forward Voltage , High Current Capability Plastic Material used Carries Underwriters Laboratory
FRF1630 Thru FRF1660
FAST RECOVERY RECTIFIERS 16 AMPERES 30-600 VOLTS
Flammability Classification 94V-O Plating pb free is indicated by box
ITO-220AB
MAXIMUM RATINGS
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Forward Current Per Leg TC=125J Per Total Device Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz,TC=125J )
Symbol 30 VRRM VRWM VR VR(RMS) IF(AV) 300 40
FRF16 50 500 60 600
Unit
400
V
210
280 8.0 16 16
350
420
V A
DIM MILLIMETERS MIN MAX 15.05 15.15 13.35 13.45 10.00 10.10 6.55 6.65 2.65 2.75 1.55 1.65 1.15 1.25 0.55 0.65 2.50 2.60 3.00 3.20 1.10 1.20 0.55 0.65 4.40 4.60 1.15 1.25 2.65 2.75 3.35 3.45 3.15 3.25
IFM
A
Non-Repetitive Peak Surge Current (Surge applied at rate load conditions halfware, single phase, 60Hz) Operating and Storage Junction Temperature Range
IFSM
150
A
TJ , Tstg
-65 to +150
J
ELECTRIAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage ( IF =8.0 Amp TC = 25J ) Maximum Instantaneous Reverse Current ( Rated DC Voltage, TC = 25J ) ( Rated DC Voltage, TC = 125J ) Reverse Recovery Time ( IF = 0.5 A, IR =1.0 , Irr =0.25 A ) Typical Junction Capacitance (Reverse Voltage of 4 volts & f=1 MHz) Symbol 30 VF 40 1.3 FRF16 50 60 V Unit
A B C D E F G H I J K L M N P O Q
IR
10 200 250 90
uA
Trr CP
ns
PF
FRF1630 Thru FRF1660
FIG-1 TYPICAL FORWARD CHARACTERISITICS
AVERAGE FORWARD RECTIFIED CURRENT (Amp.)
AVERAGE FORWARD RECTIFIED CURRENT (Amp.)
FIG-3 FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (J )
FIG-4TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE (Volts)
FIG-2 TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT (uA.)
JUNCTION CAPACITANCE (PF)
REVERSE VOLTAGE (Volts.)
FIG-5PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT (Amp.)
PERCENT OF PEAK REVERSE VOLTAGE (M )
NUMBER OF CYCLES AT 60 Hz
Set time base for 50/100 ns/cm
FIG-6 Reverse Recovery Time Characteristic and Test Circuit Diagram


▲Up To Search▲   

 
Price & Availability of FRF1660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X