Part Number Hot Search : 
20133 M2052 2SK4125 F1145ER GBU10 SMCJ16A SW6502 MMBD7000
Product Description
Full Text Search
 

To Download FRF10A40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRD
Type :
FRF10A40
OUTLINE DRAWING
FEATURES
* Fully Molded Isolation * Dual Diodes - Anode Common * Ultra - Fast Recovery * Low Forward Voltage Drop * High Surge Capability * 200 Volts thru 600 Volts Types Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque Symbol VRRM VRSM IO IF(RMS) IFSM Tjw Tstg 0.5 80 10
Approx Net Weight:1.75g FRF10A40 400 440 50 Hz,Full Sine Wave Tc=112C Resistive Load 11.1 50 Hz Full Sine Wave,1cycle Non-repetitive - 40 to + 150 - 40 to + 150 Recommended value
Unit
V V A A A C C N*m
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Reverse Recovery Time Thermal Resistance Symbol IRM VFM Conditions Min. Typ. Max. 30 1.25 45 3 1.5 Unit A V ns C/W Tj=25C,VRM=VRRM per Arm Tj=25C, IFM=5A per Arm IFM= 5 A, trr -di/dt= 50 A/s, Ta= 25C Rth(j-c) Junction to Case Rth(c-f) Case to Fin
FRF_A_ OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
FRF10A40 (per Arm)
50
INSTANTANEOUS FORWARD CURRENT (A)
20
10
5
2 Tj=25C Tj=150C 1
0.5
0
0.4
0.8
1.2
1.6
2.0
2.4
INSTANTANEOUS FORWARD VOLTAGE (V)
180 CONDUCTION ANGLE
0
AVERAGE FORWARD POWER DISSIPATION
FRF10A40 (Total)
RECT 180
14
AVERAGE FORWARD POWER DISSIPATION (W)
12
SINE WAVE
10
8
6
4
2
0 0 2 4 6 8 10 12
AVERAGE FORWARD CURRENT (A)
180 CONDUCTION ANGLE
0
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
FRF10A40 (Total)
RECT 180
12
AVERAGE FORWARD CURRENT (A)
10
SINE WAVE
8
6
4
2
0
0
25
50
75
100
125
150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Sine Wave,Non-Repetitive,No Load FRF10A40
80
SURGE FORWARD CURRENT (A)
60
40
20
I FSM 0.02s
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)


▲Up To Search▲   

 
Price & Availability of FRF10A40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X