Part Number Hot Search : 
ZMC4V3 IP00CM XSD5402 TK40J KE200 SK45WT08 5S105 MC9RS08
Product Description
Full Text Search
 

To Download FRF1007G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRF1001G THRU FRF1007G
Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
Voltage Range 50 to 1000 Volts Current 10 Amperes
Features
a a a a Low forward voltage drop High current capability High reliability High surge current capability
.185(4.7) .173(4.4) .124(3.16) . 11 8 ( 3 . 0 )
ITO-220AB
.406(10.3) .390(9.90)
.134(3.4)DIA .113(3.0)DIA
.272(6.9) .248(6.3)
.112(2.85) .100(2.55)
Mechanical Data
a a a a a a Cases: ITO-220AB molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Leads solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260+/10 seconds 0.25",(6.35mm) from case. Mounting position: Any Weight: 2.24 grams Mounting torque: 5 in - 1bs. max.
.606(15.5) .583(14.8)
.161(4.1) .146(3.7)
.110(2.8) .098(2.5)
.030(0.76) .020(0.50)
.055(1.4) .043(1.1)
.543(13.8) .512(13.2)
.035(0.9) .020(0.5)
PIN 1 PIN 3 PIN 2
.106(2.7) .094(2.4)
.106(2.7) .094(2.4)
a a Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characteristics
Positive CT
Rating at 25+ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol FRF FRF FRF Type Number
Maximum Recurrent Peak Reverse Voltage
FRF FRF FRF FRF 1001G 1002G 1003G 1004G 1005G 1006G 1007G
Units V V V A A V uA uA nS +/W +
VRRM Maximum RMS Voltage VRMS Maximum DC Blocking Voltage VDC Maximum Average Forward Rectified Current I(AV)
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 5.0A Maximum DC Reverse Current @ TC=25+ at Rated DC Blocking Voltage @ TC=125+ Maximum Reverse Recovery Time ( Note 1) Typical Thermal Resistance (Note 2)
50 35 50
100 70 100
200 140 200
400 280 400 10 125 1.3 5.0 100
600 420 600
800 1000 560 700 800 1000
IFSM VF IR Trr
250 150 5.0 Operating and Storage Temperature Range TJ ,TSTG -65 to +150 Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Thermal Resistance from Junction to Case Per Leg Mounted on Heatsink size 2" x 3" x 0.25" Al-Plate
RJC
150
- 408 -
RATINGS AND CHARACTERISTIC CURVES (FRF1001G THRU FRF1007G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
AVERAGE FORWARD CURRENT. (A)
12.0 10.0 8.0 6.0 4.0 0.2
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
FIG.2- TYPICAL REVERSE CHARACTERISTICS PER LEG
1000
INSTANTANEOUS REVERSE CURRENT. (A)
100
Tj=125 0C 10
0
50 CASE TEMPERATURE. ( C)
o
100
150
PEAK FORWARD SURGE CURRENT. (A)
150 125 100 75 50 25
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
8.3ms Single Half Sine Wave JEDEC Method
1.0 Tj=25 0C
0.1
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
80
1
2
5
10
20
50
100
INSTANTANEOUS FORWARD CURRENT. (A)
40 20 10
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL JUNCTION CAPACITANCE PER LEG
300 250
4 2 1.0
CAPACITANCE.(pF)
200 150 100 50 Tj=25 0C f=1.0MHz Vsig=50mVp-p 0.1 0.5 1.0 5 10 50 100 500 1000
.4 .2 .1 .8 Tj=25oC Pulse Width=300 s 1% Duty Cycle .9 1.0 1.1 1.2 1.3 1.4 1.5
REVERSE VOLTAGE. (V)
INSTANTANEOUS FORWARD VOLTAGE. (V)
- 409 -


▲Up To Search▲   

 
Price & Availability of FRF1007G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X