Part Number Hot Search : 
2SC4008 UTC1353 133TQI W742C810 BYD72D TLP361 GP10M LC758
Product Description
Full Text Search
 

To Download FRF0620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSPEC
Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
Designed for use in switching power supplies. inverters and as free wheeling diodes. These state-of-the-art devices have the following features: Glass Passivated chip junctions Low Reverse Leakage Current Fast Switching for High Efficiency 150J Operating Junction Temperature Low Forward Voltage , High Current Capability Plastic Material used Carries Underwriters Laboratory
FRF0605 Thru FRF06020
FAST RECOVERY RECTIFIERS 6 AMPERES 50-200 VOLTS
Flammability Classification 94V-O Plating pb free is indicated by box
ITO-220AB
MAXIMUM RATINGS
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Forward Current Per Leg TC=125J Per Total Device Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz,TC=125J )
Symbol 05 VRRM VRWM VR VR(RMS) 50 10
FRF06 15 150 20 200
Unit
100
V
35
70
105
140
V
IF(AV)
3.0 6.0 6.0
A
DIM MILLIMETERS MIN MAX 15.05 15.15 13.35 13.45 10.00 10.10 6.55 6.65 2.65 2.75 1.55 1.65 1.15 1.25 0.55 0.65 2.50 2.60 3.00 3.20 1.10 1.20 0.55 0.65 4.40 4.60 1.15 1.25 2.65 2.75 3.35 3.45 3.15 3.25
IFM
A
Non-Repetitive Peak Surge Current (Surge applied at rate load conditions halfware, single phase, 60Hz) Operating and Storage Junction Temperature Range
IFSM
75
A
TJ , Tstg
-65 to +150
J
ELECTRIAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage ( IF =3.0 Amp TC = 25J ) Maximum Instantaneous Reverse Current ( Rated DC Voltage, TC = 25J ) ( Rated DC Voltage, TC = 125J ) Reverse Recovery Time ( IF = 0.5 A, IR =1.0 , Irr =0.25 A ) Typical Junction Capacitance (Reverse Voltage of 4 volts & f=1 MHz) Symbol 05 VF 10 1.3 FRF06 15 20 V Unit
A B C D E F G H I J K L M N P O Q
IR
5.0 100 150 55
uA
Trr CP
ns
PF
FRF0605 Thru FRF0620
FIG-1 TYPICAL FORWARD CHARACTERISITICS
AVERAGE FORWARD RECTIFIED CURRENT (Amp.)
AVERAGE FORWARD RECTIFIED CURRENT (Amp.)
FIG-3 FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (J )
FIG-4TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE (Volts)
FIG-2 TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT (uA.)
JUNCTION CAPACITANCE (PF)
REVERSE VOLTAGE (Volts.)
FIG-5PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT (Amp.)
PERCENT OF PEAK REVERSE VOLTAGE (M )
NUMBER OF CYCLES AT 60 Hz
Set time base for 20/50 ns/cm
FIG-6 Reverse Recovery Time Characteristic and Test Circuit Diagram


▲Up To Search▲   

 
Price & Availability of FRF0620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X