Part Number Hot Search : 
P747G SLE6636C 74LCX M95128 CT70N6E 74LCX 6N137 RN2704
Product Description
Full Text Search
 

To Download FRAF1007G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRAF1001G THRU FRAF1007G
Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
Voltage Range 50 to 1000 Volts Current 10 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
.185(4.7) .173(4.4) .124(3.16) .118(3.00)
ITO-220AC
.406(10.3) .390(9.90) .13 4(3. 4)D IA . 11 3(3. 0)D IA . 112 (2. 85) . 100 (2.5 5)
.2 72( 6. 9) .2 48( 6. 3)
Mechanical Data
Cases: ITO-220AC molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Leads solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260/10 seconds 0.25",(6.35mm) from case. Mounting position: Any Weight: 2.24 grams Mounting torque: 5 in - 1bs. max.
.0 63 (1 .6 ) MA X
. 606(1 5.5 ) . 583(1 4.8 )
.161(4.1) .146(3.7)
.110( 2.8) .0 98(2 .5)
. 071 (1. 8) MA X
. 543( 13. 8) . 512( 13. 2)
2
PIN 1 PIN 2 Case Positive
. 10 0( 2 . 55)
. 100 (2.5 5)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol FRAF FRAF FRAF FRAF FRAF FRAF FRAF Units Type Number
1001G 1002G 1003G 1004G 1005G 1006G 1007G
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 10A Maximum DC Reverse Current @ TC=25 at Rated DC Blocking Voltage @ TC=125 Maximum Reverse Recovery Time ( Note 2 ) Typical Junction Capacitance ( Note 1 ) TJ=25 Typical Thermal Resistance ( Note 3 ) Operating and Storage Temperature Range
VRRM VRMS VDC I(AV) IFSM VF IR Trr Cj RJC TJ ,TSTG
50 35 50
100 70 100
200 140 200
400 280 400 10 150 1.3 5.0 100
600 420 600
800 1000 560 700 800 1000
V V V A A V uA uA nS pF /W
150
250 100 5.0 -65 to +150
500
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4..0 Volts D.C. 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 3. Thermal Resistance from Junction to Case, with Heatsink size 2" x 3" x 0.25" Al-Plate
- 458 -
RATINGS AND CHARACTERISTIC CURVES (FRAF1001G THRU FRAF1007G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
10 8 6 4 2 0
400 200
FIG.5- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
100
40 20 10
Tj=25oC Pulse Width=300 s 1% Duty Cycle
4 2 1
0
50 CASE TEMPERATURE. ( C)
o
100
150
PEAK FORWARD SURGE CURRENT. (A)
150 125 100 75
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
TJ=125 0C
8.3ms Single Half Sine Wave JEDEC Method
0.4 0.2 0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.6- TYPICAL REVERSE CHARACTERISTICS
50 100 25 0 40
INSTANTANEOUS REVERSE CURRENT. ( A)
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
Tj=125 0C
FIG.4- TYPICAL JUNCTION CAPACITANCE
300
10
4 2 1
Tj=75 0C
CAPACITANCE.(pF)
250 200 150 100 50 0 0.1 Tj=25 0C f=1.0MHz Vsig=50mVp-p 0.5 1 5 10 50 100 500 1000
0.4 0.2 0.1
Tj=25 0C
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) REVERSE VOLTAGE. (V)
- 459 -


▲Up To Search▲   

 
Price & Availability of FRAF1007G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X