Part Number Hot Search : 
SP6661EB HC373 1219BRJZ 93LC86 OP37FJ FJP5321 D2309 HY5DU561
Product Description
Full Text Search
 

To Download FRA807G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRA801G THRU FRA807G
8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
Voltage Range 50 to 1000 Volts Current 8.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
TO-220A
.185(4.70) .175(4.44) .412(10.5) MAX DIA .154(3.91) .148(3.74) .27(6.86) .23(5.84) .594(15.1) .587(14.9) .055(1.40) .045(1.14)
.113(2.87) .103(2.62)
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Leads solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260/10 seconds .16",(4.06mm) from case. Mounting position: Any Weight: 2.24 grams
.16(4.06) .14(3.56) .037(0.94) .027(0.68)
PIN1
2 .11(2.79) .10(2.54)
.56(14.22) .53(13.46)
.205(5.20) .195(4.95)
.025(0.64) .014(0.35)
PIN 1 PIN 2 CASE
Case Positive
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol FRA FRA FRA Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 8.0A Maximum DC Reverse Current @ TC=25 at Rated DC Blocking Voltage @ TC=125 Maximum Reverse Recovery Time ( Note 2 ) Typical Junction Capacitance ( Note 1 ) TJ=25 Typical Thermal Resistance (Note 3) Operating and Storage Temperature Range
FRA FRA FRA FRA 801G 802G 803G 804G 805G 806G 807G
Units
V V V A A V uA uA nS pF /W
VRRM VRMS VDC I(AV) IFSM VF IR Trr Cj RJC TJ ,TSTG
50 35 50
100 70 100
200 140 200
400 280 400 8.0 150 1.3 5.0 100
600 420 600
800 560 800
1000 700 1000
150
250 60 3.0 -65 to +150
500
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4..0 Volts D.C. 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 3. Thermal Resistance from Junction to Case, with Heatsink size 2" x 3" x 0.25" Al-Plate
- 452 -
RATINGS AND CHARACTERISTIC CURVES (FRA801G THRU FRA807G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
10 8 6 4 2 0
400 200
FIG.5- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
100
40 20 10
Tj=25oC Pulse Width=300 s 1% Duty Cycle
4 2 1
0
50 CASE TEMPERATURE. ( C)
o
100
150
PEAK FORWARD SURGE CURRENT. (A)
150 125
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
0.4 0.2
TJ=125 0C
100
8.3ms Single Half Sine Wave JEDEC Method
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE. (V)
75
FIG.6- TYPICAL REVERSE CHARACTERISTICS
50 100 25 0 40
INSTANTANEOUS REVERSE CURRENT. ( A)
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
Tj=125 0C
FIG.4- TYPICAL JUNCTION CAPACITANCE
120
10
4 2 1
Tj=75 0C
CAPACITANCE.(pF)
100 80 60 40 20 0 0.1 0.5 1 5 10 50 100 500 1000 REVERSE VOLTAGE. (V) Tj=25 0C f=1.0MHz Vsig=50mVp-p
0.4 0.2 0.1
Tj=25 0C
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 453 -


▲Up To Search▲   

 
Price & Availability of FRA807G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X