Part Number Hot Search : 
MBR30 AN114 BU33T 7D241 P34063 U2702A BY8110 QPF8N60
Product Description
Full Text Search
 

To Download FR3MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
FR3AB THRU FR3MB
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
DO-214AA (SMB) (LEAD FRAME)
A
Features
* * *
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Easy Pick And Place High Temp Soldering: 260C for 10 Seconds At Terminals\ Fast Recovery Times For High Effieciency
Maximum Ratings
* * * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 10 C/W Junction To Lead MCC Catalog Number FR3AB FR3BB FR3DB FR3GB FR3JB FR3KB FR3MB Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
B
FR3AB FR3BB FR3DB FR3GB FR3JB FR3KB FR3MB
C
F
H
D G E
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 3.0A TJ = 120C Current Peak Forward Surge IFSM 100A 8.3ms, half sine Current Maximum VF 1.30V IFM = 3.0A; Instantaneous Forward Voltage TJ = 25C* Maximum DC Reverse Current At IR 10A TJ = 25C Rated DC Blocking 250A TJ = 100C Voltage Maximum Reverse Recovery Time 150ns IF=0.5A, IR=1.0A, FR3AB-GB Trr 250ns Irr=0.25A FR3JB 500ns FR3KB-MB Typical Junction 80pF Measured at CJ 1.0MHz, VR=4.0V Capacitance *Pulse test: Pulse width 200 sec, Duty cycle 2%
DIM A B C D E F G H INCHES MIN .160 .130 .006 .030 .200 .079 .075 .002 MAX .185 .155 .012 .060 .220 .103 .087 .008
DIMENSIONS MM MIN 4.06 3.30 0.15 0.76 5.08 2.01 1.91 0.05
MAX 4.70 3.94 0.31 1 ..52 5.59 2.62 2.21 0.203
NOTE
SUGGESTED SOLDER PAD LAYOUT
0.106
0.083"
0.050"
www.mccsemi.com
Revision: 2
1 of 4
2006/05/19
FR3AB thru FR3MB
Figure 1 Typical Forward Characteristics 100 60 40 3.0 20 10 6 4 25C Amps 2 1 .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 1.0 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 125 100 75 Amps 50 25 0 1 2 4 6 8 10 1.2 1.4 1.6 .5 1.5 Amps 1.0 2.5 Figure 2 Forward Derating Curve
MCC
TM
Micro Commercial Components
2.0
Single Phase, Half Wave 60Hz Resistive or Inductive Load 40 60 80 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 120 140 160
0
Figure 3 Peak Forward Surge Current 150
20
40
60 80 100
Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com
Revision: 2
3 of 4
2006/05/19
FR3AB thru FR3MB
Figure 4 Typical Reverse Characteristics 1000 600 400 200 100 60 40 20 Amps 10 6 4 2 1 .6 .4 .2 .1 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 5 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr +0.5A 100 120 140 TA=25C TA=75C TA=100C
MCC
Micro Commercial Components
TM
0 25Vdc Pulse Generator Note 2 1 Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive
www.mccsemi.com
Revision: 2
3 of 4
2006/05/19
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 2
4 of 4
2006/05/19


▲Up To Search▲   

 
Price & Availability of FR3MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X