Part Number Hot Search : 
ESD9B5VD TA5010 E213I NS320 25001 15KP40CA 015L00 PIC16F
Product Description
Full Text Search
 

To Download FR207G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
FR201G THRU FR207G
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes
FEATURES
* * * * * * High reliability Low leakage Low forward voltage drop High current capability High switching capability Glass passivated junction
DO-15
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 55 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 2.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 oC Maximum Full Load Reverse Current Average, Full Cycle .375*(9.5mm) lead length at T L = 55 oC Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts VRRM VRMS VDC IO IFSM VF
FR201G FR202G FR203G FR204G FR205G FR206G FR207G UNITS 50 35 50 100 70 100 200 140 200 400 280 400 2.0 70 1.3 5.0 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps Amps Volts uAmps uAmps 250 25 -65 to + 150 500 nSec pF
0
IR 100 trr CJ TJ, TSTG 150
C
128
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
RATING AND CHARACTERISTIC CURVES ( FR201G THRU FR207G )
DC COMPONENTS CO., LTD.
R
129
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of FR207G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X