|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RECTRON SEMICONDUCTOR TECHNICAL SPECIFICATION FR201G THRU FR207G FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes FEATURES * * * * * * High reliability Low leakage Low forward voltage drop High current capability Glass passivated junction High switching capability DO-15 MECHANICAL DATA * * * * * Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.38 gram 1.0 (25.4) MIN. .034 (0.9) DIA. .028 (0.7) .300 (7.6) .230 (5.8) .140 (3.6) .104 (2.6) DIA. MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. o 1.0 (25.4) MIN. Dimensions in inches and (millimeters) MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 55 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TJ, TSTG FR201G FR202G FR203G FR204G FR205G FR206G FR207G UNITS 50 35 50 100 70 100 200 140 200 400 280 400 2.0 70 25 -65 to + 150 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps Amps pF 0 C ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 2.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 oC Maximum Full Load Reverse Current Average, Full Cycle .375" (9.5mm) lead length at TL = 55 oC Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts SYMBOL VF FR201G FR202G FR203G FR204G FR205G FR206G FR207G UNITS 1.3 Volts 5.0 IR 100 trr 150 250 500 uAmps nSec 2001-6 uAmps RATING AND CHARACTERISTIC CURVES ( FR201G THRU FR207G ) FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC 50 NONINDUCTIVE 10 NONINDUCTIVE trr +0.5A (-) 0 PULSE GENERATOR (NOTE 2) 1 NONINDUCTIVE OSCILLOSCOPE (NOTE 1) (+) -1.0A 1 NOTES: Rise Time = 7ns max. Input Impedance = 1 megohm. 22 pF. 2. Rise Time = 10ns max. Source Impedance = 50 ohms. 1cm (+) 25 Vdc (approx) (-) D.U.T -0.25A SET TIME BASE FOR 50/100 ns/cm INSTANTANEOUS FORWARD CURRENT, (A) FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, (A) FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10 1.50 1.25 1.00 .75 .50 .25 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE, ( ) Single Phase Half Wave 60Hz Resistive or Inductive Load 1.0 .1 TJ = 25 Pulse Width = 300us 1% Duty Cycle .01 .4 .6 .8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, (V) PEAK FORWARD SURGE CURRENT, (A) FIG. 4 - TYPICAL JUNCTION CAPACITANCE JUNCTION CAPACITANCE, (pF) 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 REVERSE VOLTAGE, ( V ) 100 TJ = 25 60 50 40 30 20 10 0 1 FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 8.3ms Single Half Sine-Wave (JEDED Method) 2 4 6 8 10 20 40 6080100 NUMBER OF CYCLES AT 60Hz RECTRON |
Price & Availability of FR207G |