Part Number Hot Search : 
43000 20004 W041K1 BU4221G Z00607MA 4761A TA0759A 307C1403
Product Description
Full Text Search
 

To Download FR107GH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR101GH
THRU
FR107GH
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability * Glass passivated junction
1.0 Ampere
DO-41
.107(2.7) .080(2.0) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.34 grams
.034(.9) .028(.7) DIA. .205(5.2) .166(4.2)
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=55 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range TJ, TSTG
NOTES:
FR101GH FR102GH FR103GH FR104GH FR105GH FR106GH FR107GH UNITS
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30 1.2 5.0 100
600 420 600
800 560 800
1000 700 1000
V V V A A V mA
150 -65 15 +175
250
500
mA nS pF C
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
RATING AND CHARACTERISTIC CURVES (FR101GH THRU FR107GH)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
50
INSTANTANEOUS FORWARD CURRENT,(A)
1.2 1.0 0.8 0.6 0.4 0.2 0 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load 0.375"(9.5mm) Lead Length
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE,( C)
0.1 FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
30
.01
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLT AGE,(V)
24
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50W NONINDUCTIVE 10W NONINDUCTIVE
18
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
12
6
(+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
FIG.5-TYPICAL JUNCTION CAPACITANCE
35 30 25 20 15 10 5
trr +0.5A
| | | | | | | |
0 -0.25A
JUNCTION CAPACITANCE,(pF)
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
0
.01
.05
.1
.5
1
5
10
50
100
REVERSE VOLTAGE,(V)


▲Up To Search▲   

 
Price & Availability of FR107GH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X