|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FQPF8N60CF 600V N-Channel MOSFET February 2006 FRFET FQPF8N60CF 600V N-Channel MOSFET Features * * * * * * 6.26A, 600V, RDS(on) = 1.5 @VGS = 10 V Low gate charge ( typical 28 nC) Low Crss ( typical 12 pF) Fast switching 100% avalanche tested Improved dv/dt capability TM Description These N-Channel enhancement mode power field effect transistors are produced using Fairchild's proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficient switched mode power supplies, active power factor correction, electronic lamp ballast based on half bridge topology. D G GD S TO-220F FQPF Series S Absolute Maximum Ratings Symbol VDSS ID IDM VGSS EAS IAR EAR dv/dt PD TJ, TSTG TL Drain-Source Voltage Drain Current Drain Current - Continuous (TC = 25C) - Continuous (TC = 100C) - Pulsed (Note 1) Parameter FQPF8N60CFT 600 6.26* 3.96* 25* 30 (Note 2) (Note 1) (Note 1) (Note 3) Units V A A A V mJ A mJ V/ns W W/C C C Gate-Source Voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation (TC = 25C) - Derate above 25C Operating and Storage Temperature Range Maximum lead temperature for soldering purposes, 1/8 from case for 5 seconds 160 6.26 14.7 4.5 48 0.38 -55 to +150 300 * Drain current limited by maximum junction temperature Thermal Characteristics Symbol RJC RJA Parameter Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient FQPF8N60CF 2.6 62.5 Units C/W C/W (c)2006 Fairchild Semiconductor Corporation 1 www.fairchildsemi.com FQPF8N60CF Rev. A FQPF8N60CF 600V N-Channel MOSFET Package Marking and Ordering Information Device Marking FQPF8N60CFT Device FQPF8N60CFT Package TO-220F TC = 25C unless otherwise noted Reel Size -- Tape Width -- Quantity 50 Electrical Characteristics Symbol Off Characteristics BVDSS BVDSS/ TJ IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS ISM VSD trr Qrr NOTES: Parameter Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VGS = 0 V, ID = 250 A ID = 250 A, Referenced to 25C VDS = 600 V, VGS = 0 V VDS = 480 V, TC = 125C VGS = 30 V, VDS = 0 V VGS = -30 V, VDS = 0 V VDS = VGS, ID = 250 A VGS = 10 V, ID = 3.13 A VDS = 40 V, ID =3.13 A VDS = 25 V, VGS = 0 V, f = 1.0 MHz (Note 4) Min 600 -----2.0 ------ Typ -0.7 -----1.25 8.7 965 105 12 Max Units --10 100 100 -100 4.0 1.5 -1255 135 16 V V/C A A nA nA V S pF pF pF ns ns ns ns nC nC nC On Characteristics Dynamic Characteristics Switching Characteristics VDD = 300 V, ID = 6.26A, RG = 25 ---(Note 4, 5) 16.5 60.5 81 64.5 28 4.5 12 ---82 242 45 130 170 140 36 --- ---- VDS = 480 V, ID = 6.26A, VGS = 10 V (Note 4, 5) -- Drain-Source Diode Characteristics and Maximum Ratings Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0 V, IS = 6.26 A VGS = 0 V, IS = 6.26 A, dIF / dt = 100 A/s (Note 4) ------ 6.26 25 1.4 --- A A V ns nC 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 7.3mH, IAS = 6.26A, VDD = 50V, RG = 25 , Starting TJ = 25C 3. ISD 6.26A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25C 4. Pulse Test : Pulse width 300s, Duty cycle 2% 5. Essentially independent of operating temperature FQPF8N60CF Rev. A 2 www.fairchildsemi.com FQPF8N60CF 600V N-Channel MOSFET Typical Performance Characteristics Figure 1. On-Region Characteristics VGS 15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V 5.5 V Bottom : 5.0 V Top : Figure 2. Transfer Characteristics 10 1 10 1 ID, Drain Current [A] ID, Drain Current [A] 150 C o 10 0 25 C 10 0 o -55 C o 10 -1 Notes : 1. 250s Pulse Test 2. TC = 25 -1 Notes : 1. VDS = 40V 2. 250s Pulse Test 10 -1 10 10 0 10 1 2 4 6 8 10 VDS, Drain-Source Voltage [V] VGS, Gate-Source Voltage [V] Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperatue 3.5 RDS(ON) [ ], Drain-Source On-Resistance 2.5 VGS = 10V 2.0 IDR, Reverse Drain Current [A] 3.0 10 1 10 0 1.5 VGS = 20V 1.0 Note : TJ = 25 150 -1 25 Notes : 1. VGS = 0V 2. 250s Pulse Test 0.5 0 5 10 15 20 10 0.2 0.4 0.6 0.8 1.0 1.2 1.4 ID, Drain Current [A] VSD, Source-Drain voltage [V] Figure 5. Capacitance Characteristics 2000 1800 1600 1400 Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd Figure 6. Gate Charge Characteristics 12 10 VGS, Gate-Source Voltage [V] VDS = 120V VDS = 300V VDS = 480V Capacitance [pF] Ciss 8 1200 1000 800 600 400 200 Notes ; 1. VGS = 0 V 2. f = 1 MHz Coss 6 4 Crss 2 * Note : ID = 6.26A 0 0 -1 10 0 5 10 15 20 25 30 10 0 10 1 VDS, Drain-Source Voltage [V] QG, Total Gate Charge [nC] FQPF8N60CF Rev. A 3 www.fairchildsemi.com FQPF8N60CF 600V N-Channel MOSFET Typical Performance Characteristics (Continued) Figure 7. Breakdown Voltage Variation vs. Temperature 1.2 Figure 8. On-Resistance Variation vs. Temperature BVDSS, (Normalized) Drain-Source Breakdown Voltage 3.0 1.1 RDS(ON), (Normalized) Drain-Source On-Resistance 2.5 2.0 1.0 1.5 0.9 1.0 * Notes : 1. VGS = 10 V 2. ID = 3.13 A * Notes : 1. VGS = 0 V 2. ID = 250 0.5 0.8 -100 -50 0 50 100 o 150 200 0.0 -100 -50 0 50 100 o 150 200 TJ, Junction Temperature [ C] TJ, Junction Temperature [ C] Figure 9. Maximum Safe Operating Area Figure 10. Maximum Drain Current vs. Case Temperature 8 10 2 Operation in This Area is Limited by R DS(on) 10 s 100 s 10ms 6 10 1 ID, Drain Current [A] 10 0 100ms DC ID, Drain Current [A] 10 3 1ms 4 10 -1 * Notes : o 1. TC = 25 C 2. TJ = 150 C 3. Single Pulse o 2 10 -2 10 0 10 1 10 2 0 25 50 75 100 o 125 150 VDS, Drain-SourceVoltage[V] TC, Case Temperature [ C] Figure 11. Transient Thermal Response Curve 10 0 D=0.5 0.2 0.1 0.05 Z? JC Thermal Response (t), 10 -1 PDM t1 t2 0.02 0.01 single pulse 10 -2 * Notes : 1. Z? JC = 2.6 ? /W Max. (t) 2. Duty Factor, D=t1/t2 3. TJM - TC = PDM * Z? JC (t) 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 t1, Square Wave Pulse Duration [sec] FQPF8N60CF Rev. A 4 www.fairchildsemi.com FQPF8N60CF 600V N-Channel MOSFET Gate Charge Test Circuit & Waveform Resistive Switching Test Circuit & Waveforms Unclamped Inductive Switching Test Circuit & Waveforms FQPF8N60CF Rev. A 5 www.fairchildsemi.com FQPF8N60CF 600V N-Channel MOSFET Peak Diode Recovery dv/dt Test Circuit & Waveforms FQPF8N60CF Rev. A 6 www.fairchildsemi.com FQPF8N60CF 600V N-Channel MOSFET Mechanical Dimensions TO-220F 3.30 0.10 10.16 0.20 (7.00) o3.18 0.10 2.54 0.20 (0.70) 6.68 0.20 15.80 0.20 (1.00x45) MAX1.47 9.75 0.30 0.80 0.10 (3 0 ) 0.35 0.10 2.54TYP [2.54 0.20] #1 0.50 -0.05 2.54TYP [2.54 0.20] 4.70 0.20 +0.10 2.76 0.20 9.40 0.20 Dimensions in Millimeters FQPF8N60CF Rev. A 7 15.87 0.20 www.fairchildsemi.com TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM FAST(R) FASTrTM ActiveArrayTM FPSTM BottomlessTM FRFETTM Build it NowTM GlobalOptoisolatorTM CoolFETTM GTOTM CROSSVOLTTM HiSeCTM DOMETM I2CTM EcoSPARKTM i-LoTM E2CMOSTM ImpliedDisconnectTM EnSignaTM IntelliMAXTM FACTTM FACT Quiet SeriesTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UniFETTM UltraFET(R) VCXTM WireTM DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Rev. I19 Preliminary No Identification Needed Full Production Obsolete Not In Production |
Price & Availability of FQPF8N60CFT |