Part Number Hot Search : 
2106A MMSZ4710 18581230 7C42X5 ADXRS620 01460 CT373 ASI10650
Product Description
Full Text Search
 

To Download FQI8P10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FQB8P10 / FQI8P10
QFET
FQB8P10 / FQI8P10
100V P-Channel MOSFET
General Description
These P-Channel enhancement mode power field effect transistors are produced using Fairchild's proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for low voltage applications such as audio amplifier, high efficiency switching DC/DC converters, and DC motor control.
TM
Features
* * * * * * * -8.0A, -100V, RDS(on) = 0.53 @VGS = -10 V Low gate charge ( typical 12 nC) Low Crss ( typical 30 pF) Fast switching 100% avalanche tested Improved dv/dt capability 175C maximum junction temperature rating
D
D
G G S
D2-PAK
FQB Series
GDS
I2-PAK
FQI Series
S
Absolute Maximum Ratings
Symbol VDSS ID IDM VGSS EAS IAR EAR dv/dt PD
TC = 25C unless otherwise noted
Parameter Drain-Source Voltage - Continuous (TC = 25C) Drain Current - Continuous (TC = 100C) Drain Current - Pulsed
(Note 1)
FQB8P10 / FQI8P10 -100 -8.0 -5.7 -32 30
(Note 2) (Note 1) (Note 1) (Note 3)
Units V A A A V mJ A mJ V/ns W W W/C C C
Gate-Source Voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation (TA = 25C) *
150 -8.0 6.5 -6.0 3.75 65 0.43 -55 to +175 300
TJ, TSTG TL
Power Dissipation (TC = 25C) - Derate above 25C Operating and Storage Temperature Range Maximum lead temperature for soldering purposes, 1/8" from case for 5 seconds
Thermal Characteristics
Symbol RJC RJA RJA Parameter Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient * Thermal Resistance, Junction-to-Ambient Typ ---Max 2.31 40 62.5 Units C/W C/W C/W
* When mounted on the minimum pad size recommended (PCB Mount)
(c)2002 Fairchild Semiconductor Corporation
Rev. B, August 2002
FQB8P10 / FQI8P10
Electrical Characteristics
Symbol Parameter
TC = 25C unless otherwise noted
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS BVDSS / TJ IDSS IGSSF IGSSR Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse VGS = 0 V, ID = -250 A ID = -250 A, Referenced to 25C VDS = -100 V, VGS = 0 V VDS = -80 V, TC = 150C VGS = -30 V, VDS = 0 V VGS = 30 V, VDS = 0 V -100 -------0.1 -------1 -10 -100 100 V V/C A A nA nA
On Characteristics
VGS(th) RDS(on) gFS Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance VDS = VGS, ID = -250 A VGS = -10 V, ID = -4.0 A VDS = -40 V, ID = -4.0 A
(Note 4)
-2.0 ---
-0.41 4.3
-4.0 0.53 --
V S
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = -25 V, VGS = 0 V, f = 1.0 MHz ---360 120 30 470 155 40 pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge VDS = -80 V, ID = -8.0 A, VGS = -10 V
(Note 4, 5)
VDD = -50 V, ID = -8.0 A, RG = 25
(Note 4, 5)
--------
11 110 20 35 12 3.0 6.4
30 230 50 80 15 ---
ns ns ns ns nC nC nC
Drain-Source Diode Characteristics and Maximum Ratings
IS ISM VSD trr Qrr Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current VGS = 0 V, IS = -8.0 A Drain-Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0 V, IS = -8.0 A, dIF / dt = 100 A/s
(Note 4)
------
---98 0.35
-8.0 -32 -4.0 ---
A A V ns C
Notes: 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 3.5mH, IAS = -8.0A, VDD = -25V, RG = 25 , Starting TJ = 25C 3. ISD -8.0A, di/dt 300A/s, VDD BVDSS, Starting TJ = 25C 4. Pulse Test : Pulse width 300s, Duty cycle 2% 5. Essentially independent of operating temperature
(c)2002 Fairchild Semiconductor Corporation
Rev. B, August 2002
FQB8P10 / FQI8P10
Typical Characteristics
10
1
10
0
-I D , Drain Current [A]
-ID, Drain Current [A]
VGS -15.0 V -10.0 V -8.0 V -7.0 V -6.5 V -5.5 V -5.0 V Bottom : -4.5 V Top :
10
1
175
10
0
25 -55
Notes : 1. VDS = -40V 2. 250 s Pulse Test
10
-1
Notes : 1. 250 s Pulse Test 2. TC = 25
10
-2
10
-1
-1
10
10
0
10
1
2
4
6
8
10
-VDS, Drain-Source Voltage [V]
-VGS , Gate-Source Voltage [V]
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
1.5
RDS(on) [], Drain-Source On-Resistance
1.2
VGS = - 10V
10
1
0.9
VGS = - 20V
0.6
-I DR , Reverse Drain Current [A]
10
0
175
25
Notes : 1. VGS = 0V 2. 250 s Pulse Test
0.3
Note : TJ = 25
0.0 0 5 10 15 20 25
10
-1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-ID , Drain Current [A]
-VSD , Source-Drain Voltage [V]
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperature
900 800
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
12
Coss
700 600
10
VDS = -20V VDS = -50V
-V GS , Gate-Source Voltage [V]
Ciss
Notes : 1. VGS = 0 V 2. f = 1 MHz
8
VDS = -80V
Capacitance [pF]
500 400 300 200 100 0 -1 10
6
Crss
4
2
Note : ID = -8.0 A
0 10
0
10
1
0
2
4
6
8
10
12
14
-VDS, Drain-Source Voltage [V]
QG, Total Gate Charge [nC]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
(c)2002 Fairchild Semiconductor Corporation
Rev. B, August 2002
FQB8P10 / FQI8P10
Typical Characteristics
(Continued)
1.2
3.0
2.5
-BV DSS , (Normalized) Drain-Source Breakdown Voltage
RDS(ON) , (Normalized) Drain-Source On-Resistance
1.1
2.0
1.0
1.5
1.0
Notes : 1. VGS = -10 V 2. ID = -4.0 A
0.9
Notes : 1. VGS = 0 V 2. ID = -250 A
0.5
0.8 -100
-50
0
50
100
o
150
200
0.0 -100
-50
0
50
100
o
150
200
TJ, Junction Temperature [ C]
TJ, Junction Temperature [ C]
Figure 7. Breakdown Voltage Variation vs. Temperature
Figure 8. On-Resistance Variation vs. Temperature
10 10
2
Operation in This Area is Limited by R DS(on)
8
100 s
-I D, Drain Current [A]
10
1
-I D, Drain Current [A]
1 ms 10 ms DC
6
4
10
0
Notes : 1. TC = 25 C 2. TJ = 175 C 3. Single Pulse
o o
2
10
-1
10
0
10
1
10
2
0 25
50
75
100
125
150
175
-VDS, Drain-Source Voltage [V]
TC, Case Temperature []
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current vs. Case Temperature
(t), T h e rm a l R e s p o n s e
10
0
D = 0 .5 0 .2 0 .1 0 .0 5
N o te s : 1 . Z J C (t) = 2 .3 1 /W M a x . 2 . D u ty F a c to r, D = t 1 /t 2 3 . T J M - T C = P D M * Z J C (t)
10
-1
JC
0 .0 2 0 .0 1 s in g le p u ls e
PDM t1 t2
Z
10
-2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
t 1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ]
Figure 11. Transient Thermal Response Curve
(c)2002 Fairchild Semiconductor Corporation
Rev. B, August 2002
FQB8P10 / FQI8P10
Gate Charge Test Circuit & Waveform
50K 12V 200nF 300nF
Same Type as DUT VDS
VGS Qg -10V Qgs Qgd
VGS
DUT
-3mA
Charge
Resistive Switching Test Circuit & Waveforms
VDS VGS RG
RL VDD
td(on)
t on tr td(off)
t off tf
VGS
10%
-10V
DUT VDS
90%
Unclamped Inductive Switching Test Circuit & Waveforms
L VDS ID RG DUT
tp
BVDSS 1 EAS = ---- L IAS2 -------------------2 BVDSS - VDD
tp
Time VDS (t)
VDD
VDD ID (t) IAS BVDSS
-10V
(c)2002 Fairchild Semiconductor Corporation
Rev. B, August 2002
FQB8P10 / FQI8P10
Peak Diode Recovery dv/dt Test Circuit & Waveforms
+ VDS DUT _
I SD L Driver RG
Compliment of DUT (N-Channel)
VDD
VGS
* dv/dt controlled by RG * ISD controlled by pulse period
VGS ( Driver )
Gate Pulse Width D = -------------------------Gate Pulse Period
10V
I SD ( DUT )
Body Diode Reverse Current
IRM
di/dt IFM , Body Diode Forward Current
VDS ( DUT )
VSD
Body Diode Forward Voltage Drop Body Diode Recovery dv/dt
VDD
(c)2002 Fairchild Semiconductor Corporation
Rev. B, August 2002
FQB8P10 / FQI8P10
Package Dimensions
D2-PAK
(0.40) 9.90 0.20 4.50 0.20 1.30 -0.05
+0.10
1.20 0.20
9.20 0.20
15.30 0.30
1.40 0.20
2.00 0.10
0.10 0.15 2.54 0.30 9.20 0.20
Rev. B, August 2002
2.40 0.20
4.90 0.20
(0.75)
1.27 0.10 2.54 TYP
0.80 0.10 2.54 TYP 10.00 0.20 (8.00) (4.40)
0
~3
+0.10
0.50 -0.05
10.00 0.20 15.30 0.30
(1.75)
(2XR0.45)
0.80 0.10
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation
4.90 0.20
(7.20)
FQB8P10 / FQI8P10
Package Dimensions
(Continued)
I2-PAK
9.90 0.20 (0.40) 4.50 0.20
+0.10
1.30 -0.05
1.20 0.20
9.20 0.20 MAX 3.00
(1.46)
13.08 0.20
(0.94)
1.27 0.10
1.47 0.10 0.80 0.10
10.08 0.20
MAX13.40
(4 ) 5
2.54 TYP
2.54 TYP
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. B, August 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) CoolFETTM FASTrTM CROSSVOLTTM FRFETTM DOMETM GlobalOptoisolatorTM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems 2. A critical component is any component of a life support which, (a) are intended for surgical implant into the body, device or system whose failure to perform can be or (b) support or sustain life, or (c) whose failure to perform reasonably expected to cause the failure of the life support when properly used in accordance with instructions for use device or system, or to affect its safety or effectiveness. provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of FQI8P10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X