Part Number Hot Search : 
2SK996 BF800 AT54C TP200 20030 BF800 20030 K2520
Product Description
Full Text Search
 

To Download FPT-20P-M04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUJITSU SEMICONDUCTOR DATA SHEET
THIN SHRINK SMALL OUTLINE PACKAGE
20 PIN PLASTIC
FPT-20P-M04
20-pin plastic TSSOP Lead pitch Package width x package length Lead shape Sealing method Mounting height Weight 0.65 mm 4.40 x 6.50 mm Gullwing Plastic mold 1.20 mmMAX 0.08g P-TSSOP20-4.4x6.5-0.65
(FPT-20P-M04)
Code (Reference)
20-pin plastic TSSOP (FPT-20P-M04)
Note 1) *1 : Resin protrusion. (Each side : +0.15 (.006) Max). Note 2) *2 : These dimensions do not include resin protrusion. Note 3) Pins width and pins thickness include plating thickness. Note 4) Pins width do not include tie bar cutting remainder.
0.170.03 (.007.001)
11
*1 6.500.10(.256.004)
20
*24.400.10
INDEX
6.400.20 (.173.004) (.252.008)
Details of "A" part 1.100.10 (Mounting height) (.043.004) LEAD No.
1 10
0.65(.026)
"A" 0.240.08 (.009.003) 0.13(.005)
M
0~8
0.10(.004)
0.500.20 (.020.008) 0.600.15 (.024.006)
0.050.05 (Stand off) (.002.002) 0.25(.010)
C
2003 FUJITSU LIMITED F20014S-c-3-6
Dimensions in mm (inches). Note: The values in parentheses are reference values.
The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. FUJITSU is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of the information or package dimensions in this document.
0212


▲Up To Search▲   

 
Price & Availability of FPT-20P-M04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X