Part Number Hot Search : 
UDZS15B 204C56AD C2502 ULTRONIX 2D161C 12N60 CTUP3B 2SK27
Product Description
Full Text Search
 

To Download FP75S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2,500 V - 10,000 V Rectifier Stacks
2.2 A Forward Current 3000 ns Recovery Time
FP25S FP50S FP75S FP100S
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) Average Rectified Current (in oil) (Io) 55C Volts FP25S FP50S FP75S FP100S Amps 100C Amps Reverse Current @ Vrwm (Ir) 25C A 100C A 25C Volts Amps Forward Voltage 1 Cycle Surge Current tp=8.3ms (Ifsm) 25C Amps Repetitive Surge Current (Ifrm) 25C Amps Reverse Recovery Time (1) (Trr) 25C ns in. Case Length (L)
(Vf)
2500 5000 7500 10000
2.2 2.2 2.2 2.2
1.3 1.3 1.3 1.3
2.0 2.0 2.0 2.0
50 50 50 50
5.5 11.0 16.5 22.0
4.0 4.0 4.0 4.0
120 120 120 120
20 20 20 20
3000 3000 3000 3000
1.500 2.500 3.500 4.500
8
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp.= -55C to +150C Stg. Temp.= -55C to +150C
2.00(50.80) MIN.
.690 .020 (17.53 .50)
L .020
.051 .003 (1.30 .08)
.380 .020 (9.65 .50)
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
195
FP25S FP50S FP75S FP100S
2.5
MAXIMUM FORWARD CURRENT VS. TEMPERATURE
16 14
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
FP100S
2 Maximum Current (I) 12 Forward Voltage (V)
FP75S
1.5
10 8 6 4 2
FP25S FP50S
1
0.5
0 25 50 75 100 125 Ambient Temperature (C) Temperature (C) 150
0 0 2 4 6 8 10 12 Forward Current (A) 14 16 18
1000
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
Reverse Current (uA)
100
10
1 25 50 75 100 Temperature (C) Temperature (C) 125 150
196


▲Up To Search▲   

 
Price & Availability of FP75S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X