Part Number Hot Search : 
ML120 INTERNA LTC372 MB905 KSP94 1206H SMCJ33C TM6203
Product Description
Full Text Search
 

To Download FP527 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rato
:
FP527 CMOS IC 20
FP527
100
: CMOS <1.0uA Vcc=3.0V~12V OSCI VCC GND TXD
:
1 2 3 4 8 7 6 K3 K2 K1 K0
5 FP527
Symbol OSCI Vcc GND TXD K0 K1 K2 K3
Description
K0 K1 K2 K3
Pin 1 2 3 4 5 6 7 8
I/O I
O I I I I
:
Symbol Parameter Conditions Vcc Operating Voltage Isb Vcc=12V , OSC stop Stand by Current K1~K3=Low Output Unloaded Operating Current Iop Vcc=12V Source Current Ioh Vcc=12V, Voh=6V Sink Current Iol Vcc=12V, Vol=6V Operating Freg Fop Min. 3 Typ. 5
1.0 0.5 3 3 80K
Max. Unit V 12
3.0 1.0 uA mA mA mA Hz
Absolute Maximum Ratings
Symbol Vcc VI Vo Tst Top Pdis
2000.04.11 1
Parameter Supply Voltage Input Voltage Output Voltage Storage Temp Operating Temp Max. Power Dissp
Conditions
Vcc=12V
Rating -0.3 ~ 13 -0.3 ~ Vcc +0.3 -0.3 ~ Vcc +0.3 -40 ~125 -20 ~ 70 300
Unit V V V
mW
FP527 OTP Encoder
Rato
FP527
C0~C19 (
)
D0
D1
D2
D3
: 4 Ick Data(H): Data(L): 4 Ick 12 Ick 12 Ick 124 Ick
4 Ick
: 1 Ick=8
OSC clock
K0~K3
K3 0 0 0 0 0 0 0 1 K2 0 0 0 1 1 1 1 0
:
K1 0 1 1 0 0 1 1 0 K0 1 0 1 0 1 0 1 0 D3 0 0 0 1 1 1 1 1 D2 0 0 0 1 1 1 1 1 D1 0 1 1 0 0 1 1 1 D0 1 1 0 0 1 1 0 1
2000.04.11 2
FP527 OTP Encoder


▲Up To Search▲   

 
Price & Availability of FP527

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X