Part Number Hot Search : 
EHRCA2X 1MC04030 PHB10 CS439 SMAJ16 MAX893 AD821207 122DL
Product Description
Full Text Search
 

To Download FMS2018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Product Information 1.2
FMS2018
SP7T GaAs Multi-Band GSM - UMTS Antenna Switch
Features:
Available in die form Suitable for multi-band GSM/DCS/PCS/ EDGE and UMTS applications Excellent low control voltage performance Excellent harmonic performance under GSM/DCS/PCS power levels Very high Tx-Rx isolation >35dB typ. at 1.8GHz Very high Tx-Tx isolation >30dB typ. at 1.8GHz Very low Tx Insertion loss Very low control current
RX1
Functional Schematic
RX2
RX3
RX4
TX2 VTX2 TX1 VTX1 TX3 VTX3
VRX1
VRX2
VRX3
VRX4 ANT VRXC
Description and Applications:
The FMS2018 is a low loss, high power and linear single pole seven throw Gallium Arsenide antenna switch designed for use in mobile handset applications. The die is fabricated using the Filtronic FL05 0.5m switch process technology which offers leading edge performance optimised for switch applications. The FMS2018 is designed for use in dual/tri and quad-band GSM handset antenna switch modules and RF front-end modules.
Electrical Specifications:
Parameter
Tx Insertion Loss
(TAMBIENT = 25C,Vcontrol = 0V/2.5V, ZIN = ZOUT = 50)
Test Conditions
0.5 - 1.0 GHz 1.0 - 2.0 GHz
Min
Typ
0.5 0.6 0.6 0.8 20 40 35 33 30 -75 -75 -75 -75 < 0.3 < 1.0
Max
Units
dB dB dB dB dB dB dB dB dB dBc dBc dBc dBc s s
Rx Insertion Loss
0.5 - 1.0 GHz 1.0 - 2.0 GHz
Return Loss Isolation TX-RX Isolation TX-TX 2nd Harmonic Level
0.5 - 2.5 GHz 0.5 - 1.0 GHz 1.0 - 2.0 GHz 0.5 - 1.0 GHz 1.0 - 2.0 GHz 1 GHz, Pin = +35 dBm, 100% Duty Cycle 2 GHz, Pin = +33 dBm, 100% Duty Cycle
3rd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle 2 GHz, Pin = +33 dBm, 100% Duty Cycle
Switching speed : Trise, Tfall Ton, Toff
10% to 90% RF and 90% to 10% RF 50% control to 90% RF and 50% control to 10% RF
Note: External DC blocking capacitors are required on all RF ports (typ: 100pF)
1
Preliminary specifications subject to change without notice Filtronic Compound Semiconductors Ltd Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com Contact Details (USA): Tel: +1 (408) 850 5790 Fax: +1 (408) 850 5766 Email: sales@filss.com Website: www.filcs.com
Advanced Product Information 1.2 Truth Table:
VTx1
High Low Low Low Low Low Low
FMS2018
VTx2
Low High Low Low Low Low Low
VTx3
Low Low High Low Low Low Low
VRx1
Low Low Low High Low Low Low
VRx2
Low Low Low Low High Low Low
VRx3
Low Low Low Low Low High Low
VRx4
Low Low Low Low Low Low High
VM
Low Low Low High High High High
ON PATH
ANT-TX1 ANT-TX2 ANT-TX3 ANT-RX1 ANT-RX2 ANT-RX3 ANT-RX4
Note:
`High' `Low'
= +2.5V to +5V = 0V to +0.2V
Pad
Pad and Die Layout:
D A H
A B C
Pad Name
ANT Tx1 Tx2 Tx3 Rx1 Rx2 Rx3 Rx4 VTX1 VTX2 VTX3 VRX1 V RX2 V RX3 V RX4 VRXC
Description
Pin Coordinates (m)
698, 1167 183, 110 182, 498 184, 1147 1066, 536 1063, 663 1063, 993 1066, 1126 693, 102 798, 102 903, 102 995, 633 1066, 326 1066, 427 1008, 102 1113, 102
Antenna TX1 RF Output TX2 RF Output TX3 RF Output RX1 RF Output RX2 RF Output RX3 RF Output RX4 RF Output TX1 Control Voltage TX2 Control Voltage TX3 Control Voltage RX1 Control Voltage RX2 Control Voltage RX3 Control Voltage RX4 Control Voltage Common Receive Switch Control Voltage
G S R T F
D E F G H I
E C M Q L N B I J K O P
J K L M N O P
Q R
GND T1 GND T2 GND T3 GND Rc
Ground 1 Ground 2 Ground 3 Ground 4
178, 392 184, 764 184, 877 1066, 771
Note: Co-ordinates are referenced from the bottom left hand corner of the die to the centre of the bond pad opening Die Size (m)
1230 x 1250
S T
Die Thickness (m)
100
Min. Bond Pad Pitch(m)
88
Min. Bond pad opening (m)
70 x 70
2
Preliminary specifications subject to change without notice Filtronic Compound Semiconductors Ltd Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com Contact Details (USA): Tel: +1 (408) 850 5790 Fax: +1 (408) 850 5766 Email: sales@filss.com Website: www.filcs.com
Advanced Product Information 1.2
FMS2018
Simulated Performance:
TX ON
3
Preliminary specifications subject to change without notice Filtronic Compound Semiconductors Ltd Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com Contact Details (USA): Tel: +1 (408) 850 5790 Fax: +1 (408) 850 5766 Email: sales@filss.com Website: www.filcs.com
Advanced Product Information 1.2
FMS2018
RX ON
4
Preliminary specifications subject to change without notice Filtronic Compound Semiconductors Ltd Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com Contact Details (USA): Tel: +1 (408) 850 5790 Fax: +1 (408) 850 5766 Email: sales@filss.com Website: www.filcs.com
Advanced Product Information 1.2 Preferred Assembly Instructions:
FMS2018
GaAs devices are fragile and should be handled with great care. Specially designed collets should be used where possible. The back of the die is not metallised and the recommended mounting method is by the use of conductive epoxy. Epoxy should be applied to the attachment surface uniformly and sparingly to avoid encroachment of epoxy on to the top face of the die and ideally should not exceed half the chip height. For automated dispense Ablestick LMISR4 is recommended and for manual dispense Ablestick 84-1 LMI or 84-1 LMIT are recommended. These should be cured at a temperature of 150C for 1 hour in an oven especially set aside for epoxy curing only. If possible the curing oven should be flushed with dry nitrogen. This part has gold (Au) bond pads requiring the use of gold (99.99% pure) bondwire. It is recommended that 25.4m diameter gold wire is used. Thermosonic ball bonding is preferred. A nominal stage temperature of 150C and a bonding force of 40g has been shown to give effective results for 25um wire. Ultrasonic energy shall be kept to a minimum. For this bonding technique, stage temperature should not be raised above 200C and bond force should not be raised above 60g. Thermosonic wedge bonding and thermocompression wedge bonding can also be used to achieve good wire bonds. Bonds should be made from the die first and then to the mounting substrate or package. The physical length of the bondwires should be minimised especially when making RF or ground connections.
Handling Precautions:
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and testing. These devices should be treated as Class 1A (0-500 V) as defined in JEDEC Standard No. 22-A114-B. Further information on ESD control measures can be found in MIL-STD-1686 and MILHDBK-263.
Disclaimers:
This product is not designed for use in any space based or life sustaining/supporting equipment.
5
Preliminary specifications subject to change without notice Filtronic Compound Semiconductors Ltd Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com Contact Details (USA): Tel: +1 (408) 850 5790 Fax: +1 (408) 850 5766 Email: sales@filss.com Website: www.filcs.com


▲Up To Search▲   

 
Price & Availability of FMS2018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X